Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TISP3180T3 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # TISP3180T3
Description  Overvoltage Protector Series
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TISP3180T3 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  TISP3180T3 Datasheet HTML 1Page - Bourns Electronic Solutions TISP3180T3 Datasheet HTML 2Page - Bourns Electronic Solutions TISP3180T3 Datasheet HTML 3Page - Bourns Electronic Solutions TISP3180T3 Datasheet HTML 4Page - Bourns Electronic Solutions TISP3180T3 Datasheet HTML 5Page - Bourns Electronic Solutions TISP3180T3 Datasheet HTML 6Page - Bourns Electronic Solutions TISP3180T3 Datasheet HTML 7Page - Bourns Electronic Solutions TISP3180T3 Datasheet HTML 8Page - Bourns Electronic Solutions TISP3180T3 Datasheet HTML 9Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
SEPTEMBER 2001 - REVISED FEBRUARY 2005
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Rating
Symbol
Value
Unit
Repetitive peak off-state voltage, (terminals 1-2 and 3-2)
’3070
’3080
’3095
’3115
’3125
’3145
’3165
’3180
’3200
’3219
’3250
’3290
’3350
’3395
VDRM
±58
±65
±75
±90
±100
±120
±135
±145
±155
±180
±190
±220
±275
±320
V
Non-repetitive peak on-state pulse current (see Notes 1 and 2)
IPPSM
A
2/10 (Telcordia GR-1089-CORE, 2/10 voltage wave shape)
2x250
8/20 (IEC 61000-4-5, combinat ion wave generator, 1.2/50 voltage wave shape)
2x250
10/160 (TIA/EIA-IS-968 (replaces FCC Part 68), 10/160 µs voltage wave shape)
2x150
5/310 (ITU-T K.44, 10/700 µs voltage wave shape used in K.20/.45/.21)
2x120
5/320 (TIA/EIA-IS-968 (replaces FCC Part 68), 9/720 µs voltage wave shape)
2x120
10/560 (TIA/EIA-IS-968 (replaces FCC Part 68), 10/560 µs voltage wave shape)
2x100
10/1000 (Telcordia GR-1089-CORE, 10/1000 voltage wave shape)
2x80
Non-repetitive peak on-state current (see Notes 1 and 2)
ITSM
2x25
2x30
2x1.2
A
50 Hz, 1 cycle
60 Hz, 1 cycle
1000 s 50 Hz/60 Hz a.c.
Initial rate of rise of on-s tate current, Linear current ramp, Maximum ramp value < 50 A
diT/dt
500
A/µs
Junction temperature
TJ
-40 to +150
°C
Storage temperature range
Tstg
-65 to +150
°C
NOTES: 1. Initially, the device must be in thermal equilibrium with TJ =25 °C.
2. These non-repetitive rated currents are peak values of either polarity. The rated current values are applied to the terminals 1 and
3 simultaneously (in this case the terminal 2 return current will be the sum of the currents applied to the terminals 1 and 3). The
surge may be repeated after the device returns to its initial conditions.
TISP3xxxT3BJ Overvoltage Protector Series
Recommended Operating Conditions
Absolute Maximum Ratings, TA = 25 °C (Unless Otherwise Noted)
Component
Min
Typ
Max
Unit
R1, R2
Series resistor for GR-1089-CORE first-level surge survival
Series resistor for ITU-T recommendation K. 20/.45/.21 (coordination with 400 V GDT at 4 kV)
Series resistor for TIA/EIA-IS-968 (replaces FCC Part 68) 9/720 survival
Series resistor for TIA/EIA-IS-968 (replaces FCC Part 68) 10/560 survival
Series resistor for TIA/EIA-IS-968 (replaces FCC Part 68) 10/160 survival
5
6.4
0
0
2.5


Similar Part No. - TISP3180T3

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISP3180 POINN-TISP3180 Datasheet
195Kb / 11P
   DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP3180F3 POINN-TISP3180F3 Datasheet
451Kb / 17P
   DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
logo
Bourns Electronic Solut...
TISP3180F3 BOURNS-TISP3180F3 Datasheet
699Kb / 12P
   MEDIUM-VOLTAGE DUAL BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP3180H3 BOURNS-TISP3180H3 Datasheet
562Kb / 12P
   DUAL BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP3180H3 BOURNS-TISP3180H3 Datasheet
353Kb / 12P
   Overvoltage Protector Series
More results

Similar Description - TISP3180T3

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISP3XXXH3SL BOURNS-TISP3XXXH3SL Datasheet
353Kb / 12P
   Overvoltage Protector Series
TISP4P0XXL1N BOURNS-TISP4P0XXL1N Datasheet
397Kb / 5P
   Overvoltage Protector Series
TISP1XXXH3BJ BOURNS-TISP1XXXH3BJ Datasheet
205Kb / 7P
   Overvoltage Protector Series
TISP9110LDM BOURNS-TISP9110LDM_07 Datasheet
212Kb / 5P
   Overvoltage Protector
TISP4A250H3BJ BOURNS-TISP4A250H3BJ Datasheet
535Kb / 8P
   Overvoltage Protector
TISP4350H3LMR BOURNS-TISP4350H3LMR Datasheet
518Kb / 13P
   TISP4xxxH3LM Overvoltage Protector Series
TISP61089HDM BOURNS-TISP61089HDM_07 Datasheet
279Kb / 7P
   Overvoltage Protector
TISP1XXXF3 BOURNS-TISP1XXXF3 Datasheet
752Kb / 13P
   Overvoltage Protector
TISP4300H3BJR-S BOURNS-TISP4300H3BJR-S Datasheet
392Kb / 13P
   TISP4xxxH3BJ Overvoltage Protector Series
TISP4350H3BJR BOURNS-TISP4350H3BJR Datasheet
392Kb / 13P
   TISP4xxxH3BJ Overvoltage Protector Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com