Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TISP4395J3BJ Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # TISP4395J3BJ
Description  BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TISP4395J3BJ Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  TISP4395J3BJ Datasheet HTML 1Page - Bourns Electronic Solutions TISP4395J3BJ Datasheet HTML 2Page - Bourns Electronic Solutions TISP4395J3BJ Datasheet HTML 3Page - Bourns Electronic Solutions TISP4395J3BJ Datasheet HTML 4Page - Bourns Electronic Solutions TISP4395J3BJ Datasheet HTML 5Page - Bourns Electronic Solutions TISP4395J3BJ Datasheet HTML 6Page - Bourns Electronic Solutions TISP4395J3BJ Datasheet HTML 7Page - Bourns Electronic Solutions TISP4395J3BJ Datasheet HTML 8Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
JULY 2003 - REVISED FEBRUARY 2005
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
TISP4xxxJ3BJ Overvoltage Protector Series
Electrical Characteristics, TA = 25 °C (Unless Otherwise Noted)
ID
Off-state current
VD = ±50 V
TA = 85 °C
±10
µA
Coff
Off-state capacitance
f=1MHz,
Vd=1V rms, VD =0
105
125
pF
f=1MHz,
Vd=1V rms, VD =-1V
95
115
f=1MHz,
Vd=1V rms, VD =-2V
90
105
f=1MHz,
Vd=1V rms, VD =-50 V
42
50
f=1MHz,
Vd=1V rms, VD =-100 V
35
40
NOTE
3: Dynamic voltage measurements should be made with an oscilloscope with limited band width (20 MHz) to avoid high frequency
noise.
Parameter
Test Conditions
Min
Typ
Max
Unit
Thermal Characteristics
Parameter
Test Conditions
Min
Typ
Max
Unit
RθJA Junction to free air thermal resistance
EIA/JESD51-3 PCB, IT = ITSM(1000), TA =25 °C,
(see Note 4)
90
°C/W
NOTE
4:
EIA/JESD51-2 environment and PCB has standard footprint dimensions connected with 5 A rated printed wiring track widths.


Similar Part No. - TISP4395J3BJ

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISP4395J3BJ BOURNS-TISP4395J3BJ Datasheet
545Kb / 7P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results

Similar Description - TISP4395J3BJ

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISP4070L3BJ POINN-TISP4070L3BJ Datasheet
223Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS?
TISP4070M3BJ POINN-TISP4070M3BJ Datasheet
317Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
logo
Bourns Electronic Solut...
TISP4XXXF3LM BOURNS-TISP4XXXF3LM Datasheet
384Kb / 11P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4290T3BJ BOURNS-TISP4290T3BJ_08 Datasheet
232Kb / 6P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XXXM3LM BOURNS-TISP4XXXM3LM Datasheet
449Kb / 16P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4500H3BJ BOURNS-TISP4500H3BJ Datasheet
201Kb / 6P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XX0T3BJ BOURNS-TISP4XX0T3BJ Datasheet
159Kb / 9P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XXXM3AJ BOURNS-TISP4XXXM3AJ Datasheet
426Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4070M3BJ BOURNS-TISP4070M3BJ_07 Datasheet
650Kb / 12P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP43XXMMAJBJ BOURNS-TISP43XXMMAJBJ Datasheet
438Kb / 20P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com