Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TISP4080L3AJ Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # TISP4080L3AJ
Description  BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TISP4080L3AJ Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  TISP4080L3AJ Datasheet HTML 1Page - Bourns Electronic Solutions TISP4080L3AJ Datasheet HTML 2Page - Bourns Electronic Solutions TISP4080L3AJ Datasheet HTML 3Page - Bourns Electronic Solutions TISP4080L3AJ Datasheet HTML 4Page - Bourns Electronic Solutions TISP4080L3AJ Datasheet HTML 5Page - Bourns Electronic Solutions TISP4080L3AJ Datasheet HTML 6Page - Bourns Electronic Solutions TISP4080L3AJ Datasheet HTML 7Page - Bourns Electronic Solutions TISP4080L3AJ Datasheet HTML 8Page - Bourns Electronic Solutions TISP4080L3AJ Datasheet HTML 9Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
JULY 2000 - REVISED FEBRUARY 2005
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
TISP4xxxL3AJ Overvoltage Protector Series
Recommended Operating Conditions
Electrical Characteristics, TA = 25 °C (Unless Otherwise Noted)
Component
Min
Typ
Max
Unit
RS
series resistor for FCC Part 68, 10/560 type A surge survival
12
series resistor for FCC Part 68, 9/720 type B surge survival
0
series resistor for GR-1089-CORE first- level and second-level surge survival
23
series resistor for K.20, K.21 and K.45 1.5 kV, 10/700 surge survival
0
series resistor for K.20, K.21 and K.45 coordination with a 400 V primary protector
7
Parameter
Test Conditions
Min
Typ
Max
Unit
IDRM
Repetitive peak off-
state current
VD = VDRM
TA = 25 °C
TA = 85 °C
±5
±10
µA
V(BO) Breakover voltage
dv/dt = ±250 V/ms, R SOURCE= 300 Ω
‘4070
‘4080
‘4090
‘4125
‘4145
‘4165
‘4180
‘4220
‘4240
‘4260
‘4290
‘4320
‘4350
‘4360
‘4395
±70
±80
±90
±125
±145
±165
±180
±220
±240
±260
±290
±320
±350
±360
±395
V
I(BO) Breakover current
dv/dt = ±250 V/ms, R SOURCE= 300 Ω
±0.8
A
IH
Holding current
I T = ±5A, di/dt = +/-30 mA/ms
±0.15
±0.60
A
dv/dt
Critical rate of rise of
off-state voltage
Linear voltage ramp, Maximum ramp value < 0.85VDRM
±5
kV/µs
ID
Off-state current
‘4070, VD = ±52 V
‘4080, VD = ±59 V
‘4090, VD = ±63 V
‘4125, VD = ±90 V
‘4145, VD = ±108 V
‘4165, VD = ±122 V
‘4180, VD = ±131 V
‘4220, VD = ±144 V
‘4240, VD = ±162 V
‘4260, VD = ±180 V
‘4290, VD = ±207 V
‘4320, VD = ±216 V
‘4350, VD = ±248 V
‘4360, VD = ±261 V
‘4395, VD = ±288 V
±2
µA
ID
Off-state current
D = ±50 V
V
±10
µA


Similar Part No. - TISP4080L3AJ

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISP4080L3AJ BOURNS-TISP4080L3AJ Datasheet
315Kb / 9P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results

Similar Description - TISP4080L3AJ

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISP4070L3BJ POINN-TISP4070L3BJ Datasheet
223Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS?
TISP4070M3BJ POINN-TISP4070M3BJ Datasheet
317Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
logo
Bourns Electronic Solut...
TISP4XXXF3LM BOURNS-TISP4XXXF3LM Datasheet
384Kb / 11P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4290T3BJ BOURNS-TISP4290T3BJ_08 Datasheet
232Kb / 6P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XXXM3LM BOURNS-TISP4XXXM3LM Datasheet
449Kb / 16P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4500H3BJ BOURNS-TISP4500H3BJ Datasheet
201Kb / 6P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XX0T3BJ BOURNS-TISP4XX0T3BJ Datasheet
159Kb / 9P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XXXJ3BJ BOURNS-TISP4XXXJ3BJ Datasheet
187Kb / 8P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XXXM3AJ BOURNS-TISP4XXXM3AJ Datasheet
426Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4070M3BJ BOURNS-TISP4070M3BJ_07 Datasheet
650Kb / 12P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP43XXMMAJBJ BOURNS-TISP43XXMMAJBJ Datasheet
438Kb / 20P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com