Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TISP4125F3LMR Datasheet(PDF) 5 Page - Bourns Electronic Solutions

Part # TISP4125F3LMR
Description  BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TISP4125F3LMR Datasheet(HTML) 5 Page - Bourns Electronic Solutions

  TISP4125F3LMR Datasheet HTML 1Page - Bourns Electronic Solutions TISP4125F3LMR Datasheet HTML 2Page - Bourns Electronic Solutions TISP4125F3LMR Datasheet HTML 3Page - Bourns Electronic Solutions TISP4125F3LMR Datasheet HTML 4Page - Bourns Electronic Solutions TISP4125F3LMR Datasheet HTML 5Page - Bourns Electronic Solutions TISP4125F3LMR Datasheet HTML 6Page - Bourns Electronic Solutions TISP4125F3LMR Datasheet HTML 7Page - Bourns Electronic Solutions TISP4125F3LMR Datasheet HTML 8Page - Bourns Electronic Solutions TISP4125F3LMR Datasheet HTML 9Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
NOVEMBER 1997 - REVISED FEBRUARY 2005
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
TISP4xxxF3LM Overvoltage Protector Series
Typical Characteristics
Figure 2.
Figure 3.
Figure 4.
Figure 5.
T
J - Junction Temperature - °C
-25
0
25
50
75
100
125
150
0·001
0·01
0·1
1
10
100
TC4XAA
V
D = -50 V
V
D = 50 V
T
AMIN - Minimum Ambient Temperature - °C
-40
-35
-30
-25
-20
-15
-10
-5
0
0.95
0.96
0.97
0.98
0.99
1.00
TC4XAB
'4125
THRU
'4180
'4072
AND
'4082
'4240
THRU
'4380
V
T - On-State Voltage - V
23
4
5
6
7 8 9
11
1
10
100
TC3MAL
-40°C
150°C
25°C
T
A - Ambient Temperature - °C
-25
0
25
50
75
100
125
150
0.9
1.0
1.1
TC4XAC
'4240
THRU
'4380
'4072
AND
'4082
'4125
THRU
'4180
'4240
THRU
'4380
'4072
AND
'4082
T
J - Junction Temperature - °C
-25
0
25
50
75
100
125
150
0.4
0.5
0.6
0.7
0.8
0.9
1.5
2.0
1.0
TC4XAD
OFF-STATE CURRENT
vs
JUNCTION TEMPERATURE
NORMALIZED V(BO)
vs
AMBIENT TEMPERATURE
NORMALIZED HOLDING CURRENT
vs
JUNCTION TEMPERATURE
VDRM DERATING FACTOR
vs
MINIMUM AMBIENT TEMPERATURE


Similar Part No. - TISP4125F3LMR

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISP4125F3LM POINN-TISP4125F3LM Datasheet
267Kb / 12P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results

Similar Description - TISP4125F3LMR

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISP4070L3BJ POINN-TISP4070L3BJ Datasheet
223Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS?
TISP4070M3BJ POINN-TISP4070M3BJ Datasheet
317Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
logo
Bourns Electronic Solut...
TISP4290T3BJ BOURNS-TISP4290T3BJ_08 Datasheet
232Kb / 6P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XXXM3LM BOURNS-TISP4XXXM3LM Datasheet
449Kb / 16P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4500H3BJ BOURNS-TISP4500H3BJ Datasheet
201Kb / 6P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XX0T3BJ BOURNS-TISP4XX0T3BJ Datasheet
159Kb / 9P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XXXJ3BJ BOURNS-TISP4XXXJ3BJ Datasheet
187Kb / 8P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XXXM3AJ BOURNS-TISP4XXXM3AJ Datasheet
426Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4070M3BJ BOURNS-TISP4070M3BJ_07 Datasheet
650Kb / 12P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP43XXMMAJBJ BOURNS-TISP43XXMMAJBJ Datasheet
438Kb / 20P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com