Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TISP4350L3BJR-S Datasheet(PDF) 9 Page - Bourns Electronic Solutions

Part # TISP4350L3BJR-S
Description  BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TISP4350L3BJR-S Datasheet(HTML) 9 Page - Bourns Electronic Solutions

Back Button TISP4350L3BJR-S Datasheet HTML 5Page - Bourns Electronic Solutions TISP4350L3BJR-S Datasheet HTML 6Page - Bourns Electronic Solutions TISP4350L3BJR-S Datasheet HTML 7Page - Bourns Electronic Solutions TISP4350L3BJR-S Datasheet HTML 8Page - Bourns Electronic Solutions TISP4350L3BJR-S Datasheet HTML 9Page - Bourns Electronic Solutions TISP4350L3BJR-S Datasheet HTML 10Page - Bourns Electronic Solutions TISP4350L3BJR-S Datasheet HTML 11Page - Bourns Electronic Solutions TISP4350L3BJR-S Datasheet HTML 12Page - Bourns Electronic Solutions TISP4350L3BJR-S Datasheet HTML 13Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
AUGUST 1999 - REVISED FEBRUARY 2005
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
TISP4xxxL3BJ Overvoltage Protector Series
Power Cross Pass Routes
APPLICATIONS INFORMATION
This discussion covers typical modem flows.
Flow
Comment
Box A
The criterion for box A is if the modem connects to an outside TNV line.
The majority of modems will be connected to an outside line, so the answer is
yes. The
yes path goes to box B.
Box B
The criterion for box B is if the equipment has a limit of 100 A2s at 600 V rms
for Test 1. Many interpret this as a fuse with I2t 100 A2s and often miss the
600V a.c. breaking requirement. However, the current loop is comp leted by
the fuse and ot her equipment compon ents. To ensure that the fuse I2t sets
the equipment performance, the other current loop componen ts, such as the
printed wiring (PW), must have higher I2t values than the fuse. Certainly the
fuse I2t needs to be lower than 100 A2s but ot her compon ents, for example IC
packaging, may impose a hazard-free limit of 10 A2s. (This conflicts with TIA/
EIA-IS-968 Type A surge pass requirement of 8 A2s.)
A
yes leads to box C and a no to box E.
Boxes E and I
The criterion for box E is for a minimum telecommunications line cord of No.
26 AWG to be supplied or specified.
A
yes leads to box F and a no to box I.
The criterion for box I is to pass Test 1.
If all the four pass criteria of Test 1 are met, this is a
yes and the flow goes to
box F.
A
no result fails the equipment.
No tests
B
A N
Y
E
B
A
C
N
Y
Y
Fail
E
F
I
N
N
Y
Y


Similar Part No. - TISP4350L3BJR-S

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISP4350L3BJ POINN-TISP4350L3BJ Datasheet
223Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS?
More results

Similar Description - TISP4350L3BJR-S

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISP4070L3BJ POINN-TISP4070L3BJ Datasheet
223Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS?
TISP4070M3BJ POINN-TISP4070M3BJ Datasheet
317Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
logo
Bourns Electronic Solut...
TISP4XXXF3LM BOURNS-TISP4XXXF3LM Datasheet
384Kb / 11P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4290T3BJ BOURNS-TISP4290T3BJ_08 Datasheet
232Kb / 6P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XXXM3LM BOURNS-TISP4XXXM3LM Datasheet
449Kb / 16P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4500H3BJ BOURNS-TISP4500H3BJ Datasheet
201Kb / 6P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XX0T3BJ BOURNS-TISP4XX0T3BJ Datasheet
159Kb / 9P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XXXJ3BJ BOURNS-TISP4XXXJ3BJ Datasheet
187Kb / 8P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XXXM3AJ BOURNS-TISP4XXXM3AJ Datasheet
426Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4070M3BJ BOURNS-TISP4070M3BJ_07 Datasheet
650Kb / 12P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP43XXMMAJBJ BOURNS-TISP43XXMMAJBJ Datasheet
438Kb / 20P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com