Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TISP4070J1BJ Datasheet(PDF) 4 Page - Bourns Electronic Solutions

Part # TISP4070J1BJ
Description  BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TISP4070J1BJ Datasheet(HTML) 4 Page - Bourns Electronic Solutions

  TISP4070J1BJ Datasheet HTML 1Page - Bourns Electronic Solutions TISP4070J1BJ Datasheet HTML 2Page - Bourns Electronic Solutions TISP4070J1BJ Datasheet HTML 3Page - Bourns Electronic Solutions TISP4070J1BJ Datasheet HTML 4Page - Bourns Electronic Solutions TISP4070J1BJ Datasheet HTML 5Page - Bourns Electronic Solutions TISP4070J1BJ Datasheet HTML 6Page - Bourns Electronic Solutions TISP4070J1BJ Datasheet HTML 7Page - Bourns Electronic Solutions TISP4070J1BJ Datasheet HTML 8Page - Bourns Electronic Solutions TISP4070J1BJ Datasheet HTML 9Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
SEPTEMBER 2001 - REVISED FEBRUARY 2005
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
TISP4xxxJ1BJ Overvoltage Protector Series
Electrical Characteristics, TA = 25 °C (Unless Otherwise Noted) (Continued)
I(BO) Breakover current
dv/dt = ±250 V/ms, R SOURCE =300 Ω
±600
mA
IH
Holding current
IT = ±5A, di/dt=+/-30 mA/ms
±20
mA
dv/dt
Critical rate of rise of
off-state voltage
Linear voltage ramp, Maximum ramp value < 0.85 VDRM
±5
kV/µs
ID
Off-state current
VD = ±50 V
TA = 85 °C
±10
µA
Coff
Off-state capacitance
f=1MHz,
Vd=1V rms, VD =0,
‘4070 thru ‘4115
‘4125 thru ‘4219
‘4250 thru ‘4395
195
120
105
235
145
125
pF
f=1MHz,
Vd=1V rms, VD =-1V
‘4070 thru ‘4115
‘4125 thru ‘4219
‘4250 thru ‘4395
180
110
95
215
132
115
f=1MHz,
Vd=1V rms, VD =-2V
‘4070 thru ‘4115
‘4125 thru ‘4219
‘4250 thru ‘4395
165
100
90
200
120
105
f=1MHz,
Vd=1V rms, VD =-50 V
‘4070 thru ‘4115
‘4125 thru ‘4219
‘4250 thru ‘4395
85
50
42
100
60
50
f=1MHz,
Vd=1V rms, VD = -100 V
(see Note 4)
‘4125 thru ‘4219
‘4250 thru ‘4395
40
35
50
40
NOTE 4: To avoid possible voltage clipping, the ‘4125 is tested with VD =-98 V
Parameter
Test Conditions
Min
Typ
Max
Unit
Thermal Characteristics
Parameter
Test Condit ions
Min
Typ
Max
Unit
R θJA Junction to free air thermal resistance
EIA/JESD51-3 PCB, IT = ITSM(1000),
TA = 25 °C, (see Note 5)
90
°C/W
NOTE 5:
EIA/JESD51-2 environment and PCB has standard footprint dimensions connected with 5 A rated printed wiring track widths.


Similar Part No. - TISP4070J1BJ

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISP4070J3BJ BOURNS-TISP4070J3BJ Datasheet
545Kb / 7P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results

Similar Description - TISP4070J1BJ

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISP4070L3BJ POINN-TISP4070L3BJ Datasheet
223Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS?
TISP4070M3BJ POINN-TISP4070M3BJ Datasheet
317Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
logo
Bourns Electronic Solut...
TISP4XXXF3LM BOURNS-TISP4XXXF3LM Datasheet
384Kb / 11P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4290T3BJ BOURNS-TISP4290T3BJ_08 Datasheet
232Kb / 6P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XXXM3LM BOURNS-TISP4XXXM3LM Datasheet
449Kb / 16P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4500H3BJ BOURNS-TISP4500H3BJ Datasheet
201Kb / 6P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XX0T3BJ BOURNS-TISP4XX0T3BJ Datasheet
159Kb / 9P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XXXJ3BJ BOURNS-TISP4XXXJ3BJ Datasheet
187Kb / 8P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XXXM3AJ BOURNS-TISP4XXXM3AJ Datasheet
426Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4070M3BJ BOURNS-TISP4070M3BJ_07 Datasheet
650Kb / 12P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP43XXMMAJBJ BOURNS-TISP43XXMMAJBJ Datasheet
438Kb / 20P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com