Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TISP4300M3BJR Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # TISP4300M3BJR
Description  BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TISP4300M3BJR Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  TISP4300M3BJR Datasheet HTML 1Page - Bourns Electronic Solutions TISP4300M3BJR Datasheet HTML 2Page - Bourns Electronic Solutions TISP4300M3BJR Datasheet HTML 3Page - Bourns Electronic Solutions TISP4300M3BJR Datasheet HTML 4Page - Bourns Electronic Solutions TISP4300M3BJR Datasheet HTML 5Page - Bourns Electronic Solutions TISP4300M3BJR Datasheet HTML 6Page - Bourns Electronic Solutions TISP4300M3BJR Datasheet HTML 7Page - Bourns Electronic Solutions TISP4300M3BJR Datasheet HTML 8Page - Bourns Electronic Solutions TISP4300M3BJR Datasheet HTML 9Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
NOVEMBER 1997 - REVISED FEBRUARY 2005
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Device Symbol
ITU-T K.20/21/44/45 rating ............... 4 kV 10/700, 100 A 5/310
Ion-Implanted Breakdown Region
Precise and Stable Voltage
Low Voltage Overshoot under Surge
SMBJ Package (Top View)
Description
These devices are designed to limit overvoltages on the telephone line. Overvoltages are normally caused by a.c. power system or lightning
flash disturbances which are induced or conducted on to the telephone line. A single device provides 2-point protection and is typically used
for the protection of 2-wire telecommunication equipment (e.g. between the Ring and Tip wires for telephones and modems). Combinations of
devices can be used for multi-point protection (e.g. 3-point protection between Ring, Tip and Ground).
The protector consists of a symmetrical voltage-triggered bidirectional thyristor. Overvoltages are initially clipped by breakdown clamping until
the voltage rises to the breakover level, which causes the device to crowbar into a low-voltage on state. This low-voltage on state causes the
current resulting from the overvoltage to be safely diverted through the device. The high crowbar holding current prevents d.c. latchup as the
diverted current subsides.
TISP4xxxM3BJ Overvoltage Protector Series
Device
VDRM
V
V(BO)
V
‘4070
58
70
‘4080
65
80
‘4095
75
95
‘4115
90
115
‘4125
100
125
‘4145
120
145
‘4165
135
165
‘4180
145
180
‘4200
155
200
‘4220
160
220
‘4240
180
240
‘4250
190
250
‘4265
200
265
‘4290
220
290
‘4300
230
300
‘4350
275
350
‘4360
290
360
‘4395
320
395
‘4400
300
400
Low Differential Capacitance .................................39 pF max.
............................................ UL Recognized Component
®
How To Order
12
T( A)
R(B)
MDXXBGE
T
R
SD4XAA
Terminals T and R correspond to the
alternative line designators of A and B
Rated for International Surge Wave Shapes
Wave Shape
Standard
ITSP
A
2/10 µs
GR-1089-CORE
300
8/20 µsIEC 61000-4-5
220
10/160 µs
FCC Part 68
120
10/700 µsITU-T K.20/21/45
100
10/560 µs
FCC Part 68
75
10/1000 µs
GR-1089-CORE
50
Device
Package
Carrier
TISP 4xxxM3BJ BJ (J-Bend DO-214AA/SMB)
Embossed Tape Reeled
TISP4xxxM3BJR
Bulk Pack
TISP 4xxxM3BJ
TISP4xxxM3BJR-S
TISP 4xxxM3BJ-S
Insert xxx value corresponding to protection voltages of 070, 080, 095, 115, etc.
For Standard
Termination Finish
Order As
For Lead Free
Termination Finish
Order As


Similar Part No. - TISP4300M3BJR

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISP4300M3AJ BOURNS-TISP4300M3AJ Datasheet
426Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4300M3AJ BOURNS-TISP4300M3AJ Datasheet
376Kb / 12P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4300M3AJR BOURNS-TISP4300M3AJR Datasheet
426Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4300M3AJR-S BOURNS-TISP4300M3AJR-S Datasheet
426Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4300M3LM BOURNS-TISP4300M3LM Datasheet
449Kb / 16P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results

Similar Description - TISP4300M3BJR

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISP4070L3BJ POINN-TISP4070L3BJ Datasheet
223Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS?
TISP4070M3BJ POINN-TISP4070M3BJ Datasheet
317Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
logo
Bourns Electronic Solut...
TISP4XXXF3LM BOURNS-TISP4XXXF3LM Datasheet
384Kb / 11P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4290T3BJ BOURNS-TISP4290T3BJ_08 Datasheet
232Kb / 6P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XXXM3LM BOURNS-TISP4XXXM3LM Datasheet
449Kb / 16P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4500H3BJ BOURNS-TISP4500H3BJ Datasheet
201Kb / 6P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XX0T3BJ BOURNS-TISP4XX0T3BJ Datasheet
159Kb / 9P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XXXJ3BJ BOURNS-TISP4XXXJ3BJ Datasheet
187Kb / 8P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XXXM3AJ BOURNS-TISP4XXXM3AJ Datasheet
426Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4070M3BJ BOURNS-TISP4070M3BJ_07 Datasheet
650Kb / 12P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP43XXMMAJBJ BOURNS-TISP43XXMMAJBJ Datasheet
438Kb / 20P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com