Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD745B Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # BD745B
Description  NPN SILICON POWER TRANSISTORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

BD745B Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  BD745B Datasheet HTML 1Page - Bourns Electronic Solutions BD745B Datasheet HTML 2Page - Bourns Electronic Solutions BD745B Datasheet HTML 3Page - Bourns Electronic Solutions BD745B Datasheet HTML 4Page - Bourns Electronic Solutions BD745B Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BD745, BD745A, BD745B, BD745C
NPN SILICON POWER TRANSISTORS
3
P R O D UCT
INFORMA TION
AUGUST 1978 - REVISED SEPTEMBER 2002
Specifications are subject to change without notice.
TYPICAL CHARACTERISTICS
Figure 1.
Figure 2.
MAXIMUM SAFE OPERATING REGIONS
Figure 3.
TYPICAL DC CURRENT GAIN
vs
COLLECTOR CURRENT
I
C - Collector Current - A
0·1
1·0
10
100
10
100
TCS635AE
V
CE = 4 V
t
p = 300 µs, duty cycle < 2%
T
C = 125°C
T
C =
25°C
T
C =
-55°C
COLLECTOR-EMITTER SATURATION VOLTAGE
vs
COLLECTOR CURRENT
I
C - Collector Current - A
0·1
1·0
10
100
0·01
0·1
1·0
10
TCS635AF
T
C =
-55°C
T
C =
25°C
T
C = 125°C
t
p = 300µs, duty cycle < 2%
I
C
I
B
= 10
MAXIMUM FORWARD-BIAS
SAFE OPERATING AREA
V
CE - Collector-Emitter Voltage - V
1·0
10
100
1000
0·01
0·1
1·0
10
100
SAS635AC
BD745
BD745A
BD745B
BD745C
t
p =
1 ms,
d = 0.1 = 10%
t
p =
10 ms,
d = 0.1 = 10%
t
p =
50 ms,
d = 0.1 = 10%
DC Operation


Similar Part No. - BD745B

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
BD745B POINN-BD745B Datasheet
91Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Inchange Semiconductor ...
BD745B ISC-BD745B Datasheet
93Kb / 3P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
BD745B SAVANTIC-BD745B Datasheet
146Kb / 3P
   Silicon NPN Power Transistors
logo
New Jersey Semi-Conduct...
BD745B NJSEMI-BD745B Datasheet
138Kb / 2P
   Silicon NPN Power Transistor
More results

Similar Description - BD745B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com