Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD897 Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # BD897
Description  NPN SILICON POWER DARLINGTONS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

BD897 Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  BD897 Datasheet HTML 1Page - Bourns Electronic Solutions BD897 Datasheet HTML 2Page - Bourns Electronic Solutions BD897 Datasheet HTML 3Page - Bourns Electronic Solutions BD897 Datasheet HTML 4Page - Bourns Electronic Solutions BD897 Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BD895, BD897, BD899, BD901
NPN SILICON POWER DARLINGTONS
3
P R O D UCT
INFORMA TION
AUGUST 1993 - REVISED SEPTEMBER 2002
Specifications are subject to change without notice.
TYPICAL CHARACTERISTICS
Figure 1.
Figure 2.
Figure 3.
TYPICAL DC CURRENT GAIN
vs
COLLECTOR CURRENT
I
C - Collector Current - A
0·5
1·0
10
50000
100
1000
10000
TCS130AD
T
C =
-40°C
T
C =
25°C
T
C = 100°C
V
CE =
3 V
t
p
= 300 µs, duty cycle < 2%
COLLECTOR-EMITTER SATURATION VOLTAGE
vs
COLLECTOR CURRENT
I
C - Collector Current - A
0·5
1·0
10
0·5
1·0
1·5
2·0
TCS130AB
T
C =
-40°C
T
C =
25°C
T
C = 100°C
t
p
= 300 µs, duty cycle < 2%
I
B
= I
C / 100
BASE-EMITTER SATURATION VOLTAGE
vs
COLLECTOR CURRENT
I
C - Collector Current - A
0·5
1·0
10
0·5
1·0
1·5
2·0
2·5
3·0
TCS130AC
T
C =
-40°C
T
C =
25°C
T
C = 100°C
I
B
= I
C / 100
t
p
= 300 µs, duty cycle < 2%


Similar Part No. - BD897

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
BD897 POINN-BD897 Datasheet
115Kb / 6P
   NPN SILICON POWER DARLINGTONS
logo
Savantic, Inc.
BD897 SAVANTIC-BD897 Datasheet
101Kb / 3P
   Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
BD897 JMNIC-BD897 Datasheet
126Kb / 1P
   Silicon PNP Transistors
logo
Inchange Semiconductor ...
BD897 ISC-BD897 Datasheet
134Kb / 3P
   Silicon NPN Power Transistors
logo
New Jersey Semi-Conduct...
BD897 NJSEMI-BD897 Datasheet
127Kb / 2P
   Silicon NPN Darlington Power Transistor
More results

Similar Description - BD897

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
BDX53 POINN-BDX53 Datasheet
150Kb / 6P
   NPN SILICON POWER DARLINGTONS
TIP100 POINN-TIP100 Datasheet
149Kb / 6P
   NPN SILICON POWER DARLINGTONS
logo
Bourns Electronic Solut...
BDW63 BOURNS-BDW63 Datasheet
113Kb / 5P
   NPN SILICON POWER DARLINGTONS
BD895A BOURNS-BD895A Datasheet
107Kb / 5P
   NPN SILICON POWER DARLINGTONS
logo
Power Innovations Ltd
TIPL790 POINN-TIPL790 Datasheet
221Kb / 7P
   NPN SILICON POWER DARLINGTONS
logo
Transys Electronics
TIPL790 TRSYS-TIPL790 Datasheet
618Kb / 6P
   NPN SILICON POWER DARLINGTONS
logo
Bourns Electronic Solut...
BDW53 BOURNS-BDW53 Datasheet
110Kb / 5P
   NPN SILICON POWER DARLINGTONS
BDT61 BOURNS-BDT61 Datasheet
108Kb / 5P
   NPN SILICON POWER DARLINGTONS
logo
Power Innovations Ltd
BDW53 POINN-BDW53 Datasheet
104Kb / 6P
   NPN SILICON POWER DARLINGTONS
logo
New Jersey Semi-Conduct...
BDV65 NJSEMI-BDV65 Datasheet
89Kb / 2P
   NPN SILICON POWER DARLINGTONS
logo
Micro Commercial Compon...
BDX33 MCC-BDX33 Datasheet
875Kb / 4P
   NPN Silicon Power Darlingtons
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com