Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM5T-N Datasheet(PDF) 2 Page - AIMTEC

Part # AM5T-N
Description  5 watt dc-dc converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM5T-N Datasheet(HTML) 2 Page - AIMTEC

  AM5T-N Datasheet HTML 1Page - AIMTEC AM5T-N Datasheet HTML 2Page - AIMTEC AM5T-N Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
VISIT US AT WWW.AIMTEC.CA
MODELS
Single Output
AM5T-N Series
Models
Input Voltage
Ouput Voltage
Ouput Current max.
AM5T-1203S-N
AM5T-1205S-N
AM5T-1212S-N
AM5T-1215S-N
AM5T-1224S-N
AM5T-2403S-N
AM5T-2405S-N
AM5T-2412S-N
AM5T-2415S-N
AM5T-2424S-N
AM5T-4803S-N
AM5T-4805S-N
AM5T-4812S-N
AM5T-4815S-N
AM5T-4824S-N
3.3VDC
5VDC
12VDC
15VDC
24VDC
3.3VDC
5VDC
12VDC
15VDC
24VDC
3.3VDC
5VDC
12VDC
15VDC
24VDC
1200mA
1000mA
420mA
330mA
200mA
1200mA
1000mA
420mA
330mA
200mA
1200mA
1000mA
420mA
330mA
200mA
9-18VDC
OUTLINE DIMENSIONS & PIN CONNECTIONS
Pin
Single
Dual
2
3
9
11
14
16
22
23
-V Input
-V Input
Omitted
N.C.
+V Output
-V Output
+V Input
+V Input
-V Input
-V Input
Common
-V Output
+V Output
Common
+V Input
+V Input
18-36VDC
36-72VDC
Continued on next page
TYPICAL
CHARACTERISTICS
Note: All Pins on a 2.54mm pitch; All Pin diameters are 0.50 mm (Tolerance:±0.25);
All dimensions in mm.


Similar Part No. - AM5T-N

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM5T-0503DH35Z AIMTEC-AM5T-0503DH35Z Datasheet
543Kb / 5P
   5 Watt | DC-DC Converter
AM5T-0503DH35Z AIMTEC-AM5T-0503DH35Z Datasheet
306Kb / 5P
   5 Watt | DC-DC Converter
AM5T-0503DZ AIMTEC-AM5T-0503DZ Datasheet
543Kb / 5P
   5 Watt | DC-DC Converter
AM5T-0503DZ AIMTEC-AM5T-0503DZ Datasheet
306Kb / 5P
   5 Watt | DC-DC Converter
AM5T-0503SH35Z AIMTEC-AM5T-0503SH35Z Datasheet
543Kb / 5P
   5 Watt | DC-DC Converter
More results

Similar Description - AM5T-N

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM5TW AIMTEC-AM5TW Datasheet
261Kb / 2P
   5 watt dc-dc converters
AM5TW-N AIMTEC-AM5TW-N Datasheet
309Kb / 3P
   5 watt dc-dc converters
logo
List of Unclassifed Man...
AM5TW ETC-AM5TW Datasheet
466Kb / 2P
   5 WATT DC-DC CONVERTERS
logo
AIMTEC
AM5TW-C AIMTEC-AM5TW-C Datasheet
311Kb / 2P
   5 watt dc-dc converters
AM5T AIMTEC-AM5T Datasheet
279Kb / 3P
   5 watt dc-dc converters
logo
Wall Industries,Inc.
DCMUA WALL-DCMUA Datasheet
279Kb / 5P
   5 Watt DC/DC Power Converters
logo
CINCON ELECTRONICS Corp...
EC4AW-H6 CINCON-EC4AW-H6 Datasheet
132Kb / 2P
   5-6 WATT DC-DC CONVERTERS
logo
TRACO Electronic AG
TES5 TRACOPOWER-TES5 Datasheet
207Kb / 3P
   DC/DC Converters TES 5 Series, 5 Watt
Rev. September 16, 2022
logo
Wall Industries,Inc.
DCHAA WALL-DCHAA_16 Datasheet
402Kb / 4P
   5~6 Watt DC/DC Power Converters
DCHAA WALL-DCHAA Datasheet
401Kb / 4P
   5~6 Watt DC/DC Power Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com