Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM5TW-2412SC Datasheet(PDF) 2 Page - AIMTEC

Part # AM5TW-2412SC
Description  5 watt dc-dc converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM5TW-2412SC Datasheet(HTML) 2 Page - AIMTEC

  AM5TW-2412SC Datasheet HTML 1Page - AIMTEC AM5TW-2412SC Datasheet HTML 2Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
64
TO ORDER CALL 1-888-9-AIMTEC
AM5TW-C Series
MODELS Single output
Models
Input Voltage
Ouput Voltage
Ouput Current max.
AM5TW-2403SC
3.3VDC
1200mA
AM5TW-2405SC
5VDC
1000mA
AM5TW-2412SC
9VDC - 36VDC
12VDC
500mA
AM5TW-2415SC
15VDC
400mA
AM5TW-2424SC
24VDC
250mA
AM5TW-4803SC
3.3VDC
1200mA
AM5TW-4805SC
5VDC
1000mA
AM5TW-4812SC
18VDC - 75VDC
12VDC
500mA
AM5TW-4815SC
15VDC
400mA
AM5TW-4824SC
24VDC
250mA
Dual output
Models
Input Voltage
Ouput Voltage
Ouput Current max.
AM5TW-2405DC
±5VDC
±500mA
AM5TW-2412DC
9VDC - 36VDC
±12VDC
±250mA
AM5TW-2415DC
±15VDC
±200mA
AM5TW-4805DC
±5VDC
±500mA
AM5TW-4812DC
18VDC - 75VDC
±12VDC
±250mA
AM5TW-4815DC
±15VDC
±200mA
OUTLINE DIMENSIONS & PIN CONNECTIONS
MECHANICAL DIMENSION (Bottom View)
DERATING
BLOCK DIAGRAM
BLOCK DIAGRAM
Single Output
Dual Output
Pin
1500 & 3500 VDC
-V Input
-V Input
N.C.
N.C.
N.C.
+V Output
N.C.
-V Output
+V Input
+V Input
-V Input
-V Input
Common
N.C.
-V Output
+V Output
N.C.
Common
+V Input
+V Input
2
3
9
10
11
14
15
16
22
23
Single
Dual


Similar Part No. - AM5TW-2412SC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AM5TW-2412S ETC-AM5TW-2412S Datasheet
466Kb / 2P
   5 WATT DC-DC CONVERTERS
logo
AIMTEC
AM5TW-2412S AIMTEC-AM5TW-2412S Datasheet
261Kb / 2P
   5 watt dc-dc converters
AM5TW-2412S-N AIMTEC-AM5TW-2412S-N Datasheet
309Kb / 3P
   5 watt dc-dc converters
AM5TW-2412S-RVZ AIMTEC-AM5TW-2412S-RVZ Datasheet
403Kb / 3P
   5 Watt | DC-DC Converter
AM5TW-2412S-RVZ AIMTEC-AM5TW-2412S-RVZ Datasheet
248Kb / 3P
   5 Watt | DC-DC Converter
More results

Similar Description - AM5TW-2412SC

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM5TW AIMTEC-AM5TW Datasheet
261Kb / 2P
   5 watt dc-dc converters
AM5TW-N AIMTEC-AM5TW-N Datasheet
309Kb / 3P
   5 watt dc-dc converters
logo
List of Unclassifed Man...
AM5TW ETC-AM5TW Datasheet
466Kb / 2P
   5 WATT DC-DC CONVERTERS
logo
AIMTEC
AM5T AIMTEC-AM5T Datasheet
279Kb / 3P
   5 watt dc-dc converters
AM5T-N AIMTEC-AM5T-N Datasheet
295Kb / 3P
   5 watt dc-dc converters
logo
Wall Industries,Inc.
DCMUA WALL-DCMUA Datasheet
279Kb / 5P
   5 Watt DC/DC Power Converters
logo
CINCON ELECTRONICS Corp...
EC4AW-H6 CINCON-EC4AW-H6 Datasheet
132Kb / 2P
   5-6 WATT DC-DC CONVERTERS
logo
TRACO Electronic AG
TES5 TRACOPOWER-TES5 Datasheet
207Kb / 3P
   DC/DC Converters TES 5 Series, 5 Watt
Rev. September 16, 2022
logo
Wall Industries,Inc.
DCHAA WALL-DCHAA_16 Datasheet
402Kb / 4P
   5~6 Watt DC/DC Power Converters
DCHAA WALL-DCHAA Datasheet
401Kb / 4P
   5~6 Watt DC/DC Power Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com