Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM6T-N Datasheet(PDF) 2 Page - AIMTEC

Part # AM6T-N
Description  6 watt dc-dc converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM6T-N Datasheet(HTML) 2 Page - AIMTEC

  AM6T-N Datasheet HTML 1Page - AIMTEC AM6T-N Datasheet HTML 2Page - AIMTEC AM6T-N Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TO ORDER CALL 1-888-9-AIMTEC
AM6T-N Series
MODELS
Single Output
Models
Input Voltage
Output Voltage
Max. Output Current
9 - 18VDC
18 - 36VDC
36 - 72VDC
AM6T-1203S-N
AM6T-1205S-N
AM6T-1212S-N
AM6T-1215S-N
AM6T-1224S-N
AM6T-2403S-N
AM6T-2405S-N
AM6T-2412S-N
AM6T-2415S-N
AM6T-2424S-N
AM6T-4803S-N
AM6T-4805S-N
AM6T-4812S-N
AM6T-4815S-N
AM6T-4824S-N
3.3VDC
5VDC
12VDC
15VDC
24VDC
3.3VDC
5VDC
12VDC
15VDC
24VDC
3.3VDC
5VDC
12VDC
15VDC
24VDC
1400mA
1200mA
500mA
400mA
250mA
1400mA
1200mA
500mA
400mA
250mA
1400mA
1200mA
500mA
400mA
250mA
MODELS
Dual Output
Models
Input Voltage
Output Voltage
Max. Output Current
9 - 18VDC
18 - 36VDC
36 - 72VDC
AM6T-1205D-N
AM6T-1212D-N
AM6T-1215D-N
AM6T-1224D-N
AM6T-2405D-N
AM6T-2412D-N
AM6T-2415D-N
AM6T-2424D-N
AM6T-4805D-N
AM6T-4812D-N
AM6T-4815D-N
AM6T-4824D-N
±5VDC
±12VDC
±15VDC
±24VDC
±5VDC
±12VDC
±15VDC
±24VDC
±5VDC
±12VDC
±15VDC
±24VDC
±600mA
±250mA
±200mA
±125mA
±600mA
±250mA
±200mA
±125mA
±600mA
±250mA
±200mA
±125mA
Continued on next page


Similar Part No. - AM6T-N

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM6T-NZ AIMTEC-AM6T-NZ Datasheet
252Kb / 4P
   Pin compatible with multiple manufacturers
More results

Similar Description - AM6T-N

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM6TW AIMTEC-AM6TW Datasheet
248Kb / 2P
   6 watt dc-dc converters
AM6TW-N AIMTEC-AM6TW-N Datasheet
310Kb / 3P
   6 watt dc-dc converters
AM6T AIMTEC-AM6T Datasheet
279Kb / 3P
   6 watt dc-dc converters
logo
Power-One
IMO POWER-ONE-IMO Datasheet
107Kb / 2P
   6 Watt DC-DC Converters
logo
List of Unclassifed Man...
AM6T ETC1-AM6T Datasheet
527Kb / 3P
   6 watt dc-dc converters
logo
Wall Industries,Inc.
DCPDLW06 WALL-DCPDLW06 Datasheet
887Kb / 6P
   6 Watt DC/DC Power Converters
DCPDLW06 WALL-DCPDLW06_16 Datasheet
824Kb / 6P
   6 Watt DC/DC Power Converters
logo
CINCON ELECTRONICS Corp...
EC4AW-H6 CINCON-EC4AW-H6 Datasheet
132Kb / 2P
   5-6 WATT DC-DC CONVERTERS
logo
Wall Industries,Inc.
ELANC WALL-ELANC Datasheet
103Kb / 4P
   6 Watt DC/DC Power Converters
DCPDL06 WALL-DCPDL06_16 Datasheet
826Kb / 7P
   6 Watt DC/DC Power Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com