Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM8T-I Datasheet(PDF) 1 Page - AIMTEC

Part # AM8T-I
Description  8 watt dc-dc converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM8T-I Datasheet(HTML) 1 Page - AIMTEC

  AM8T-I Datasheet HTML 1Page - AIMTEC AM8T-I Datasheet HTML 2Page - AIMTEC AM8T-I Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Input Voltage
Ouput Voltage
Ouput Current max.
Models
General Specifications:
Efficiency
75% to 86%
Switching frequency
300KHz, typ. 100% load
TO ORDER CALL 1-888-9-AIMTEC
AM8T-I Series
8 watt dc-dc converters
24PIN DIP PACKAGE
METAL ENCAPSULATED CASE
POWER MODULES FOR PCB MOUNTING
2:1 WIDE INPUT RANGE
REGULATED OUTPUT
LOW RIPPLE & NOISE
OPERATING TEMPERATURE : -40…+75°C
GENERAL DESCRIPTION
ELECTRICAL SPECIFICATIONS
All specifications valid at nominal input voltage, full load and +25°C after warm-up time unless otherwise stated.
Our AM8T-I series is a family of cost effective 8W
single and dual output DC-DC converters. These
converters are DIP24 compatible metal case with
dimensions of 31.8x20.3x10.2mm. The high per-
formance features of our AM8T-I components
include continuous short circuit protection with
auto recovery, tight line regulation and a high effi-
ciency
operation
coefficient
up
to
86%.
Twenty eight models operate from an input voltage
range of 5, 12, 24 & 48VDC producing output volt-
ages of 3.3, 5, 12, 15, ±5, ±12 & ±15VDC. The nor-
mal operation is specified over the full operating
temperature range of -40°C to +75°C with no derat-
ing required. Cooling is done by free air convec-
tion.
MTBF: > 800,000 hrs (MIL-HDBK-217F, Ground Benign, t=+25ºC)
Specifications are subject to change without notification
Isolation Specifications:
Rated voltage
1500VDC
Resistance
>1000 Mohms
Capacitance
1000pF, typ.
Output Specifications:
Voltage accuracy
±2%, max.
Ripple Noise (3.3,5V)
80m Vp-pmax
Ripple Noise other
1% P-P max
Short circuit protection
Continuous, auto-recovery
Over load protection
Over 110% full load
and recovers automatically
Over Voltage Protection
Zener diode clamp protection
Line regulation (HL-LL) ±0.5%, typ.
Load regulation (10-100%) single ±0.5%, max., dual ±2%
Temperature coefficient
±0.05%/°C, max.
Input Specifications:
Voltage range
12VDC, 9~18VDC
24VDC, 18~36VDC
48VDC, 36~75VDC
Filter
π (Pi) Network
Environmental Specifications:
Operating temperature
-40°C …+75°C
Storage temperature
-55°C …+105°C
Case temperature
+95°C, max.
Humidity (non-condensing)
Up to 95%
Cooling
Free-air convection
Physical Specifications:
Dimensions
31.8x20.3x10.2mm,
tolerance ±0.5mm
1.25x0.8x0.4inches
Weight
18g
Case material
Nickel-Coated Copper
Continued on next page


Similar Part No. - AM8T-I

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM8T-I-Z AIMTEC-AM8T-I-Z Datasheet
384Kb / 4P
   Input/output Isolation voltage 1500VDC
AM8T-I-Z AIMTEC-AM8T-I-Z_16 Datasheet
384Kb / 4P
   8 Watt | DC-DC Converter
AM8T-IZ AIMTEC-AM8T-IZ Datasheet
289Kb / 4P
   8 Watt | DC-DC Converter
AM8T-IZ AIMTEC-AM8T-IZ_13 Datasheet
291Kb / 4P
   8 Watt | DC-DC Converter
More results

Similar Description - AM8T-I

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM8TW-C AIMTEC-AM8TW-C Datasheet
293Kb / 2P
   8 watt dc-dc converters
AM8T-C AIMTEC-AM8T-C Datasheet
297Kb / 2P
   8 watt dc-dc converters
AM8TW-I AIMTEC-AM8TW-I Datasheet
198Kb / 2P
   8 watt dc-dc converters
logo
Wall Industries,Inc.
LANCUW8 WALL-LANCUW8 Datasheet
388Kb / 5P
   8 Watt DC/DC Power Converters
logo
Tumbler Technologies + ...
TC3W-8S2405 TRUMPOWER-TC3W-8S2405 Datasheet
28Kb / 1P
   DC/DC CONVERTERS 4:1 Input, 8 Watt
logo
CINCON ELECTRONICS Corp...
EC6AW CINCON-EC6AW Datasheet
208Kb / 2P
   8 WATT 4:1 INPUT DC-DC CONVERTERS
logo
Power-One
IMS7 POWER-ONE-IMS7 Datasheet
135Kb / 4P
   7 Watt DC-DC Converters
IMX15 POWER-ONE-IMX15 Datasheet
61Kb / 4P
   15 Watt DC-DC Converters
IMX35 POWER-ONE-IMX35 Datasheet
132Kb / 4P
   35 Watt DC-DC Converters
IXP POWER-ONE-IXP Datasheet
138Kb / 2P
   3 Watt DC-DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com