Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM8TW-4805SC Datasheet(PDF) 1 Page - AIMTEC

Part # AM8TW-4805SC
Description  8 watt dc-dc converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM8TW-4805SC Datasheet(HTML) 1 Page - AIMTEC

  AM8TW-4805SC Datasheet HTML 1Page - AIMTEC AM8TW-4805SC Datasheet HTML 2Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
72
TO ORDER CALL 1-888-9-AIMTEC
AM8TW-C Series
8 watt dc-dc converters
24PIN DIP PACKAGE
PLASTIC ENCAPSULATED CASE
POWER MODULES FOR PCB MOUNTING
4:1 WIDE INPUT RANGE
REGULATED OUTPUT
LOW RIPPLE & NOISE
OPERATING TEMPERATURE : -25 … +71°C
GENERAL DESCRIPTION
ELECTRICAL SPECIFICATIONS
All specifications valid at nominal input voltage, full load and +25°C after warm-up time unless otherwise stated.
Our AM8TW-C series is a family of cost effective 8W
single and dual output DC-DC converters. These convert-
ers are shielded on all six sides and aluminum encapsu-
lated, have a non-conductive base and retain an anodized
black DIP24 compatible plastic case and dimensions of
31.8x20.3x10.2mm. The high performance features of
our AM8TW-C components include short circuit protec-
tion with current limit auto recovery, tight line regulation
and a high efficiency operation coefficient up to 82%.
These wide range devices operate over 4:1 input voltage
range, providing a continuously stable output voltage.
Sixteen models operate from an input voltage range of 24
& 48VDC producing output voltages of 3,3, 5, 12, 15, 24,
±5, ±12 & ±15VDC. The normal operation is specified
over the full operating temperature range of -25°C to
+71°C with no derating required. Cooling is done by free
air convection.
MTBF: > 800,000 hrs (MIL-HDBK-217F, Ground Benign, t=+25ºC)
Specifications are subject to change without notification
Isolation Specifications:
Rated voltage
1500VDC
Resistance
>1000 Mohms
Capacitance
1000pF, typ.
Output Specifications:
Voltage accuracy
±2%, max.
Ripple
<0.2% Vout +20mVmax (Vp-p)
Noise
<0.5% Vout +50mVmax (Vp-p)
Short circuit protection
Current limit, auto-recovery
Over current protection
Works over 120% of rating
and recovers automatically
Line regulation (HL-LL) ±0.5%, typ.
Load regulation (10-100%) ±2%, typ.
Temperature coefficient ±0.02%/°C, typ.
Input Specifications:
Voltage range
24VDC, 9~36VDC
48 VDC, 18~75VDC
Filter
p
(Pi) Network
Environmental Specifications:
Operating temperature
-25°C …+71°C
Storage temperature
-55°C …+105°C
Case temperature
+95°C, max.
Humidity (non-condensing)
Up to 95%
Cooling
Free-air convection
Physical Specifications:
Dimensions
31.8x20.3x10.2mm,
tolerance ±0.5mm
1.25x0.8x0.4inches
Weight
13g
Case material
Six-side shielded Aluminum
with Non-Conductive base,
Black Anodize
General Specifications:
Efficiency
78% to 82%
Switching frequency
300KHz, typ. 100% load
Continued on next page


Similar Part No. - AM8TW-4805SC

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM8TW-4805SI AIMTEC-AM8TW-4805SI Datasheet
198Kb / 2P
   8 watt dc-dc converters
AM8TW-4805SIZ AIMTEC-AM8TW-4805SIZ Datasheet
426Kb / 3P
   8 Watt | DC-DC Converter
AM8TW-4805SIZ AIMTEC-AM8TW-4805SIZ Datasheet
151Kb / 4P
   Input/Output Isolation voltage 1500VDC
AM8TW-4805SIZ AIMTEC-AM8TW-4805SIZ Datasheet
341Kb / 3P
   8 Watt | DC-DC Converter
AM8TW-4805SZ AIMTEC-AM8TW-4805SZ Datasheet
386Kb / 4P
   8Watt | DC-DC Converter
More results

Similar Description - AM8TW-4805SC

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM8T-C AIMTEC-AM8T-C Datasheet
297Kb / 2P
   8 watt dc-dc converters
AM8T-I AIMTEC-AM8T-I Datasheet
243Kb / 3P
   8 watt dc-dc converters
AM8TW-I AIMTEC-AM8TW-I Datasheet
198Kb / 2P
   8 watt dc-dc converters
logo
Wall Industries,Inc.
LANCUW8 WALL-LANCUW8 Datasheet
388Kb / 5P
   8 Watt DC/DC Power Converters
logo
Tumbler Technologies + ...
TC3W-8S2405 TRUMPOWER-TC3W-8S2405 Datasheet
28Kb / 1P
   DC/DC CONVERTERS 4:1 Input, 8 Watt
logo
CINCON ELECTRONICS Corp...
EC6AW CINCON-EC6AW Datasheet
208Kb / 2P
   8 WATT 4:1 INPUT DC-DC CONVERTERS
logo
Power-One
IMS7 POWER-ONE-IMS7 Datasheet
135Kb / 4P
   7 Watt DC-DC Converters
IMX15 POWER-ONE-IMX15 Datasheet
61Kb / 4P
   15 Watt DC-DC Converters
IMX35 POWER-ONE-IMX35 Datasheet
132Kb / 4P
   35 Watt DC-DC Converters
IXP POWER-ONE-IXP Datasheet
138Kb / 2P
   3 Watt DC-DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com