Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM6T-4807S Datasheet(PDF) 3 Page - AIMTEC

Part # AM6T-4807S
Description  6 watt dc-dc converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM6T-4807S Datasheet(HTML) 3 Page - AIMTEC

  AM6T-4807S Datasheet HTML 1Page - AIMTEC AM6T-4807S Datasheet HTML 2Page - AIMTEC AM6T-4807S Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
67
VISIT US AT WWW.AIMTEC.CA
MODELS
Dual output
Models
Isolation 1500VDC
Isolation 3500VDC
Input Voltage
Ouput Voltage
Ouput Current max.
AM6T-1203D
AM6T-1205D
AM6T-1207D
AM6T-1209D
AM6T-1212D
AM6T-1215D
AM6T-1218D
AM6T-1224D
AM6T-2403D
AM6T-2405D
AM6T-2407D
AM6T-2409D
AM6T-2412D
AM6T-2415D
AM6T-2418D
AM6T-2424D
AM6T-4803D
AM6T-4805D
AM6T-4807D
AM6T-4809D
AM6T-4812D
AM6T-4815D
AM6T-4818D
AM6T-4824D
AM6T-1203DH35
AM6T-1205DH35
AM6T-1207DH35
AM6T-1209DH35
AM6T-1212DH35
AM6T-1215DH35
AM6T-1218DH35
AM6T-1224DH35
AM6T-2403DH35
AM6T-2405DH35
AM6T-2407DH35
AM6T-2409DH35
AM6T-2412DH35
AM6T-2415DH35
AM6T-2418DH35
AM6T-2424DH35
AM6T-4803DH35
AM6T-4805DH35
AM6T-4807DH35
AM6T-4809DH35
AM6T-4812DH35
AM6T-4815DH35
AM6T-4818DH35
AM6T-4824DH35
9VDC - 18VDC
18VDC - 36VDC
36VDC - 72VDC
±3.3VDC
±5VDC
±7.2VDC
±9VDC
±12VDC
±15VDC
±18VDC
±24VDC
±3.3VDC
±5VDC
±7.2VDC
±9VDC
±12VDC
±15VDC
±18VDC
±24VDC
±3.3VDC
±5VDC
±7.2VDC
±9VDC
±12VDC
±15VDC
±18VDC
±24VDC
±750mA
±600mA
±417mA
±334mA
±250mA
±200mA
±167mA
±125mA
±750mA
±600mA
±417mA
±334mA
±250mA
±200mA
±167mA
±125mA
±750mA
±600mA
±417mA
±334mA
±250mA
±200mA
±167mA
±125mA
AM6T Series


Similar Part No. - AM6T-4807S

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM6T-4807SH35Z AIMTEC-AM6T-4807SH35Z Datasheet
517Kb / 5P
   6 Watt | DC-DC Converter
AM6T-4807SH35Z AIMTEC-AM6T-4807SH35Z Datasheet
313Kb / 5P
   6 Watt | DC-DC Converter
AM6T-4807SZ AIMTEC-AM6T-4807SZ Datasheet
517Kb / 5P
   6 Watt | DC-DC Converter
AM6T-4807SZ AIMTEC-AM6T-4807SZ Datasheet
313Kb / 5P
   6 Watt | DC-DC Converter
More results

Similar Description - AM6T-4807S

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM6TW AIMTEC-AM6TW Datasheet
248Kb / 2P
   6 watt dc-dc converters
AM6TW-N AIMTEC-AM6TW-N Datasheet
310Kb / 3P
   6 watt dc-dc converters
AM6T-N AIMTEC-AM6T-N Datasheet
195Kb / 3P
   6 watt dc-dc converters
logo
Power-One
IMO POWER-ONE-IMO Datasheet
107Kb / 2P
   6 Watt DC-DC Converters
logo
List of Unclassifed Man...
AM6T ETC1-AM6T Datasheet
527Kb / 3P
   6 watt dc-dc converters
logo
Wall Industries,Inc.
DCPDLW06 WALL-DCPDLW06 Datasheet
887Kb / 6P
   6 Watt DC/DC Power Converters
DCPDLW06 WALL-DCPDLW06_16 Datasheet
824Kb / 6P
   6 Watt DC/DC Power Converters
logo
CINCON ELECTRONICS Corp...
EC4AW-H6 CINCON-EC4AW-H6 Datasheet
132Kb / 2P
   5-6 WATT DC-DC CONVERTERS
logo
Wall Industries,Inc.
ELANC WALL-ELANC Datasheet
103Kb / 4P
   6 Watt DC/DC Power Converters
DCPDL06 WALL-DCPDL06_16 Datasheet
826Kb / 7P
   6 Watt DC/DC Power Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com