Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TISP3700F3 Datasheet(PDF) 8 Page - Bourns Electronic Solutions

Part # TISP3700F3
Description  DUAL BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TISP3700F3 Datasheet(HTML) 8 Page - Bourns Electronic Solutions

Back Button TISP3700F3 Datasheet HTML 2Page - Bourns Electronic Solutions TISP3700F3 Datasheet HTML 3Page - Bourns Electronic Solutions TISP3700F3 Datasheet HTML 4Page - Bourns Electronic Solutions TISP3700F3 Datasheet HTML 5Page - Bourns Electronic Solutions TISP3700F3 Datasheet HTML 6Page - Bourns Electronic Solutions TISP3700F3 Datasheet HTML 7Page - Bourns Electronic Solutions TISP3700F3 Datasheet HTML 8Page - Bourns Electronic Solutions TISP3700F3 Datasheet HTML 9Page - Bourns Electronic Solutions TISP3700F3 Datasheet HTML 10Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
NOVEMBER 1997 - REVISED FEBRUARY 2005
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Figure 9a shows a traditional overvoltage protection scheme for a high power switching thyristor, Th1. The protection voltage level is set by a
BOD (BreakOver Diode) thyristor. Potentially damaging voltage transients cause the BOD to crowbar which turns on thyristor Th1. The on state
of thyristor Th1 causes the current drawn by the load from the d.c. voltage supply +V to continuously increase until the fast acting fuse F1
operates.
Resistor R1 limits the peak BOD current and diode D1 protects the unidirectional BOD against reverse polarity voltage. Resistor R2 provides a
d.c. return, and with capacitor C1, forms a low pass network to prevent false triggering from noise. Further trigger voltage discrimination and
isolation is given by the series combination of zener diode D2 and reverse blocking diode D3. Capacitor C2 and Resistor R3 form the normal
snubber network for the thyristor Th1.
TISP3600F3, TISP3700F3
APPLICATIONS INFORMATION
BOD Replacement
Figure 9b shows the TISP3x00F3 replacing the unidirectional BOD and reverse polarity protection diode, D1. Reverse polarity protection is not
needed for the TISP3x00F3 as it is bidirectional.
Figure 9. Thyristor Protection
n
C1
D1
BOD
D2
D3
R1
R2
C2
R3
LOAD
F1
Th1
GATE
DRIVE
C1
TISP
3x00F3
D2
D3
R1
R2
C2
R3
LOAD
F1
Th1
GATE
DRIVE
+V
+V
a)
b)
AI3XAA
IEEE Std 802.3, 2000 Edition (IEEE Standard for Information technology— Telecommunications and information exchange between systems—
Local and metropolitan area networks— Specific requirements, Part 3: Carrier sense multiple access with collision detection (CSMA/CD)
access method and physical layer specifications) specifies three network insulation withstands: 1.5 kV rms a.c., 2.25 kV d.c. and 2.4 kV 1.2/50
impulse. Under these conditions there shall be no insulation breakdown, as defined in IEC 60950:1991. Also, there is a 2 MΩ insulation
resistance minimum requirement measured at 500 V d.c. (250 µA maximum).
In Figure 8, at least one protection element of a TISP3700F3 must be used to give the 500 V working voltage (VDRM) to meet the insulation
resistance requirement. To avoid breakover during the 2.4 kV impulse test, five TISP3700F3 protection elements (2.5 kV VDRM, 2-1/2 SL pack-
ages) or six TISP3600F3 elements (2.52 kV VDRM, 3 SL packages) are required. Transmitters are required to withstand a 1 kV 0.3/50 common-
mode impulse. A TISP3700F3 (1 kV VDRM), from each conductor to ground at the transmitter, would not breakover during the impulse.
LAN System Insulation Protection (continued)


Similar Part No. - TISP3700F3

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISP3070H3 BOURNS-TISP3070H3 Datasheet
562Kb / 12P
   DUAL BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP3070H3 BOURNS-TISP3070H3 Datasheet
353Kb / 12P
   Overvoltage Protector Series
logo
Power Innovations Ltd
TISP3070H3SL POINN-TISP3070H3SL Datasheet
231Kb / 12P
   DUAL BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
logo
Bourns Electronic Solut...
TISP3070T3 BOURNS-TISP3070T3 Datasheet
363Kb / 11P
   Overvoltage Protector Series
logo
Power Innovations Ltd
TISP3072F3 POINN-TISP3072F3 Datasheet
415Kb / 16P
   DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
More results

Similar Description - TISP3700F3

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISP3070H3SL POINN-TISP3070H3SL Datasheet
231Kb / 12P
   DUAL BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
logo
Bourns Electronic Solut...
TISP3070H3 BOURNS-TISP3070H3 Datasheet
562Kb / 12P
   DUAL BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
logo
Power Innovations Ltd
TISP4070L3BJ POINN-TISP4070L3BJ Datasheet
223Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS?
TISP4070M3BJ POINN-TISP4070M3BJ Datasheet
317Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
logo
Bourns Electronic Solut...
TISP4XXXF3LM BOURNS-TISP4XXXF3LM Datasheet
384Kb / 11P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4290T3BJ BOURNS-TISP4290T3BJ_08 Datasheet
232Kb / 6P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XXXM3LM BOURNS-TISP4XXXM3LM Datasheet
449Kb / 16P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4500H3BJ BOURNS-TISP4500H3BJ Datasheet
201Kb / 6P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XX0T3BJ BOURNS-TISP4XX0T3BJ Datasheet
159Kb / 9P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XXXJ3BJ BOURNS-TISP4XXXJ3BJ Datasheet
187Kb / 8P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com