Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TISP3240F3SL-S Datasheet(PDF) 11 Page - Bourns Electronic Solutions

Part # TISP3240F3SL-S
Description  HIGH-VOLTAGE DUAL BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TISP3240F3SL-S Datasheet(HTML) 11 Page - Bourns Electronic Solutions

Back Button TISP3240F3SL-S Datasheet HTML 4Page - Bourns Electronic Solutions TISP3240F3SL-S Datasheet HTML 5Page - Bourns Electronic Solutions TISP3240F3SL-S Datasheet HTML 6Page - Bourns Electronic Solutions TISP3240F3SL-S Datasheet HTML 7Page - Bourns Electronic Solutions TISP3240F3SL-S Datasheet HTML 8Page - Bourns Electronic Solutions TISP3240F3SL-S Datasheet HTML 9Page - Bourns Electronic Solutions TISP3240F3SL-S Datasheet HTML 10Page - Bourns Electronic Solutions TISP3240F3SL-S Datasheet HTML 11Page - Bourns Electronic Solutions TISP3240F3SL-S Datasheet HTML 12Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
MARCH 1994 - REVISED MARCH 2006
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
TISP3xxxF3 (HV) Overvoltage Protector Series
APPLICATIONS INFORMATION
Protection Voltage
The protection voltage, (V(BO)), increases under lightning surge conditions due to thyristor regeneration. This increase is dependent on
the rate of current rise, di/dt, when the TISP® device is clamping the voltage in its breakdown region. The V(BO) value under surge
conditions can be estimated by multiplying the 50 Hz rate V(BO) (250 V/ms) value by the normalized increase at the surge’s di/dt (Figure
7 ). An estimate of the di/dt can be made from the surge generator voltage rate of rise, dv/dt, and the circuit resistance.
As an example, the ITU-T K.21 1.5 kV, 10/700 µs surge has an average dv/dt of 150 V/µs, but, as the rise is exponential, the initial dv/dt
is higher, being in the region of 450 V/µs. The instantaneous generator output resistance is 25 Ω. If the equipment has an additional
series resistance of 20 Ω, the total series resistance becomes 45 Ω. The maximum di/dt then can be estimated as 450/45 = 10 A/µs. In
practice, the measured di/dt and protection voltage increase will be lower due to inductive effects and the finite slope resistance of the
TISP® breakdown region.
Capacitance
Off-state Capacitance
The off-state capacitance of a TISP® device is sensitive to junction temperature, TJ, and the bias voltage, comprising of the d.c. voltage,
VD, and the a.c. voltage, Vd. All the capacitance values in this data sheet are measured with an a.c. voltage of 100 mV. The typical 25 °C
variation of capacitance value with a.c. bias is shown in Figure 17. When VD >> Vd, the capacitance value is independent on the value of
Vd. The capacitance is essentially constant over the range of normal telecommunication frequencies.
Figure 17.
V
d - RMS AC Test Vo ltage - mV
1
10
100
1000
0.70
0.75
0.80
0.85
0.90
0.95
1.00
1.05
AIXXAA
Normalized to V
d = 100 mV
DC Bias, V
D = 0
NORMALIZED CAPACITANCE
vs
RMS AC TEST VOLTAGE


Similar Part No. - TISP3240F3SL-S

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISP3240F3 POINN-TISP3240F3 Datasheet
457Kb / 17P
   DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
logo
Bourns Electronic Solut...
TISP3240F3 BOURNS-TISP3240F3 Datasheet
613Kb / 12P
   HIGH-VOLTAGE DUAL BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP3240F3 BOURNS-TISP3240F3_08 Datasheet
613Kb / 12P
   HIGH-VOLTAGE DUAL BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results

Similar Description - TISP3240F3SL-S

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISP3240F3 BOURNS-TISP3240F3_08 Datasheet
613Kb / 12P
   HIGH-VOLTAGE DUAL BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
logo
Power Innovations Ltd
TISP3070H3SL POINN-TISP3070H3SL Datasheet
231Kb / 12P
   DUAL BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
logo
Bourns Electronic Solut...
TISP4X00F3 BOURNS-TISP4X00F3 Datasheet
352Kb / 11P
   HIGH VOLTAGE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP3070H3 BOURNS-TISP3070H3 Datasheet
562Kb / 12P
   DUAL BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP3X00F3 BOURNS-TISP3X00F3 Datasheet
299Kb / 10P
   DUAL BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP3125F3 BOURNS-TISP3125F3_08 Datasheet
699Kb / 12P
   MEDIUM-VOLTAGE DUAL BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP3072F3 BOURNS-TISP3072F3_08 Datasheet
738Kb / 12P
   LOW-VOLTAGE DUAL BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP30XXF3 BOURNS-TISP30XXF3 Datasheet
675Kb / 12P
   LOW-VOLTAGE DUAL BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
logo
Power Innovations Ltd
TISP4070L3BJ POINN-TISP4070L3BJ Datasheet
223Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS?
TISP4070M3BJ POINN-TISP4070M3BJ Datasheet
317Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com