Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TISP6NTP2CDR Datasheet(PDF) 6 Page - Bourns Electronic Solutions

Part # TISP6NTP2CDR
Description  High Voltage Ringing SLIC Protector
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TISP6NTP2CDR Datasheet(HTML) 6 Page - Bourns Electronic Solutions

  TISP6NTP2CDR Datasheet HTML 1Page - Bourns Electronic Solutions TISP6NTP2CDR Datasheet HTML 2Page - Bourns Electronic Solutions TISP6NTP2CDR Datasheet HTML 3Page - Bourns Electronic Solutions TISP6NTP2CDR Datasheet HTML 4Page - Bourns Electronic Solutions TISP6NTP2CDR Datasheet HTML 5Page - Bourns Electronic Solutions TISP6NTP2CDR Datasheet HTML 6Page - Bourns Electronic Solutions TISP6NTP2CDR Datasheet HTML 7Page - Bourns Electronic Solutions TISP6NTP2CDR Datasheet HTML 8Page - Bourns Electronic Solutions TISP6NTP2CDR Datasheet HTML 9Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
MARCH 2002 – REVISED FEBRUARY 2005
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
TISP6NTP2C High Voltage Ringing SLIC Protector
APPLICATIONS INFORMATION
Figure 2. SLIC Protection
Figure 3. Protection of Four ISDN Power Feeds
Figure 4. Transistor CB and EB Verification
Figure 5. Off-State Current Verification
C
G
100 nF
SLIC 2
TISP6NTP2C
I
K
AI6XBNB
SLIC 1
SLIC
PROTECTOR
0 V
0 V
R
S1
V
BATH
R
S2
R
S3
R
S4
ISDN
POWER
SUPPLY
0
-ve
NEGATIVE
SUPPLY
TISP6NTP2C
+t°
+t°
+t°
+t°
+t°
+t°
+t°
+t°
0
-ve
0
-ve
0
-ve
R
R
R
R
AI6XDJA
CURRENT
SINK
CURRENT
SINK
CURRENT
SINK
CURRENT
SINK
Resistor "R" may be needed if sink has internal clamp diode
V
BATH
+ V
FRM
T
1/4
1/4
ISP
6NTP2C
AI6XCEB
0 V
K
B (G)
I
EB
I
CB
I
GKS
0 V
AI6XCFB
0 V
K
B (G)
I
CB
V
(BO)
TISP
6NTP2C
I
D(I)
I
D
A
I
D(I) is the internal SCR value of ID
I
R


Similar Part No. - TISP6NTP2CDR

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISP6NTP2C BOURNS-TISP6NTP2C Datasheet
245Kb / 7P
   TISP6NTP2C High Voltage Ringing SLIC Protector
TISP6NTP2C BOURNS-TISP6NTP2C Datasheet
474Kb / 7P
   TISP6NTP2C High Voltage Ringing SLIC Protector
TISP6NTP2C BOURNS-TISP6NTP2C_07 Datasheet
245Kb / 7P
   TISP6NTP2C High Voltage Ringing SLIC Protector
TISP6NTP2C BOURNS-TISP6NTP2C_08 Datasheet
474Kb / 7P
   TISP6NTP2C High Voltage Ringing SLIC Protector
More results

Similar Description - TISP6NTP2CDR

ManufacturerPart #DatasheetDescription
logo
Will Semiconductor Ltd.
SPD61089A WILLSEMI-SPD61089A Datasheet
707Kb / 5P
   High Voltage Ringing SLIC Protector
SPD51725QS WILLSEMI-SPD51725QS Datasheet
973Kb / 5P
   High Voltage Ringing SLIC Protector
SPD61089 WILLSEMI-SPD61089 Datasheet
704Kb / 5P
   High Voltage Ringing SLIC Protector
logo
Bourns Electronic Solut...
TISP61089B BOURNS-TISP61089B Datasheet
1Mb / 20P
   High Voltage Ringing SLIC Protector
TISP6NTP2C BOURNS-TISP6NTP2C_07 Datasheet
245Kb / 7P
   TISP6NTP2C High Voltage Ringing SLIC Protector
logo
HuaXinAn Electronics CO...
P61089B HUAXINAN-P61089B Datasheet
447Kb / 4P
   P61089B High Voltage Ringing SLIC Protector
logo
Bourns Electronic Solut...
TISP6NTP2C BOURNS-TISP6NTP2C_08 Datasheet
474Kb / 7P
   TISP6NTP2C High Voltage Ringing SLIC Protector
logo
List of Unclassifed Man...
TISP61089B ETC1-TISP61089B Datasheet
411Kb / 22P
   TISP61089B High Voltage Ringing SLIC Protector
logo
Agere Systems
L9500A AGERE-L9500A Datasheet
616Kb / 32P
   High-Voltage Ringing SLIC for VolP Applications
logo
Mitel Networks Corporat...
MT91610 MITEL-MT91610 Datasheet
67Kb / 18P
   Analog Ringing SLIC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com