Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TISP7015L1DR Datasheet(PDF) 5 Page - Bourns Electronic Solutions

Part # TISP7015L1DR
Description  TRIPLE ELEMENT THYRISTOR OVERVOLTAGE PROTECTORS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TISP7015L1DR Datasheet(HTML) 5 Page - Bourns Electronic Solutions

  TISP7015L1DR Datasheet HTML 1Page - Bourns Electronic Solutions TISP7015L1DR Datasheet HTML 2Page - Bourns Electronic Solutions TISP7015L1DR Datasheet HTML 3Page - Bourns Electronic Solutions TISP7015L1DR Datasheet HTML 4Page - Bourns Electronic Solutions TISP7015L1DR Datasheet HTML 5Page - Bourns Electronic Solutions TISP7015L1DR Datasheet HTML 6Page - Bourns Electronic Solutions TISP7015L1DR Datasheet HTML 7Page - Bourns Electronic Solutions TISP7015L1DR Datasheet HTML 8Page - Bourns Electronic Solutions TISP7015L1DR Datasheet HTML 9Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
JULY 2000 – REVISED FEBRUARY 2005
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
TISP70xxL1 (VLV) OvervoltageProtectors
Typical Characteristics
Figure 2.
Figure 3.
Figure 4.
Figure 5.
OFF-STATE CURRENT
vs
JUNCTION TEMPERATURE
T
A - Ambient Te mperature - °C
050
100
150
1
10
100
1000
10000
TC7LVC
'7015L1
'7038L1
V
D = ±50 V
NORMALIZED BREAKOVER VOLTAGE
vs
JUNCTION TEMPERATURE
T
J - Junction T emperature - °C
-25
0
25
50
75
100
125
150
0.95
1.00
1.05
1.10
TC7LVE
'7015L1
'7038L1
ON-STATE CURRENT
vs
ON-STATE VOLTAGE
V
T - On-State Voltage - V
23
4
5 6 7 8 9
20
110
0.1
1
10
100
TC7LVB
tw = 100 µs
TA = 25 °C
NORMALIZED HOLDING CURRENT
vs
JUNCTION TEMPERATURE
T
J - Junction T emperature - °C
-25
0
25
50
75
100
125
150
0.4
0.5
0.6
0.7
0.8
0.9
1.5
2
1
TC7LVD


Similar Part No. - TISP7015L1DR

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISP7015L1DR-S BOURNS-TISP7015L1DR-S Datasheet
507Kb / 8P
   TRIPLE ELEMENT THYRISTOR OVERVOLTAGE PROTECTORS
More results

Similar Description - TISP7015L1DR

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISP7015L1 BOURNS-TISP7015L1_08 Datasheet
507Kb / 8P
   TRIPLE ELEMENT THYRISTOR OVERVOLTAGE PROTECTORS
TISP7XXXH3SL BOURNS-TISP7XXXH3SL Datasheet
395Kb / 13P
   TRIPLE ELEMENT BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP70XXF3 BOURNS-TISP70XXF3 Datasheet
496Kb / 16P
   LOW-VOLTAGE TRIPLE ELEMENT BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP7072F3 BOURNS-TISP7072F3_08 Datasheet
829Kb / 15P
   LOW-VOLTAGE TRIPLE ELEMENT BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP7125F3 BOURNS-TISP7125F3_08 Datasheet
988Kb / 19P
   MEDIUM & HIGH-VOLTAGE TRIPLE ELEMENT BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP7XXXF3 BOURNS-TISP7XXXF3 Datasheet
555Kb / 19P
   MEDIUM & HIGH-VOLTAGE TRIPLE ELEMENT BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
logo
Power Innovations Ltd
TISP7070H3SL POINN-TISP7070H3SL Datasheet
283Kb / 14P
   TRIPLE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS?
TISP7072F3 POINN-TISP7072F3 Datasheet
400Kb / 22P
   TRIPLE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS???
TISP7125F3 POINN-TISP7125F3 Datasheet
489Kb / 25P
   TRIPLE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS???
TISP4070L3BJ POINN-TISP4070L3BJ Datasheet
223Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com