Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TISP821XMD Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # TISP821XMD
Description  COMPLEMENTARY BUFFERED-GATE SCRS FOR DUAL POLARITY SLIC OVERVOLTAGE PROTECTION
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TISP821XMD Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  TISP821XMD Datasheet HTML 1Page - Bourns Electronic Solutions TISP821XMD Datasheet HTML 2Page - Bourns Electronic Solutions TISP821XMD Datasheet HTML 3Page - Bourns Electronic Solutions TISP821XMD Datasheet HTML 4Page - Bourns Electronic Solutions TISP821XMD Datasheet HTML 5Page - Bourns Electronic Solutions TISP821XMD Datasheet HTML 6Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex
JANUARY 2006
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
TISP821xMD Overvoltage Protectors
TISP8210MD BUFFERED P-GATE SCR DUAL
TISP8211MD BUFFERED N-GATE SCR DUAL
COMPLEMENTARY BUFFERED-GATE SCRS
FOR DUAL POLARITY SLIC OVERVOLTAGE PROTECTION
TISP8210MD 8-SOIC Package (Top View)
High Performance Protection for SLICs with +ve & -ve
Battery Supplies
TISP8210MD Negative Overvoltage Protector
– Wide 0 to -110 V Programming Range
– Low +5 mA Max. Gate Triggering Current
– High -150 mA Min. Holding Current
TISP8211MD Positive Overvoltage Protector
– Wide 0 to +110 V Programming Range
– Low -5 mA Max. Gate Triggering Current
– +20 mA Min. Holding Current
Rated for International Surge Wave Shapes
Wave Shape
Standard
IPPSM
A
2/10
GR-1089-CORE
167
10/700
ITU-T K.20/21/45
70
10/1000
GR-1089-CORE
60
1
2
3
4
5
6
7
8
MDRXAKC
NC - No internal connection
G2
A
A
G1
K1
K2
NC
NC
TISP8210MD Device Symbol
SDRXAJB
A
A
G1
G2
K1
K2
Circuit Application Diagram
TISP8211MD 8-SOIC Package (Top View)
1
2
3
4
5
6
7
8
MDRXALC
NC - No internal connection
G2
K
K
G1
A1
A2
NC
NC
TISP8211MD Device Symbol
SDRXAKB
A1
A2
K
K
G1
G2
- V
BAT
SLIC
PROTECTION
TISP8211MD
AI-TISP8-003-a
Tip
Ring
C2
100 nF
+V
BAT
C1
100 nF
TISP8210MD


Similar Part No. - TISP821XMD

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISP821XMD BOURNS-TISP821XMD_07 Datasheet
417Kb / 6P
   COMPLEMENTARY BUFFERED-GATE SCRS
More results

Similar Description - TISP821XMD

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISP8200M BOURNS-TISP8200M Datasheet
286Kb / 11P
   COMPLEMENTARY BUFFERED-GATE SCRS FOR DUAL POLARITY SLIC OVERVOLTAGE PROTECTION
TISP8200HDM BOURNS-TISP8200HDM Datasheet
481Kb / 7P
   COMPLEMENTARY BUFFERED-GATE SCRS FOR DUAL POLARITY SLIC OVERVOLTAGE PROTECTION
TISP820XM BOURNS-TISP820XM Datasheet
329Kb / 13P
   COMPLEMENTARY BUFFERED-GATE SCRS FOR DUAL POLARITY SLIC OVERVOLTAGE PROTECTION
TISP9110LDM BOURNS-TISP9110LDM Datasheet
189Kb / 5P
   INTEGRATED COMPLEMENTARY BUFFERED-GATE SCRS FOR DUAL POLARITY SLIC OVERVOLTAGE PROTECTION
TISP9110MDM BOURNS-TISP9110MDM Datasheet
376Kb / 5P
   INTEGRATED COMPLEMENTARY BUFFERED-GATE SCRS FOR DUAL POLARITY SLIC OVERVOLTAGE PROTECTION
TISP821XMD BOURNS-TISP821XMD_07 Datasheet
417Kb / 6P
   COMPLEMENTARY BUFFERED-GATE SCRS
logo
Maxim Integrated Produc...
MAX4864L MAXIM-MAX4864L Datasheet
346Kb / 12P
   Overvoltage Protection Controllers with Reverse Polarity Protection
Rev 1; 5/06
MAX4864L MAXIM-MAX4864L_10 Datasheet
197Kb / 11P
   Overvoltage Protection Controllers with Reverse Polarity Protection
Rev 2; 5/10
logo
Bourns Electronic Solut...
TISP61089M BOURNS-TISP61089M Datasheet
398Kb / 6P
   TISP61089M SLIC Overvoltage Protector
logo
STMicroelectronics
THBT7011D STMICROELECTRONICS-THBT7011D Datasheet
54Kb / 8P
   DUAL OVERVOLTAGE PROTECTION FOR TELECOM LINE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com