Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TISP7072F3SL-S Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # TISP7072F3SL-S
Description  LOW-VOLTAGE TRIPLE ELEMENT BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TISP7072F3SL-S Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  TISP7072F3SL-S Datasheet HTML 1Page - Bourns Electronic Solutions TISP7072F3SL-S Datasheet HTML 2Page - Bourns Electronic Solutions TISP7072F3SL-S Datasheet HTML 3Page - Bourns Electronic Solutions TISP7072F3SL-S Datasheet HTML 4Page - Bourns Electronic Solutions TISP7072F3SL-S Datasheet HTML 5Page - Bourns Electronic Solutions TISP7072F3SL-S Datasheet HTML 6Page - Bourns Electronic Solutions TISP7072F3SL-S Datasheet HTML 7Page - Bourns Electronic Solutions TISP7072F3SL-S Datasheet HTML 8Page - Bourns Electronic Solutions TISP7072F3SL-S Datasheet HTML 9Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
MARCH 1994 - REVISED MARCH 2006
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Electrical Characteristics for all Terminal Pairs, TA = 25 °C (Unless Otherwise Noted)
Parameter
Test Conditions
Min
Typ
Max
Unit
IDRM
Repetitive peak off-
state current
VD =VDRM, 0 °C< TA <70 °C
±10
µA
V(BO)
Breakover voltage
dv/dt = ±250 V/ms, RSOURCE = 300
‘7072F3
‘7082F3
±72
±82
V
V(BO)
Impulse breakover
voltage
dv/dt ±1000 V/µs, Linear voltage ramp,
Maximum ramp value = ±500 V
di/dt = ±20 A/µs, Linear current ramp,
Maximum ramp value = ±10 A
‘7072F3
‘7082F3
±90
±100
V
I(BO)
Breakover current
dv/dt = ±250 V/ms, RSOURCE = 300
±0.1
±0.8
A
VT
On-state voltage
IT = ±5A, tW = 100 µs
±5V
IH
Holding current
IT = ±5A, di/dt= - /+30mA/ms
±0.15
A
dv/dt
Critical rate of rise of
off-state voltage
Linear voltage ramp, Maximum ramp value < 0.85VDRM
±5kV/µs
ID
Off-state current
VD = ±50 V
±10
µA
Coff
Off-state capacitance
f= 1 MHz,
Vd =1 V rms, VD =0
f= 1 MHz,
Vd =1 V rms, VD =-1 V
f= 1 MHz,
Vd =1 V rms, VD =-2 V
f= 1 MHz,
Vd =1 V rms, VD =-5 V
f= 1 MHz,
Vd =1 V rms, VD =-50 V
f= 1 MHz,
Vd =1 V rms, VDTR =0
(see Note 4)
53
56
51
43
25
29
69
73
66
56
33
37
pF
NOTE
4: Three-terminal guarded measurement, unmeasured terminal voltage bias is zero. First six capacitance values, with bias VD, are
for the R-G and T-G terminals only. The last capacitance value, with bias VDTR, is for the T-R terminals.
Thermal Characteristics
TISP70xxF3 (LV) Overvoltage Protector Series
Parameter
Test Conditions
Min
Typ
Max
Unit
RθJA
Junction to free air thermal resistance
Ptot =0.8 W, TA = 25 C
5cm2, FR4 PCB
D Package
160
C/W
SL Package
135
°
°


Similar Part No. - TISP7072F3SL-S

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISP7072F3SL POINN-TISP7072F3SL Datasheet
400Kb / 22P
   TRIPLE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS???
More results

Similar Description - TISP7072F3SL-S

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISP7072F3 BOURNS-TISP7072F3_08 Datasheet
829Kb / 15P
   LOW-VOLTAGE TRIPLE ELEMENT BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP7XXXH3SL BOURNS-TISP7XXXH3SL Datasheet
395Kb / 13P
   TRIPLE ELEMENT BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP7125F3 BOURNS-TISP7125F3_08 Datasheet
988Kb / 19P
   MEDIUM & HIGH-VOLTAGE TRIPLE ELEMENT BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP7XXXF3 BOURNS-TISP7XXXF3 Datasheet
555Kb / 19P
   MEDIUM & HIGH-VOLTAGE TRIPLE ELEMENT BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP70XXL1 BOURNS-TISP70XXL1 Datasheet
244Kb / 10P
   TRIPLE ELEMENT THYRISTOR OVERVOLTAGE PROTECTORS
TISP7015L1 BOURNS-TISP7015L1_08 Datasheet
507Kb / 8P
   TRIPLE ELEMENT THYRISTOR OVERVOLTAGE PROTECTORS
logo
Power Innovations Ltd
TISP7070H3SL POINN-TISP7070H3SL Datasheet
283Kb / 14P
   TRIPLE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS?
TISP7072F3 POINN-TISP7072F3 Datasheet
400Kb / 22P
   TRIPLE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS???
TISP7125F3 POINN-TISP7125F3 Datasheet
489Kb / 25P
   TRIPLE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS???
logo
Bourns Electronic Solut...
TISP40XXL1AJBJ BOURNS-TISP40XXL1AJBJ Datasheet
489Kb / 15P
   VERY LOW VOLTAGE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com