Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TISP8201MDR-S Datasheet(PDF) 10 Page - Bourns Electronic Solutions

Part # TISP8201MDR-S
Description  COMPLEMENTARY BUFFERED-GATE SCRS FOR DUAL POLARITY SLIC OVERVOLTAGE PROTECTION
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TISP8201MDR-S Datasheet(HTML) 10 Page - Bourns Electronic Solutions

Back Button TISP8201MDR-S Datasheet HTML 5Page - Bourns Electronic Solutions TISP8201MDR-S Datasheet HTML 6Page - Bourns Electronic Solutions TISP8201MDR-S Datasheet HTML 7Page - Bourns Electronic Solutions TISP8201MDR-S Datasheet HTML 8Page - Bourns Electronic Solutions TISP8201MDR-S Datasheet HTML 9Page - Bourns Electronic Solutions TISP8201MDR-S Datasheet HTML 10Page - Bourns Electronic Solutions TISP8201MDR-S Datasheet HTML 11Page - Bourns Electronic Solutions TISP8201MDR-S Datasheet HTML 12Page - Bourns Electronic Solutions TISP8201MDR-S Datasheet HTML 13Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
MAY 1998 - REVISED FEBRUARY 2005
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
TISP8200M & TISP8201M
Figure 9. Voltage Overshoot Referenced to Gate Bias Voltage
TISP8200M 2/10 OVERSHOOT
Time - ns
0
100 200 300 400 500 600 700 800 900 1000
-20
-10
0
10
20
AI8XAMA
(I
K) IT = -100 A
V
GA = -80 V
TISP8201M 2/10 OVERSHOOT
Time - ns
0
100
200
300
400
500
-20
-10
0
10
20
AI8XANA
(I
A) IT = +100 A
V
GK = +80 V
Figure 10. Line Protection with TISP8200M and TISP8201M
C1
100 nF
SLIC
V
BATH
C2
100 nF
V
BATR
0 V
0 V
TISP
8201M
RING
TIP
R1
GR-1089-CORE
R1 = 15
Ω min. (1st & 2nd level)
ITU-T K.20 & K.21
R1 = 10 Ω
Ω min for coordination
R1
TISP
8200M
AI8XAE
Figure 9 shows typical overshoots on a 100 A 2/10 waveshape. Both devices are under 10 V peak, which meets the needs of the SLICs listed
earlier.
TISP8200M and TISP8201M Voltage Overshoot
Figure 10 shows a typical circuit for single line protection using one TISP8200M and one TISP8201M. The series resistor values limit the test
impulse currents to within the protector ratings.
Line Protection with TISP8200M and TISP8201M


Similar Part No. - TISP8201MDR-S

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISP8201M BOURNS-TISP8201M Datasheet
286Kb / 11P
   COMPLEMENTARY BUFFERED-GATE SCRS FOR DUAL POLARITY SLIC OVERVOLTAGE PROTECTION
More results

Similar Description - TISP8201MDR-S

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISP8200M BOURNS-TISP8200M Datasheet
286Kb / 11P
   COMPLEMENTARY BUFFERED-GATE SCRS FOR DUAL POLARITY SLIC OVERVOLTAGE PROTECTION
TISP8200HDM BOURNS-TISP8200HDM Datasheet
481Kb / 7P
   COMPLEMENTARY BUFFERED-GATE SCRS FOR DUAL POLARITY SLIC OVERVOLTAGE PROTECTION
TISP821XMD BOURNS-TISP821XMD Datasheet
414Kb / 6P
   COMPLEMENTARY BUFFERED-GATE SCRS FOR DUAL POLARITY SLIC OVERVOLTAGE PROTECTION
TISP9110LDM BOURNS-TISP9110LDM Datasheet
189Kb / 5P
   INTEGRATED COMPLEMENTARY BUFFERED-GATE SCRS FOR DUAL POLARITY SLIC OVERVOLTAGE PROTECTION
TISP9110MDM BOURNS-TISP9110MDM Datasheet
376Kb / 5P
   INTEGRATED COMPLEMENTARY BUFFERED-GATE SCRS FOR DUAL POLARITY SLIC OVERVOLTAGE PROTECTION
TISP821XMD BOURNS-TISP821XMD_07 Datasheet
417Kb / 6P
   COMPLEMENTARY BUFFERED-GATE SCRS
logo
Maxim Integrated Produc...
MAX4864L MAXIM-MAX4864L Datasheet
346Kb / 12P
   Overvoltage Protection Controllers with Reverse Polarity Protection
Rev 1; 5/06
MAX4864L MAXIM-MAX4864L_10 Datasheet
197Kb / 11P
   Overvoltage Protection Controllers with Reverse Polarity Protection
Rev 2; 5/10
logo
Bourns Electronic Solut...
TISP61089M BOURNS-TISP61089M Datasheet
398Kb / 6P
   TISP61089M SLIC Overvoltage Protector
logo
STMicroelectronics
THBT7011D STMICROELECTRONICS-THBT7011D Datasheet
54Kb / 8P
   DUAL OVERVOLTAGE PROTECTION FOR TELECOM LINE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com