Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TISP4095M3LM-S Datasheet(PDF) 5 Page - Bourns Electronic Solutions

Part # TISP4095M3LM-S
Description  BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TISP4095M3LM-S Datasheet(HTML) 5 Page - Bourns Electronic Solutions

  TISP4095M3LM-S Datasheet HTML 1Page - Bourns Electronic Solutions TISP4095M3LM-S Datasheet HTML 2Page - Bourns Electronic Solutions TISP4095M3LM-S Datasheet HTML 3Page - Bourns Electronic Solutions TISP4095M3LM-S Datasheet HTML 4Page - Bourns Electronic Solutions TISP4095M3LM-S Datasheet HTML 5Page - Bourns Electronic Solutions TISP4095M3LM-S Datasheet HTML 6Page - Bourns Electronic Solutions TISP4095M3LM-S Datasheet HTML 7Page - Bourns Electronic Solutions TISP4095M3LM-S Datasheet HTML 8Page - Bourns Electronic Solutions TISP4095M3LM-S Datasheet HTML 9Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
NOVEMBER 1997 - REVISED FEBRUARY 2005
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Parameter
Test Conditions
Min
Typ
Max
Unit
RθJA
Junction to free air thermal resistance
EIA/JESD51-3 PCB, IT = ITSM(1000),
TA = 25 °C, (see Note 7)
120
°C/W
265 mm x 210 mm populated line card,
4-layer PCB, IT = ITSM(1000), TA = 25 °C
57
NOTE
7:
EIA/JESD51-2 environment and PCB has standard footprint dimensions connected with 5 A rated printed wiring track widths.
Thermal Characteristics
TISP4xxxM3LM Overvoltage Protector Series
Electrical Characteristics, TA = 25 °C (Unless Otherwise Noted) (continued)
Coff
Off-state capacitance
f= 100 kHz,
Vd =1 V rms, VD =0,
f= 100 kHz,
Vd =1 V rms, VD =-1 V
f= 100 kHz,
Vd =1 V rms, VD =-2 V
f= 100 kHz,
Vd =1 V rms, VD =-50 V
f= 100 kHz,
Vd =1 V rms, VD =-100 V
(see Note 6)
4070 thru ‘4115
‘4125 thru ‘4220
‘4240 thru ‘4400
‘4070 thru ‘4115
‘4125 thru ‘4220
‘4240 thru ‘4400
‘4070 thru ‘4115
‘4125 thru ‘4220
‘4240 thru ‘4400
‘4070 thru ‘4115
‘4125 thru ‘4220
‘4240 thru ‘4400
‘4125 thru ‘4220
‘4240 thru ‘4400
86
60
54
80
56
50
74
52
46
36
26
20
20
16
110
80
70
96
74
64
90
70
60
47
36
30
30
24
pF
NOTE
6: To avoid possible voltage clipping, the ‘4125 is tested with VD =-98 V.
Parameter
Test Conditions
Min
Typ
Max
Unit


Similar Part No. - TISP4095M3LM-S

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISP4095M3LM POINN-TISP4095M3LM Datasheet
358Kb / 16P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results

Similar Description - TISP4095M3LM-S

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISP4070L3BJ POINN-TISP4070L3BJ Datasheet
223Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS?
TISP4070M3BJ POINN-TISP4070M3BJ Datasheet
317Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
logo
Bourns Electronic Solut...
TISP4XXXF3LM BOURNS-TISP4XXXF3LM Datasheet
384Kb / 11P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4290T3BJ BOURNS-TISP4290T3BJ_08 Datasheet
232Kb / 6P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4500H3BJ BOURNS-TISP4500H3BJ Datasheet
201Kb / 6P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XX0T3BJ BOURNS-TISP4XX0T3BJ Datasheet
159Kb / 9P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XXXJ3BJ BOURNS-TISP4XXXJ3BJ Datasheet
187Kb / 8P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XXXM3AJ BOURNS-TISP4XXXM3AJ Datasheet
426Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4070M3BJ BOURNS-TISP4070M3BJ_07 Datasheet
650Kb / 12P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP43XXMMAJBJ BOURNS-TISP43XXMMAJBJ Datasheet
438Kb / 20P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com