Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TISP3380F3SL-S Datasheet(PDF) 10 Page - Bourns Electronic Solutions

Part # TISP3380F3SL-S
Description  HIGH-VOLTAGE DUAL BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TISP3380F3SL-S Datasheet(HTML) 10 Page - Bourns Electronic Solutions

Back Button TISP3380F3SL-S Datasheet HTML 4Page - Bourns Electronic Solutions TISP3380F3SL-S Datasheet HTML 5Page - Bourns Electronic Solutions TISP3380F3SL-S Datasheet HTML 6Page - Bourns Electronic Solutions TISP3380F3SL-S Datasheet HTML 7Page - Bourns Electronic Solutions TISP3380F3SL-S Datasheet HTML 8Page - Bourns Electronic Solutions TISP3380F3SL-S Datasheet HTML 9Page - Bourns Electronic Solutions TISP3380F3SL-S Datasheet HTML 10Page - Bourns Electronic Solutions TISP3380F3SL-S Datasheet HTML 11Page - Bourns Electronic Solutions TISP3380F3SL-S Datasheet HTML 12Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MARCH 1994 - REVISED MARCH 2006
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
TISP3xxxF3 (HV) Overvoltage Protector Series
APPLICATIONS INFORMATION
Electrical Characteristics
The electrical characteristics of a TISP® device are strongly dependent on junction temperature, TJ. Hence, a characteristic value will
depend on the junction temperature at the instant of measurement. The values given in this data sheet were measured on commercial
testers, which generally minimize the temperature rise caused by testing. Application values may be calculated from the parameters’
temperature coefficient, the power dissipated and the thermal response curve, Zθ (see M. J. Maytum, “Transient Suppressor Dynamic
Parameters.” TI Technical Journal, vol. 6, No. 4, pp. 63-70, July-August 1989).
Lightning Surge
Wave Shape Notation
Most lightning tests, used for equipment verification, specify a unidirectional sawtooth waveform which has an exponential rise and an
exponential decay. Wave shapes are classified in terms of peak amplitude (voltage or current), rise time and a decay time to 50 % of
the maximum amplitude. The notation used for the wave shape is amplitude, rise time/decay time. A 50 A, 5/310 µs wave shape would
have a peak current value of 50 A, a rise time of 5 µs and a decay time of 310 µs. The TISP® surge current graph comprehends the
wave shapes of commonly used surges.
Generators
There are three categories of surge generator type, single wave shape, combination wave shape and circuit defined. Single wave shape
generators have essentially the same wave shape for the open circuit voltage and short circuit current (e.g. 10/1000 µs open circuit
voltage and short circuit current). Combination generators have two wave shapes, one for the open circuit voltage and the other for the
short circuit current (e.g. 1.2/50 µs open circuit voltage and 8/20 µs short circuit current). Circuit specified generators usually equate to
a combination generator, although typically only the open circuit voltage waveshape is referenced (e.g. a 10/700 µs open circuit voltage
generator typically produces a 5/310 µs short circuit current). If the combination or circuit defined generators operate into a finite resis-
tance, the wave shape produced is intermediate between the open circuit and short circuit values.
Current Rating
When the TISP® device switches into the on-state it has a very low impedance. As a result, although the surge wave shape may be
defined in terms of open circuit voltage, it is the current wave shape that must be used to assess the required TISP® surge capability.
As an example, the ITU-T K.21 1.5 kV, 10/700 µs open circuit voltage surge is changed to a 38 A, 5/310 µs current waveshape when
driving into a short circuit. Thus, the TISP® surge current capability, when directly connected to the generator, will be found for the
ITU-T K.21 waveform at 310 µs on the surge graph and not 700 µs. Some common short circuit equivalents are tabulated below:
Any series resistance in the protected equipment will reduce the peak circuit current to less than the generators’ short circuit value.
A 1 kV open circuit voltage, 100 A short circuit current generator has an effective output impedance of 10 Ω (1000/100). If the
equipment has a series resistance of 25 Ω, then the surge current requirement of the TISP® device becomes 29 A (1000/35) and not
100 A.
Standard
Open Circuit Voltage
Short Circuit Current
ITU-T K.21
1.5 kV, 10/700 µs
37.5 A, 5/310 µs
ITU-T K.20
1 kV, 10/700 µs
25 A, 5/310 µs
IEC 61000-4-5, combination wave generator
1.0 kV, 1.2/50 µs
500 A, 8/20 µs
Telcordia GR-1089-CORE
1.0 kV, 10/1000 µs
100 A, 10/1000 µs
Telcordia GR-1089-CORE
2.5 kV, 2/10 µs
500 A, 2/10 µs
FCC Part 68, Type A
1.5 kV, <10/>160 µs
200 A,<10/>160 µs
FCC Part 68,Type A
800 V, <10/>560 µs
100 A,<10/>160 µs
FCC Part 68, Type B
1.5 kV, 9/720 µs
37.5 A, 5/320 µs


Similar Part No. - TISP3380F3SL-S

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISP3380F3 POINN-TISP3380F3 Datasheet
457Kb / 17P
   DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
logo
Bourns Electronic Solut...
TISP3380F3 BOURNS-TISP3380F3 Datasheet
613Kb / 12P
   HIGH-VOLTAGE DUAL BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results

Similar Description - TISP3380F3SL-S

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISP3240F3 BOURNS-TISP3240F3_08 Datasheet
613Kb / 12P
   HIGH-VOLTAGE DUAL BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
logo
Power Innovations Ltd
TISP3070H3SL POINN-TISP3070H3SL Datasheet
231Kb / 12P
   DUAL BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
logo
Bourns Electronic Solut...
TISP4X00F3 BOURNS-TISP4X00F3 Datasheet
352Kb / 11P
   HIGH VOLTAGE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP3070H3 BOURNS-TISP3070H3 Datasheet
562Kb / 12P
   DUAL BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP3X00F3 BOURNS-TISP3X00F3 Datasheet
299Kb / 10P
   DUAL BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP3125F3 BOURNS-TISP3125F3_08 Datasheet
699Kb / 12P
   MEDIUM-VOLTAGE DUAL BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP3072F3 BOURNS-TISP3072F3_08 Datasheet
738Kb / 12P
   LOW-VOLTAGE DUAL BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP30XXF3 BOURNS-TISP30XXF3 Datasheet
675Kb / 12P
   LOW-VOLTAGE DUAL BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
logo
Power Innovations Ltd
TISP4070L3BJ POINN-TISP4070L3BJ Datasheet
223Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS?
TISP4070M3BJ POINN-TISP4070M3BJ Datasheet
317Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com