Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TISPPBL3DR Datasheet(PDF) 10 Page - Bourns Electronic Solutions

Part # TISPPBL3DR
Description  DUAL FORWARD-CONDUCTING P-GATE THYRISTORS FOR ERICSSON MICROELECTRONICS SUBSCRIBER LINE INTERFACE CIRCUITS (SLIC)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TISPPBL3DR Datasheet(HTML) 10 Page - Bourns Electronic Solutions

Back Button TISPPBL3DR Datasheet HTML 6Page - Bourns Electronic Solutions TISPPBL3DR Datasheet HTML 7Page - Bourns Electronic Solutions TISPPBL3DR Datasheet HTML 8Page - Bourns Electronic Solutions TISPPBL3DR Datasheet HTML 9Page - Bourns Electronic Solutions TISPPBL3DR Datasheet HTML 10Page - Bourns Electronic Solutions TISPPBL3DR Datasheet HTML 11Page - Bourns Electronic Solutions TISPPBL3DR Datasheet HTML 12Page - Bourns Electronic Solutions TISPPBL3DR Datasheet HTML 13Page - Bourns Electronic Solutions TISPPBL3DR Datasheet HTML 14Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
OCTOBER 2000 - REVISED FEBRUARY 2005
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
APPLICATIONS INFORMATION
Figure 10 shows a typical TISPPBL3 SLIC card protection circuit. The incoming line conductors, R and T, connect to the relay matrix via the
series overcurrent protection (RSA and RSB). Fusible resistors, fuses and positive temperature coefficient (PTC) thermistors can be used for
overcurrent protection. Normally, the SLIC reference designs recommend using 40 Ω matched fusible resistors, such as the Bourns 2x40 Ω,
2 % tolerance, 0.5 % matched 4B04B-523-400 or the 4B04B-524-400 with a thermal fuse. These resistors will reduce the prospective current
from the surge generator for both the TISPPBL3 and the ring/test protector. The TISP7xxxF3 protector has the same protection voltage for any
terminal pair. This protector is used when the ring generator configuration may be ground or battery-backed. For dedicated ground-backed
ringing generators, the TISP3xxxF3 gives better protection as its inter-conductor protection voltage is twice the conductor to ground value.
Relay contacts 3a and 3b connect the line conductors to the SLIC via the TISPPBL3 protector. Closing contacts 3a and 3b connects the
TISPPBL3 protector in parallel with the ring/test protector. As the ring/test protector requires much higher voltages than the TISPPBL3 to
operate, it will only operate when the contacts 3a and 3b are open. Both protectors will divert the same levels of peak surge current, and their
required current ratings should be similar. The TISPPBL3 protector gate reference voltage comes from the SLIC negative supply feed (VB). A
local gate capacitor, C1, sources the gate current pulses caused by fast rising impulses.
TISPPBL3 Voltage Limiting Performance (continued)
TISPPBL3 Programmable Protector
Figure 9. SLIC Voltage Ratings And TISPPBL3 Protection Levels
Time
SLIC MINIMUM VOLTAGE WITHSTAND
AND TISPPBL3 VOLTA GE LIMITING
vs
TIME
0
10
20
30
40
AI6XDF
TISPPBL3
TISPPBL3
V
BAT - 40
V
BAT - 30
V
BAT - 20
V
BAT - 10
V
BAT
1 µs
0.25 µs
10 ms
0.7 V ISOLATION DIODE (D1)
VOLTAGE DROP FROM V
Bat
Application Circuit


Similar Part No. - TISPPBL3DR

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISPPBL1D POINN-TISPPBL1D Datasheet
364Kb / 19P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS FOR ERICSSON COMPONENTS SLICS?
logo
Bourns Electronic Solut...
TISPPBL1D BOURNS-TISPPBL1D Datasheet
249Kb / 18P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS FOR ERICSSON COMPONENTS SLICS
logo
Power Innovations Ltd
TISPPBL1P POINN-TISPPBL1P Datasheet
364Kb / 19P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS FOR ERICSSON COMPONENTS SLICS?
logo
Bourns Electronic Solut...
TISPPBL1P BOURNS-TISPPBL1P Datasheet
249Kb / 18P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS FOR ERICSSON COMPONENTS SLICS
logo
Power Innovations Ltd
TISPPBL2D POINN-TISPPBL2D Datasheet
364Kb / 19P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS FOR ERICSSON COMPONENTS SLICS?
More results

Similar Description - TISPPBL3DR

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISPPBL1D BOURNS-TISPPBL1D Datasheet
249Kb / 18P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS FOR ERICSSON COMPONENTS SLICS
logo
Power Innovations Ltd
TISPPBL1D POINN-TISPPBL1D Datasheet
364Kb / 19P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS FOR ERICSSON COMPONENTS SLICS?
TISP61060D POINN-TISP61060D Datasheet
286Kb / 14P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61089A POINN-TISP61089A Datasheet
319Kb / 17P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61511D POINN-TISP61511D Datasheet
210Kb / 11P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61089S POINN-TISP61089S Datasheet
284Kb / 16P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
logo
Bourns Electronic Solut...
TISP61511D BOURNS-TISP61511D_08 Datasheet
653Kb / 9P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61089 BOURNS-TISP61089 Datasheet
182Kb / 12P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61521 BOURNS-TISP61521 Datasheet
253Kb / 11P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
logo
Power Innovations Ltd
TISP61089 POINN-TISP61089 Datasheet
425Kb / 17P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com