Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CL102J73S205QA8 Datasheet(PDF) 1 Page - ITT Industries

Part # CL102J73S205QA8
Description  Single Pole Power Rocker Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

CL102J73S205QA8 Datasheet(HTML) 1 Page - ITT Industries

  CL102J73S205QA8 Datasheet HTML 1Page - ITT Industries CL102J73S205QA8 Datasheet HTML 2Page - ITT Industries CL102J73S205QA8 Datasheet HTML 3Page - ITT Industries CL102J73S205QA8 Datasheet HTML 4Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Dimensions are shown: Inch (mm)
Dimensions subject to change
www.ittcannon.com
16
®C
US
Mounting Style/Color
S2 (STD.) Snap-in, black
S1 Snap-in, white
C&K CL Series
Single Pole Power Rocker Switches
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box. Available options are shown and
described on pages 16 thru 18. For additional options not shown in catalog, consult Customer Service Center.
Specifications
CONTACT RATING:
UL/CSA: 16 AMPS @ 125 VAC, 1/3 HP;
10 AMPS @ 250 VAC, 1/2 HP.
ELECTRICAL LIFE: 10,000 make and break cycles at full load.
INSULATION RESISTANCE: 108
Ω min.
DIELECTRIC STRENGTH: 1,500 VRMS @ sea level.
Features/Benefits
Illuminated versions available
Positive detent
Snap-in mounting
Materials
HOUSING AND ACTUATOR: 6/6 nylon (UL94V-2), black, matte finish.
ILLUMINATED ACTUATOR: Polycarbonate, matte finish.
CENTER CONTACTS: Silver plated, copper alloy.
END CONTACTS: Silver plated.
ALL TERMINALS: Silver plated, copper alloy.
NOTE: Specifications and materials listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
Typical Applications
Floor care products
Power outlet strips
Small appliances
Lamp Rating
(NONE)
(STD.) No lamp
7
125 VAC neon
8
250 VAC neon
Actuator Marking
(NONE)
(STD.) No marking
D
ON-OFF
H
”O l” - international ON-OFF
P
”O -” international ON-OFF
Actuator
J7 Rocker
J9 Illuminated rocker
Termination
05 (STD.) .250” quick connect
Switch Function
CL101 SPDT On-None-On
CL102 SPST On-None-Off
CL12 * SPST On-None-Off
Actuator Color
2 (STD.) Black
1 White
3 Red
R Red, illuminated
A Amber, illuminated
G Green, illuminated
Contact Rating
QA (STD.) Silver
* CL12 - for switches with both marking and illumination


Similar Part No. - CL102J73S205QA8

ManufacturerPart #DatasheetDescription
logo
C&K Components
CL102J9-2-S205-D-QA-7 CK-COMPONENTS-CL102J9-2-S205-D-QA-7 Datasheet
381Kb / 4P
   Single Pole Power Rocker Switches
2018
CL102J9-2-S205-D-QA-8 CK-COMPONENTS-CL102J9-2-S205-D-QA-8 Datasheet
381Kb / 4P
   Single Pole Power Rocker Switches
2018
CL102J9-2-S205-H-QA-7 CK-COMPONENTS-CL102J9-2-S205-H-QA-7 Datasheet
381Kb / 4P
   Single Pole Power Rocker Switches
2018
CL102J9-2-S205-H-QA-8 CK-COMPONENTS-CL102J9-2-S205-H-QA-8 Datasheet
381Kb / 4P
   Single Pole Power Rocker Switches
2018
CL102J9-2-S205-P-QA-7 CK-COMPONENTS-CL102J9-2-S205-P-QA-7 Datasheet
381Kb / 4P
   Single Pole Power Rocker Switches
2018
More results

Similar Description - CL102J73S205QA8

ManufacturerPart #DatasheetDescription
logo
ITT Industries
CG101J12S205QF ITT-CG101J12S205QF Datasheet
154Kb / 4P
   Single Pole Power Rocker Switches
CM101J12S205QA ITT-CM101J12S205QA Datasheet
151Kb / 4P
   Single Pole Power Rocker Switches
logo
C&K Components
CL101J72S205DQA7 CK-COMPONENTS-CL101J72S205DQA7 Datasheet
651Kb / 4P
   Single Pole Power Rocker Switches
CL CK-COMPONENTS-CL Datasheet
381Kb / 4P
   Single Pole Power Rocker Switches
2018
CM101J12S205DQA7 CK-COMPONENTS-CM101J12S205DQA7 Datasheet
563Kb / 4P
   Single Pole Power Rocker Switches
CG CK-COMPONENTS-CG Datasheet
297Kb / 4P
   Single Pole Power Rocker Switches
2018
CM CK-COMPONENTS-CM Datasheet
289Kb / 4P
   Single Pole Power Rocker Switches
2018
CG101J12S205DQF7 CK-COMPONENTS-CG101J12S205DQF7 Datasheet
761Kb / 4P
   Single Pole Power Rocker Switches
DA101J11S215DQF6 CK-COMPONENTS-DA101J11S215DQF6 Datasheet
286Kb / 4P
   Miniature Single Pole Rocker Switches
DA CK-COMPONENTS-DA Datasheet
505Kb / 4P
   Miniature Single Pole Rocker Switches
15 May 20
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com