Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TISP7082F3SL-S Datasheet(PDF) 11 Page - Bourns Electronic Solutions

Part # TISP7082F3SL-S
Description  LOW-VOLTAGE TRIPLE ELEMENT BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TISP7082F3SL-S Datasheet(HTML) 11 Page - Bourns Electronic Solutions

Back Button TISP7082F3SL-S Datasheet HTML 7Page - Bourns Electronic Solutions TISP7082F3SL-S Datasheet HTML 8Page - Bourns Electronic Solutions TISP7082F3SL-S Datasheet HTML 9Page - Bourns Electronic Solutions TISP7082F3SL-S Datasheet HTML 10Page - Bourns Electronic Solutions TISP7082F3SL-S Datasheet HTML 11Page - Bourns Electronic Solutions TISP7082F3SL-S Datasheet HTML 12Page - Bourns Electronic Solutions TISP7082F3SL-S Datasheet HTML 13Page - Bourns Electronic Solutions TISP7082F3SL-S Datasheet HTML 14Page - Bourns Electronic Solutions TISP7082F3SL-S Datasheet HTML 15Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
MARCH 1994 - REVISED MARCH 2006
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Deployment
Wave Shape Notation
Generators
ITU-T 10/700 Generator
APPLICATIONS INFORMATION
TISP70xxF3 (LV) Overvoltage Protector Series
These devices are three terminal overvoltage protectors. They limit the voltage between three points in the circuit. Typically, this would be the
two line conductors and protective ground (Figure 17).
In Figure 17, protective functions Th2 and Th3 limit the maximum voltage between each conductor and ground to their respective ±V(BO)
values. Protective function Th1 limits the maximum voltage between the two conductors to its ±V(BO) value.
Lightning Surge
Most lightning tests, used for equipment verification, specify a unidirectional sawtooth waveform which has an exponential rise and an
exponential decay. Wave shapes are classified in terms of rise time in microseconds and a decay time in microseconds to 50% of the
maximum amplitude. The notation used for the wave shape is
rise time/decay time, without the microseconds quantity and the “/” between the
two values has no mathematical significance. A 50 A, 5/310 waveform would have a peak current value of 50 A, a rise time of 5 µs and a decay
time of 310 µs. The TISP® surge current graph comprehends the wave shapes of commonly used surges.
There are three categories of surge generator type: single wave shape, combination wave shape and circuit defined. Single wave shape
generators have essentially the same wave shape for the open circuit voltage and short circuit current (e.g., 10/1000 open circuit voltage and
short circuit current). Combination generators have two wave shapes, one for the open circuit voltage and the other for the short circuit current
(e.g., 1.2/50 open circuit voltage and 8/20 short circuit current). Circuit specified generators usually equate to a combination generator,
although typically only the open circuit voltage wave shape is referenced (e.g., a 10/700 open circuit voltage generator typically produces a 5/
310 short circuit current). If the combination or circuit defined generators operate into a finite resistance, the wave shape produced is
intermediate between the open circuit and short circuit values.
This circuit defined generator is specified in many standards. The descriptions and values are not consistent between standards and it is
important to realize that it is always the same generator being used.
Figure 18 shows the 10/700 generator circuit defined in ITU-T recommendation K.20 (10/96) “Resistibility of telecommunication switching
equipment to overvoltages and overcurrents”. The basic generator comprises of:
Capacitor C1, charged to voltage VC, which is the energy storage element.
Switch SW to discharge the capacitor into the output shaping network.
Shunt resistor R1, series resistor R2 and shunt capacitor C2 form the output shaping network.
Series feed resistor R3 to connect to one line conductor for single surge.
Series feed resistor R4 to connect to the other line conductor for dual surging.
In the normal single surge equipment test configuration, the unsurged line is grounded. This is shown by the dotted lines in the top drawing of
Figure 18. However, doing this at device test places one terminal pair in parallel with another terminal pair. To check the individual terminal
pairs of the TISP7xxxF3, without any paralleled operation, the unsurged terminal is left unconnected.
With the generator output open circuit, when SW closes, C1 discharges through R1. The decay time constant will be C1 R1, or
20 x 50 = 1000 µs. For the 50 % voltage decay time, the time constant needs to be multiplied by 0.697, giving 0.697 x 1000 = 697 µs which is
rounded to 700 µs.
Figure 17. MULTI-POINT PROTECTION
Th3
Th2
Th1


Similar Part No. - TISP7082F3SL-S

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISP7082F3SL POINN-TISP7082F3SL Datasheet
400Kb / 22P
   TRIPLE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS???
More results

Similar Description - TISP7082F3SL-S

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISP7072F3 BOURNS-TISP7072F3_08 Datasheet
829Kb / 15P
   LOW-VOLTAGE TRIPLE ELEMENT BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP7XXXH3SL BOURNS-TISP7XXXH3SL Datasheet
395Kb / 13P
   TRIPLE ELEMENT BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP7125F3 BOURNS-TISP7125F3_08 Datasheet
988Kb / 19P
   MEDIUM & HIGH-VOLTAGE TRIPLE ELEMENT BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP7XXXF3 BOURNS-TISP7XXXF3 Datasheet
555Kb / 19P
   MEDIUM & HIGH-VOLTAGE TRIPLE ELEMENT BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP70XXL1 BOURNS-TISP70XXL1 Datasheet
244Kb / 10P
   TRIPLE ELEMENT THYRISTOR OVERVOLTAGE PROTECTORS
TISP7015L1 BOURNS-TISP7015L1_08 Datasheet
507Kb / 8P
   TRIPLE ELEMENT THYRISTOR OVERVOLTAGE PROTECTORS
logo
Power Innovations Ltd
TISP7070H3SL POINN-TISP7070H3SL Datasheet
283Kb / 14P
   TRIPLE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS?
TISP7072F3 POINN-TISP7072F3 Datasheet
400Kb / 22P
   TRIPLE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS???
TISP7125F3 POINN-TISP7125F3 Datasheet
489Kb / 25P
   TRIPLE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS???
logo
Bourns Electronic Solut...
TISP40XXL1AJBJ BOURNS-TISP40XXL1AJBJ Datasheet
489Kb / 15P
   VERY LOW VOLTAGE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com