Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TISP7125H3SL-S Datasheet(PDF) 10 Page - Bourns Electronic Solutions

Part # TISP7125H3SL-S
Description  TRIPLE ELEMENT BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TISP7125H3SL-S Datasheet(HTML) 10 Page - Bourns Electronic Solutions

Back Button TISP7125H3SL-S Datasheet HTML 5Page - Bourns Electronic Solutions TISP7125H3SL-S Datasheet HTML 6Page - Bourns Electronic Solutions TISP7125H3SL-S Datasheet HTML 7Page - Bourns Electronic Solutions TISP7125H3SL-S Datasheet HTML 8Page - Bourns Electronic Solutions TISP7125H3SL-S Datasheet HTML 9Page - Bourns Electronic Solutions TISP7125H3SL-S Datasheet HTML 10Page - Bourns Electronic Solutions TISP7125H3SL-S Datasheet HTML 11Page - Bourns Electronic Solutions TISP7125H3SL-S Datasheet HTML 12Page - Bourns Electronic Solutions TISP7125H3SL-S Datasheet HTML 13Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
MARCH 1999 - REVISED FEBRUARY 2005
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Deployment
TISP7xxxH3SL Overvoltage Protector Series
APPLICATIONS INFORMATION
Impulse Testing
These devices are three terminal overvoltage protectors. They limit the voltage between three points in the circuit. Typically, this would be the
two line conductors and protective ground (Figure 11).
In Figure 11, protectors Th2 and Th3 limit the maximum voltage between each conductor and ground to the ±V(BO) of the individual protector.
Protector Th1 limits the maximum voltage between the two conductors to its ±V(BO) value.
Manufacturers are being increasingly required to design in protection coordination. This means that each protector is operated at its design
level and currents are diverted through the appropriate protector, e.g. the primary level current through the primary protector and lower levels
of current may be diverted through the secondary or inherent equipment protection. Without coordination, primary level currents could pass
through the equipment only designed to pass secondary level currents. To ensure coordination happens with fixed voltage protectors, some
resistance is normally used between the primary and secondary protection. The values given in this data sheet apply to a 400 V (d.c.
sparkover) gas discharge tube primary protector and the appropriate test voltage when the equipment is tested with a primary protector.
To verify the withstand capability and safety of the equipment, standards require that the equipment is tested with various impulse wave forms.
The table below shows some common values.
If the impulse generator current exceeds the protector’s current rating, then a series resistance can be used to reduce the current to the
protector’s rated value to prevent possible failure. The required value of series resistance for a given waveform is given by the following
calculations. First, the minimum total circuit impedance is found by dividing the impulse generator’s peak voltage by the protector’s rated
current. The impulse generator’s fictive impedance (generator’s peak voltage divided by peak short circuit current) is then subtracted from the
minimum total circuit impedance to give the required value of series resistance. In some cases, the equipment will require verification over a
temperature range. By using the rated waveform values from Figure 10, the appropriate series resistor value can be calculated for ambient
temperatures in the range of -40 °C to 85 °C.
Figure 11. MULTI- POINT PROTECTION
Th3
Th2
Th1
Standard
Peak Voltage
Setting
V
Voltage
Waveform
µs
Peak Current
Value
A
Current
Waveform
µs
TISP7xxxH3
25 °C Rating
A
Series
Resistance
Coordination
Resistance
(Min.)
GR-1089-CORE
2500
2/10
500
2/10
500
0NA
1000
10/1000
100
10/1000
100
FCC Part 68
(March 1998)
1500
10/160
200
10/160
250
0NA
800
10/560
100
10/560
130
1000
1500
1500
9/720 †
(SINGLE)
(DUAL)
25
37.5
2 x 27
5/320 †
5/320 †
4/250
200
200
2 x 225
I 31-24
1500
0.5/700
37.5
0.2/310
200
0
NA
ITU-T K.20/K.21
1000
1500
4000
4000
10/700
(SINGLE)
(SINGLE)
(DUAL)
25
37.5
100
2 x 72
5/310
5/310
5/310
4/250
200
200
200
2 x 225
0
NA
NA
4.5
6.0
† FCC Part 68 terminology for the waveforms produced by the ITU-T recommendation K.21 10/700 impulse generator
NA = Not Applicable, primary protection removed or not specified.


Similar Part No. - TISP7125H3SL-S

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISP7125H3SL POINN-TISP7125H3SL Datasheet
283Kb / 14P
   TRIPLE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS?
More results

Similar Description - TISP7125H3SL-S

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISP70XXF3 BOURNS-TISP70XXF3 Datasheet
496Kb / 16P
   LOW-VOLTAGE TRIPLE ELEMENT BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP7072F3 BOURNS-TISP7072F3_08 Datasheet
829Kb / 15P
   LOW-VOLTAGE TRIPLE ELEMENT BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP70XXL1 BOURNS-TISP70XXL1 Datasheet
244Kb / 10P
   TRIPLE ELEMENT THYRISTOR OVERVOLTAGE PROTECTORS
TISP7015L1 BOURNS-TISP7015L1_08 Datasheet
507Kb / 8P
   TRIPLE ELEMENT THYRISTOR OVERVOLTAGE PROTECTORS
logo
Power Innovations Ltd
TISP7070H3SL POINN-TISP7070H3SL Datasheet
283Kb / 14P
   TRIPLE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS?
logo
Bourns Electronic Solut...
TISP7125F3 BOURNS-TISP7125F3_08 Datasheet
988Kb / 19P
   MEDIUM & HIGH-VOLTAGE TRIPLE ELEMENT BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
logo
Power Innovations Ltd
TISP7072F3 POINN-TISP7072F3 Datasheet
400Kb / 22P
   TRIPLE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS???
TISP7125F3 POINN-TISP7125F3 Datasheet
489Kb / 25P
   TRIPLE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS???
logo
Bourns Electronic Solut...
TISP7XXXF3 BOURNS-TISP7XXXF3 Datasheet
555Kb / 19P
   MEDIUM & HIGH-VOLTAGE TRIPLE ELEMENT BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
logo
Power Innovations Ltd
TISP4070L3BJ POINN-TISP4070L3BJ Datasheet
223Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com