Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC140 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BC140
Description  NPN medium power transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BC140 Datasheet(HTML) 3 Page - NXP Semiconductors

  BC140 Datasheet HTML 1Page - NXP Semiconductors BC140 Datasheet HTML 2Page - NXP Semiconductors BC140 Datasheet HTML 3Page - NXP Semiconductors BC140 Datasheet HTML 4Page - NXP Semiconductors BC140 Datasheet HTML 5Page - NXP Semiconductors BC140 Datasheet HTML 6Page - NXP Semiconductors BC140 Datasheet HTML 7Page - NXP Semiconductors BC140 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1997 May 12
3
Philips Semiconductors
Product specification
NPN medium power transistors
BC140; BC141
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
BC140
80
V
BC141
100
V
VCEO
collector-emitter voltage
open base
BC140
40
V
BC141
60
V
VEBO
emitter-base voltage
open collector
7V
IC
collector current (DC)
1A
ICM
peak collector current
1.5
A
IBM
peak base current
200
mA
Ptot
total power dissipation
Tcase ≤ 45 °C
3.7
W
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
175
°C
Tamb
operating ambient temperature
−65
+150
°C
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
in free air
200
K/W
Rth j-c
thermal resistance from junction to case
35
K/W


Similar Part No. - BC140

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BC140 SIEMENS-BC140 Datasheet
141Kb / 4P
   NPN SILICON TRANSISTORS
logo
Micro Electronics
BC140 MICRO-ELECTRONICS-BC140 Datasheet
144Kb / 2P
   NPN SILICON AF MEDIUM POWER AMPLIFIERS & SWITCHES
logo
Central Semiconductor C...
BC140 CENTRAL-BC140 Datasheet
56Kb / 1P
   Small Signal Transistors
logo
Comset Semiconductor
BC140 COMSET-BC140 Datasheet
185Kb / 3P
   GENERAL PURPOSE TRANSISTORS
logo
New Jersey Semi-Conduct...
BC140 NJSEMI-BC140 Datasheet
68Kb / 2P
   NPN medium power transistors
More results

Similar Description - BC140

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BSR40 PHILIPS-BSR40 Datasheet
41Kb / 8P
   NPN medium power transistors
1999 Apr 28
BSX45 PHILIPS-BSX45 Datasheet
53Kb / 8P
   NPN medium power transistors
1997 Apr 23
BCP54 PHILIPS-BCP54 Datasheet
43Kb / 8P
   NPN medium power transistors
1999 Apr 08
logo
STMicroelectronics
STF724 STMICROELECTRONICS-STF724_06 Datasheet
216Kb / 11P
   NPN medium power transistors
logo
Guangdong Kexin Industr...
BCX54 KEXIN-BCX54 Datasheet
53Kb / 2P
   NPN Medium Power Transistors
logo
New Jersey Semi-Conduct...
BC140 NJSEMI-BC140 Datasheet
68Kb / 2P
   NPN medium power transistors
logo
FutureWafer Tech Co.,Lt...
BCX493TA FUTUREWAFER-BCX493TA Datasheet
1Mb / 7P
   NPN Medium Power Transistors
14-DEC-2021 V 2.0
logo
SHIKUES Electronics
2SD1005 SKTECHNOLGY-2SD1005 Datasheet
669Kb / 2P
   NPN Medium Power Transistors
logo
Guangdong Kexin Industr...
BSR40 KEXIN-BSR40 Datasheet
40Kb / 2P
   NPN Medium Power Transistors
logo
STMicroelectronics
STF724 STMICROELECTRONICS-STF724_08 Datasheet
172Kb / 11P
   NPN medium power transistors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com