Electronic Components Datasheet Search |
|
TISP7135H3SL-S Datasheet(PDF) 10 Page - Bourns Electronic Solutions |
|
TISP7135H3SL-S Datasheet(HTML) 10 Page - Bourns Electronic Solutions |
10 / 13 page MARCH 1999 - REVISED FEBRUARY 2005 Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications. Deployment TISP7xxxH3SL Overvoltage Protector Series APPLICATIONS INFORMATION Impulse Testing These devices are three terminal overvoltage protectors. They limit the voltage between three points in the circuit. Typically, this would be the two line conductors and protective ground (Figure 11). In Figure 11, protectors Th2 and Th3 limit the maximum voltage between each conductor and ground to the ±V(BO) of the individual protector. Protector Th1 limits the maximum voltage between the two conductors to its ±V(BO) value. Manufacturers are being increasingly required to design in protection coordination. This means that each protector is operated at its design level and currents are diverted through the appropriate protector, e.g. the primary level current through the primary protector and lower levels of current may be diverted through the secondary or inherent equipment protection. Without coordination, primary level currents could pass through the equipment only designed to pass secondary level currents. To ensure coordination happens with fixed voltage protectors, some resistance is normally used between the primary and secondary protection. The values given in this data sheet apply to a 400 V (d.c. sparkover) gas discharge tube primary protector and the appropriate test voltage when the equipment is tested with a primary protector. To verify the withstand capability and safety of the equipment, standards require that the equipment is tested with various impulse wave forms. The table below shows some common values. If the impulse generator current exceeds the protector’s current rating, then a series resistance can be used to reduce the current to the protector’s rated value to prevent possible failure. The required value of series resistance for a given waveform is given by the following calculations. First, the minimum total circuit impedance is found by dividing the impulse generator’s peak voltage by the protector’s rated current. The impulse generator’s fictive impedance (generator’s peak voltage divided by peak short circuit current) is then subtracted from the minimum total circuit impedance to give the required value of series resistance. In some cases, the equipment will require verification over a temperature range. By using the rated waveform values from Figure 10, the appropriate series resistor value can be calculated for ambient temperatures in the range of -40 °C to 85 °C. Figure 11. MULTI- POINT PROTECTION Th3 Th2 Th1 Standard Peak Voltage Setting V Voltage Waveform µs Peak Current Value A Current Waveform µs TISP7xxxH3 25 °C Rating A Ω Series Resistance Coordination Resistance (Min.) GR-1089-CORE 2500 2/10 500 2/10 500 0NA 1000 10/1000 100 10/1000 100 FCC Part 68 (March 1998) 1500 10/160 200 10/160 250 0NA 800 10/560 100 10/560 130 1000 1500 1500 9/720 † (SINGLE) (DUAL) 25 37.5 2 x 27 5/320 † 5/320 † 4/250 200 200 2 x 225 I 31-24 1500 0.5/700 37.5 0.2/310 200 0 NA ITU-T K.20/K.21 1000 1500 4000 4000 10/700 (SINGLE) (SINGLE) (DUAL) 25 37.5 100 2 x 72 5/310 5/310 5/310 4/250 200 200 200 2 x 225 0 NA NA 4.5 6.0 † FCC Part 68 terminology for the waveforms produced by the ITU-T recommendation K.21 10/700 impulse generator NA = Not Applicable, primary protection removed or not specified. |
Similar Part No. - TISP7135H3SL-S |
|
Similar Description - TISP7135H3SL-S |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |