Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

19U200PV4K Datasheet(PDF) 3 Page - Honeywell Solid State Electronics Center

Part # 19U200PV4K
Description  Pressure Sensors Low-Cost, Stainless Steel, Isolated Sensors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

19U200PV4K Datasheet(HTML) 3 Page - Honeywell Solid State Electronics Center

  19U200PV4K Datasheet HTML 1Page - Honeywell Solid State Electronics Center 19U200PV4K Datasheet HTML 2Page - Honeywell Solid State Electronics Center 19U200PV4K Datasheet HTML 3Page - Honeywell Solid State Electronics Center 19U200PV4K Datasheet HTML 4Page - Honeywell Solid State Electronics Center 19U200PV4K Datasheet HTML 5Page - Honeywell Solid State Electronics Center 19U200PV4K Datasheet HTML 6Page - Honeywell Solid State Electronics Center 19U200PV4K Datasheet HTML 7Page - Honeywell Solid State Electronics Center 19U200PV4K Datasheet HTML 8Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Pressure Sensors
Low-Cost, Stainless Steel, Isolated Sensors
19 mm Series
Honeywell
• Sensing and Control
3
19U SERIES PERFORMANCE CHARACTERISTICS (1)
Characteristic
Minimum
Typical
Maximum
Unit
Zero pressure offset
-7.5
1.0
7.5
mV/V
Full-scale span
(2)
35
40
60
mV/V
Full-scale span (3 psi and 5 psi only)
(2)
20
30
40
mV/V
Pressure non-linearity
(3)
±0.1
±0.25
%FSS
Pressure hysteresis
(3)
±0.015
±0.030
%FSS
Repeatability
±0.010
±0.030
%FSS
Temp. coefficient of resistance
(10) (0 °C to 82 °C [32 °F to 180 °F])
2700
3420
4500
ppm/°C
Temp. coefficient of offset
(10) (0 °C to 82 °C [32 °F to 180 °F])
30
µV/V/°C
Temp. coefficient of span
(10) (0 °C to 82 °C [32 °F to 180 °F])
360
720
1260
ppm/°C
Thermal hysteresis (0 °C to 82 °C [32 °F to 180 °F])
±0.1
±0.3
%FSS
Long-term stability of offset and span
(5)
±0.1
±0.3
%FSS
Response time
(6)
±0.1
ms
Input resistance
4.00
4.75
6.0
k
Output resistance
4.00
4.75
6.0
k
19C VACUUM GAGE COMPENSATED SERIES PERFORMANCE CHARACTERISTICS (1)
Characteristic
Minimum
Typical
Maximum
Unit
Zero pressure offset (at 0 psig)
-2
0
2
mV
Full-scale span
(2) (0 psig to positive full-scale)
98
100
102
mV
Pressure non-linearity
(3)
±0.1
±0.25
%FSS
Pressure hysteresis
(3)
±0.015
±0.030
%FSS
Repeatability
±0.010
±0.030
%FSS
Temp. effect on span
(4)
±0.5
±1.0
%FSS
Temp. effect on offset
(4)
±0.5
±1.0
%FSS
Thermal hysteresis (0 °C to 82 °C [32 °F to 180 °F])
±0.1
±0.3
%FSS
Long-term stability of offset and span
(5)
±0.1
±0.3
%FSS
Response time
(6)
0.1
ms
Common mode voltage (voltage version “K”)
(9)
0.5
1.3
2.0
Vdc
Input impedance (current version “L”)
1.5
4.5
8.0
k
Input impedance (voltage version “K”)
8.0
25
50
k
Output resistance
3.0
4.5
6.0
k
19U VACUUM GAGE UNCOMPENSATED SERIES PERFORMANCE CHARACTERISTICS (1)
Characteristic
Minimum
Typical
Maximum
Unit
Zero pressure offset
-7.5
1.0
7.5
mV/V
Full-scale span
(2) (0 psig to positive full-scale)
35
40
60
mV/V
Pressure non-linearity
(3)
±0.1
±0.25
%FSS
Pressure hysteresis
(3)
±0.015
±0.030
%FSS
Repeatability
±0.010
±0.030
%FSS
Temp. coefficient of resistance
(10) (0 °C to 82 °C [32 °F to 180 °F])
2700
3420
4500
ppm/°C
Temp. coefficient of offset
(10) (0 °C to 82 °C [32 °F to 180 °F])
30
µV/V/°C
Temp. coefficient of span
(10) (0 °C to 82 °C [32 °F to 180 °F])
360
720
1260
ppm/°C
Thermal hysteresis (0 °C to 82 °C [32 °F to 180 °F])
±0.1
±0.3
%FSS
Long-term stability of offset and span
(5)
±0.1
±0.3
%FSS
Response time
(6)
±0.1
ms
Input resistance
4.00
4.75
6.0
k
Output resistance
4.00
4.75
6.0
k


Similar Description - 19U200PV4K

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
13C5000PS4K HONEYWELL-13C5000PS4K Datasheet
873Kb / 8P
   Pressure Sensors Low-cost, Stainless Steel, Isolated Sensors
logo
Honeywell Accelerometer...
19C015PV1L HONEYWELL-ACC-19C015PV1L Datasheet
630Kb / 8P
   Low Cost, Stainless Steel, Isolated Pressure Sensors
logo
Honeywell Solid State E...
19C015PA7K HONEYWELL-19C015PA7K Datasheet
630Kb / 8P
   Low Cost, Stainless Steel,Isolated Pressure Sensors
logo
Honeywell Accelerometer...
13C0500PS1L HONEYWELL-ACC-13C0500PS1L Datasheet
873Kb / 8P
   Low-cost, Stainless Steel, Isolated Sensors
logo
Honeywell Solid State E...
13C5000PS5K HONEYWELL-13C5000PS5K Datasheet
873Kb / 8P
   Low-cost, Stainless Steel, Isolated Sensors
13C0500PA1K HONEYWELL-13C0500PA1K Datasheet
879Kb / 8P
   Low-cost, Stainless Steel, Isolated Sensors
logo
Honeywell Accelerometer...
ST015PG2SPGF HONEYWELL-ACC-ST015PG2SPGF Datasheet
272Kb / 4P
   Stainless Steel Pressure Sensors
logo
Sensortechnics GmbH
RTOP003A1 SENSORTECHNICS-RTOP003A1 Datasheet
190Kb / 6P
   Stainless steel pressure sensors
logo
Honeywell Solid State E...
ST150PG2SPGF HONEYWELL-ST150PG2SPGF Datasheet
220Kb / 4P
   Stainless Steel Pressure Sensors
ST005PG2BPCF HONEYWELL-ST005PG2BPCF Datasheet
220Kb / 4P
   Stainless Steel Pressure Sensors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com