Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

19C500PV4K Datasheet(PDF) 6 Page - Honeywell Solid State Electronics Center

Part # 19C500PV4K
Description  Pressure Sensors Low-Cost, Stainless Steel, Isolated Sensors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

19C500PV4K Datasheet(HTML) 6 Page - Honeywell Solid State Electronics Center

  19C500PV4K Datasheet HTML 1Page - Honeywell Solid State Electronics Center 19C500PV4K Datasheet HTML 2Page - Honeywell Solid State Electronics Center 19C500PV4K Datasheet HTML 3Page - Honeywell Solid State Electronics Center 19C500PV4K Datasheet HTML 4Page - Honeywell Solid State Electronics Center 19C500PV4K Datasheet HTML 5Page - Honeywell Solid State Electronics Center 19C500PV4K Datasheet HTML 6Page - Honeywell Solid State Electronics Center 19C500PV4K Datasheet HTML 7Page - Honeywell Solid State Electronics Center 19C500PV4K Datasheet HTML 8Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Pressure Sensors
Low-Cost, Stainless Steel, Isolated Sensors
19 mm Series
6 Honeywell
• Sensing and Control
Package 6: Male 7/16 UNF
Package 7: Male 1/4 BSPP
Package 8: Euro Ring (See note)
Note: Non-concentricity effects at the diaphragm weld area may cause runout of up to ±0.006 in between the upper and
lower portions of the sensor body. (It is recommended to use a counter bore to mate with this device to allow for this non-
concentricity).


Similar Part No. - 19C500PV4K

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
19C015PA7K HONEYWELL-19C015PA7K Datasheet
630Kb / 8P
   Low Cost, Stainless Steel,Isolated Pressure Sensors
logo
Honeywell Accelerometer...
19C015PV1L HONEYWELL-ACC-19C015PV1L Datasheet
630Kb / 8P
   Low Cost, Stainless Steel, Isolated Pressure Sensors
logo
Rosenberger Hochfrequen...
19CK010-150 ROSENBERGER-19CK010-150 Datasheet
329Kb / 3P
   SMP Calibration Kit
logo
Honeywell Accelerometer...
19CPSIPA1K HONEYWELL-ACC-19CPSIPA1K Datasheet
630Kb / 8P
   Low Cost, Stainless Steel, Isolated Pressure Sensors
19CPSIPA1L HONEYWELL-ACC-19CPSIPA1L Datasheet
630Kb / 8P
   Low Cost, Stainless Steel, Isolated Pressure Sensors
More results

Similar Description - 19C500PV4K

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
13C5000PS4K HONEYWELL-13C5000PS4K Datasheet
873Kb / 8P
   Pressure Sensors Low-cost, Stainless Steel, Isolated Sensors
logo
Honeywell Accelerometer...
19C015PV1L HONEYWELL-ACC-19C015PV1L Datasheet
630Kb / 8P
   Low Cost, Stainless Steel, Isolated Pressure Sensors
logo
Honeywell Solid State E...
19C015PA7K HONEYWELL-19C015PA7K Datasheet
630Kb / 8P
   Low Cost, Stainless Steel,Isolated Pressure Sensors
logo
Honeywell Accelerometer...
13C0500PS1L HONEYWELL-ACC-13C0500PS1L Datasheet
873Kb / 8P
   Low-cost, Stainless Steel, Isolated Sensors
logo
Honeywell Solid State E...
13C5000PS5K HONEYWELL-13C5000PS5K Datasheet
873Kb / 8P
   Low-cost, Stainless Steel, Isolated Sensors
13C0500PA1K HONEYWELL-13C0500PA1K Datasheet
879Kb / 8P
   Low-cost, Stainless Steel, Isolated Sensors
logo
Honeywell Accelerometer...
ST015PG2SPGF HONEYWELL-ACC-ST015PG2SPGF Datasheet
272Kb / 4P
   Stainless Steel Pressure Sensors
logo
Sensortechnics GmbH
RTOP003A1 SENSORTECHNICS-RTOP003A1 Datasheet
190Kb / 6P
   Stainless steel pressure sensors
logo
Honeywell Solid State E...
ST150PG2SPGF HONEYWELL-ST150PG2SPGF Datasheet
220Kb / 4P
   Stainless Steel Pressure Sensors
ST005PG2BPCF HONEYWELL-ST005PG2BPCF Datasheet
220Kb / 4P
   Stainless Steel Pressure Sensors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com