Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM30K-2403SI Datasheet(PDF) 3 Page - AIMTEC

Part # AM30K-2403SI
Description  30 watt dc-dc converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM30K-2403SI Datasheet(HTML) 3 Page - AIMTEC

  AM30K-2403SI Datasheet HTML 1Page - AIMTEC AM30K-2403SI Datasheet HTML 2Page - AIMTEC AM30K-2403SI Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
VISIT US AT WWW.AIMTEC.CA
AM30K-I Series
MODELS Single output
Models
Input Voltage
Ouput Voltage
Ouput Current max.
AM30K-1203SI
AM30K-1205SI
AM30K-1212SI
AM30K-1215SI
9-18VDC
5500mA
5000mA
2500mA
2000mA
3.3VDC
5VDC
12VDC
15VDC
AM30K-2403SI
AM30K-2405SI
AM30K-2412SI
AM30K-2415SI
18-36VDC
5500mA
5000mA
2500mA
2000mA
3.3VDC
5VDC
12VDC
15VDC
AM30K-4803SI
AM30K-4805SI
AM30K-4812SI
AM30K-4815SI
36-75VDC
5500mA
5000mA
2500mA
2000mA
3.3VDC
5VDC
12VDC
15VDC
MODELS Dual output
Models
Input Voltage
Ouput Voltage
Ouput Current max.
AM30K-1205DI
AM30K-1212DI
AM30K-1215DI
9-18VDC
±2500mA
±1250mA
±1000mA
±5VDC
±12VDC
±15VDC
AM30K-2405DI
AM30K-2412DI
AM30K-2415DI
18-36VDC
±2500mA
±1250mA
±1000mA
±5VDC
±12VDC
±15VDC
AM30K-4805DI
AM30K-4812DI
AM30K-4815DI
36-75VDC
±2500mA
±1250mA
±1000mA
±5VDC
±12VDC
±15VDC


Similar Part No. - AM30K-2403SI

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM30K-2403SIZ AIMTEC-AM30K-2403SIZ Datasheet
512Kb / 5P
   30 Watt | DC-DC Converter
AM30K-2403SIZ AIMTEC-AM30K-2403SIZ Datasheet
328Kb / 5P
   Power modules for PCB mounting
AM30K-2403SIZ AIMTEC-AM30K-2403SIZ Datasheet
328Kb / 5P
   30 Watt | DC-DC Converter
More results

Similar Description - AM30K-2403SI

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM30K-C AIMTEC-AM30K-C Datasheet
294Kb / 2P
   30 watt dc-dc converters
AM30KW-C AIMTEC-AM30KW-C Datasheet
330Kb / 3P
   30 watt dc-dc converters
logo
Wall Industries,Inc.
JFC30 WALL-JFC30 Datasheet
515Kb / 6P
   30 Watt DC/DC Power Converters
logo
TRACO Electronic AG
TEL30 TRACOPOWER-TEL30 Datasheet
290Kb / 3P
   DC/DC Converters TEL 30 Series, 30 Watt
Rev. August 30, 2022
logo
List of Unclassifed Man...
UM1101 ETC1-UM1101 Datasheet
404Kb / 2P
   25 to 30 Watt DC-DC Converters
WR12S05 ETC1-WR12S05 Datasheet
37Kb / 2P
   30 Watt Wide input DC/DC converters
logo
TRACO Electronic AG
TEN30WI TRACOPOWER-TEN30WI Datasheet
310Kb / 4P
   DC/DC Converters TEN 30WI Series, 30 Watt
Rev. March 9, 2022
logo
CINCON ELECTRONICS Corp...
EC5SBW-24S33 CINCON-EC5SBW-24S33 Datasheet
256Kb / 2P
   30 WATT 4:1 INPUT DC-DC CONVERTERS
EC9BW CINCON-EC9BW Datasheet
185Kb / 2P
   30 WATT 4:1 INPUT DC-DC CONVERTERS
logo
Power-One
LHR4101-2 POWER-ONE-LHR4101-2 Datasheet
54Kb / 4P
   10...30 Watt AC-DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com