Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET


B45197 Datasheet(HTML) 5 Page - EPCOS

Part No. B45197
Description  Tantalum Chip Capacitors
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EPCOS [EPCOS]
Homepage  http://www.epcos.com
Logo 

B45197 Datasheet(HTML) 5 Page - EPCOS

 
Zoom Inzoom in Zoom Outzoom out
 5 page
background image
69
10/02
Tantalum Chip Capacitors
SpeedPower; Low ESR
Overview of available types
Series
B45197A, tinned terminals
B45198R, gold-plated terminals
VR (Vdc)
up to 85
°C
6,3
10
1620
253550
CR (µF)1)
0,47
B
0,68
B
1,0
B
1,5
B
B
2,2
B
B
B
3,3
B
B
B
C
4,7
B
B
B
B
C
D
D
6,8
B
B
B
C
B
C
D
E
D
E
10
B
B
CB
CB
C
C
D
E
E
15
B
B
C
B
CC
DD
E
22
B
C
B
C
C
D
DE
DE
33
B
C
B
CCDD
E
D
E
E
47
B
C
B
C
D
CDD
E
D
E
E
68
B
C
DC
DC
D
E
D
E
E
100
C
D
C
D
E
D
E
E
150
DE
DE
DE
220
DE
DE
E
330
DE
DE
470
D
E
E
680
E
1000
E
Upon request
1) Additional ratings upon request
B45197, B45198


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn