Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32652A0153 Datasheet(PDF) 11 Page - EPCOS

Part # B32652A0153
Description  Metallized Polypropylene Film Capacitors (MKP)
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32652A0153 Datasheet(HTML) 11 Page - EPCOS

Back Button B32652A0153 Datasheet HTML 7Page - EPCOS B32652A0153 Datasheet HTML 8Page - EPCOS B32652A0153 Datasheet HTML 9Page - EPCOS B32652A0153 Datasheet HTML 10Page - EPCOS B32652A0153 Datasheet HTML 11Page - EPCOS B32652A0153 Datasheet HTML 12Page - EPCOS B32652A0153 Datasheet HTML 13Page - EPCOS B32652A0153 Datasheet HTML 14Page - EPCOS B32652A0153 Datasheet HTML 15Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
Ordering codes and packing units (lead spacing 27.5 mm)
VR
VDC
Vrms
f
≤1 kHz
VAC
CR
nF
Max. dimensions
w
× h × l
mm
Ordering code
(composition see
below)
Ammo
pack
pcs./unit
Reel
pcs./unit
Untaped
pcs./unit
Further E series and intermediate capacitance values on request.
Composition of ordering code
+ =
Capacitance tolerance code:
*** = Packaging code:
K =
±10%
J =
±5%
on request =
±3.5%
189 = Reel
000 = Untaped (lead length 6
1 mm)
250 160
1500
11.0
× 21.0 × 31.5 B32654A3155+***
350
320
2200
12.5
× 21.5 × 31.5 B32654A3225+***
300
280
3300
15.0
× 24.5 × 31.5 B32654A3335+000
240
4700
18.0
× 27.5 × 31.5 B32654A3475+000
200
400 200
1000
11.0
× 21.0 × 31.5 B32654A4105+***
350
320
1500
12.5
× 21.5 × 31.5 B32654A4155+***
300
280
2200
14.0
× 24.5 × 31.5 B32654A4225+000
260
3300
19.0
× 30.0 × 31.5 B32654A4335+000
180
630 250
680
11.0
× 21.0 × 31.5 B32654A6684+***
350
320
1000
13.5
× 23.0 × 31.5 B32654A6105+***
250
260
1500
18.0
× 27.5 × 31.5 B32654A6155+000
200
1000 250
220
11.0
× 21.0 × 31.5 B32654A0224+***
350
320
330
11.0
× 21.0 × 31.5 B32654A0334+***
350
320
470
14.0
× 24.5 × 31.5 B32654A0474+000
260
680
18.0
× 27.5 × 31.5 B32654A0684+000
200
1250 500
100
11.0
× 21.0 × 31.5 B32654A7104+***
350
320
150
11.0
× 21.0 × 31.5 B32654A7154+***
350
320
220
14.0
× 24.5 × 31.5 B32654A7224+000
260
330
18.0
× 27.5 × 31.5 B32654A7334+000
200
1600 500
47
11.0
× 21.0 × 31.5 B32654A1473+***
350
320
68
11.0
× 21.0 × 31.5 B32654A1683+***
350
320
100
14.0
× 24.5 × 31.5 B32654A1104+000
260
150
18.0
× 27.5 × 31.5 B32654A1154+000
200
2000 700
22
11.0
× 21.0 × 31.5 B32654A2223+***
350
320
33
13.5
× 23.0 × 31.5 B32654A2333+***
250
260
47
18.0
× 27.5 × 31.5 B32654A2473+000
200
68
19.0
× 30.0 × 31.5 B32654A2683+000
180
B32654
High pulse (wound)
11


Similar Part No. - B32652A0153

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32652A0153 EPCOS-B32652A0153 Datasheet
652Kb / 40P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32652A0153 EPCOS-B32652A0153 Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
B32652A0153 EPCOS-B32652A0153 Datasheet
657Kb / 39P
   Film Capacitors
B32652A0153K EPCOS-B32652A0153K Datasheet
963Kb / 28P
   Metallized Polypropylene Film Capacitors (MKP)
More results

Similar Description - B32652A0153

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32651 EPCOS-B32651_11 Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
B32794D2635K EPCOS-B32794D2635K Datasheet
303Kb / 19P
   Metallized Polypropylene Film Capacitors (MKP)
B32621A6223J EPCOS-B32621A6223J Datasheet
525Kb / 30P
   Metallized Polypropylene Film Capacitors (MKP)
logo
TDK Electronics
MKP-B3267P TDK-MKP-B3267P Datasheet
494Kb / 18P
   Metallized Polypropylene Film Capacitors (MKP)
logo
EPCOS
B32778G406K EPCOS-B32778G406K Datasheet
280Kb / 21P
   Metallized Polypropylene Film Capacitors (MKP)
B32652A3334J EPCOS-B32652A3334J Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
B32674 EPCOS-B32674_11 Datasheet
326Kb / 22P
   Metallized Polypropylene Film Capacitors (MKP)
B32654A474J EPCOS-B32654A474J Datasheet
503Kb / 18P
   Metallized Polypropylene Film Capacitors (MKP)
B32676G6106K EPCOS-B32676G6106K Datasheet
308Kb / 22P
   Metallized Polypropylene Film Capacitors (MKP)
B32653A1473J EPCOS-B32653A1473J Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
logo
TDK Electronics
B32674 TDK-B32674_16 Datasheet
2Mb / 40P
   Metallized Polypropylene Film Capacitors (MKP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com