Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32620-A6332 Datasheet(PDF) 6 Page - EPCOS

Part # B32620-A6332
Description  Metallized Polypropylene Film Capacitors (MKP) Plastic Case
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32620-A6332 Datasheet(HTML) 6 Page - EPCOS

Back Button B32620-A6332 Datasheet HTML 2Page - EPCOS B32620-A6332 Datasheet HTML 3Page - EPCOS B32620-A6332 Datasheet HTML 4Page - EPCOS B32620-A6332 Datasheet HTML 5Page - EPCOS B32620-A6332 Datasheet HTML 6Page - EPCOS B32620-A6332 Datasheet HTML 7Page - EPCOS B32620-A6332 Datasheet HTML 8Page - EPCOS B32620-A6332 Datasheet HTML 9Page - EPCOS B32620-A6332 Datasheet HTML 10Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
122 12/00
MKP
Technical data
Climatic category
in accordance with IEC 60068-1
55/100/56
Lower category temperature Tmin
Upper category temperature Tmax
− 55 °C
+ 100 °C
Damp heat test
56 days/40
°C/93 % relative humidity
Limit values after damp
heat test
Capacitance change |
∆C/C|
≤ 3 %
Dissipation factor change
∆ tan δ ≤ 0,5 ⋅ 10−3 (at 1 kHz)
≤ 1,0 ⋅ 10−3 (at 10 kHz)
Insulation resistance Ris
≥ 50 % of minimum
as-delivered values
Reliability:
Reference conditions
Failure rate
0,5
⋅ V
R; 40 °C
1
⋅ 10−9/h = 1 fit
For a conversion table for other operating conditions and tem-
peratures, refer to chapter “Quality assurance”, page 327.
Service life
200 000 h
Failure criteria:
Total failure
Failure due to variation
of parameters
Short circuit or open circuit
Capacitance change |
∆C/C|
> ±10 %
Dissipation factor tan
δ
4
⋅ upper limit values
Insulation resistance Ris
< 1500 MΩ
DC test voltage
1,6
⋅ V
R, 2 s
Category voltage VC
Operation with dc voltage or
ac voltage Vrms up to 1 kHz
T
≤ 85 °C: V
C = 1,0 ⋅ VR or 1,0 ⋅ Vrms
T = 100
°C: V
C = 0,7 ⋅ VR or 0,7 ⋅ Vrms
Dissipation factor tan
δ (in 10−3)
at 20
°C
(upper limit values)
Insulation resistance Ris
or time constant
τ = C
R ⋅ Ris
at 20
°C, rel. humidity ≤ 65 %
(minimum as-delivered values)
100 G
CR ≤ 0,1 µF0,1 µF < CR ≤ 0,22 µF
at
1 kHz
1,0
10 kHz
1,5
100 kHz
4,0
B 32 621
B 32 620


Similar Part No. - B32620-A6332

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32620 EPCOS-B32620 Datasheet
525Kb / 30P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32620A0152 EPCOS-B32620A0152 Datasheet
525Kb / 30P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
TDK Electronics
B32620A0152 TDK-B32620A0152 Datasheet
500Kb / 28P
   Metallized Polypropylene Film Capacitors
logo
EPCOS
B32620A0222 EPCOS-B32620A0222 Datasheet
525Kb / 30P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
TDK Electronics
B32620A0222 TDK-B32620A0222 Datasheet
500Kb / 28P
   Metallized Polypropylene Film Capacitors
More results

Similar Description - B32620-A6332

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32651 EPCOS-B32651_11 Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
B32794D2635K EPCOS-B32794D2635K Datasheet
303Kb / 19P
   Metallized Polypropylene Film Capacitors (MKP)
B32621A6223J EPCOS-B32621A6223J Datasheet
525Kb / 30P
   Metallized Polypropylene Film Capacitors (MKP)
logo
TDK Electronics
MKP-B3267P TDK-MKP-B3267P Datasheet
494Kb / 18P
   Metallized Polypropylene Film Capacitors (MKP)
logo
EPCOS
B32778G406K EPCOS-B32778G406K Datasheet
280Kb / 21P
   Metallized Polypropylene Film Capacitors (MKP)
B32652A3334J EPCOS-B32652A3334J Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
B32674 EPCOS-B32674_11 Datasheet
326Kb / 22P
   Metallized Polypropylene Film Capacitors (MKP)
B32654A474J EPCOS-B32654A474J Datasheet
503Kb / 18P
   Metallized Polypropylene Film Capacitors (MKP)
B32676G6106K EPCOS-B32676G6106K Datasheet
308Kb / 22P
   Metallized Polypropylene Film Capacitors (MKP)
B32653A1473J EPCOS-B32653A1473J Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com