Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SG-710 Datasheet(PDF) 1 Page - Epson Company

Part # SG-710
Description  HIGH-FREQUENCY CRYSTAL OSCILLATOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

SG-710 Datasheet(HTML) 1 Page - Epson Company

  SG-710 Datasheet HTML 1Page - Epson Company SG-710 Datasheet HTML 2Page - Epson Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
37
Crystal oscillator
Recommended soldering pattern (Unit: mm)
1 OE or ST
2
GND
3
OUT
4
VDD
NO.
7.5 Max.
7.2 Max.
5.0 Max.
5.2 Max.
PTK/PHK/ECK
∗∗W
L
5.08
E
40.000
HC724A
# 3
# 4
# 2
# 1
5.08
1.8
5.08
1.4
#1
#2
#4
#3
Bottom View
External dimensions
Specifications (characteristics)
(Unit: mm)
Pin terminal
LW
HIGH-FREQUENCY CRYSTAL OSCILLATOR
Item
Output frequency range
Power source
voltage
Temperature
range
Soldering condition
Frequency stability
Current consumption
Output disable current
Standby current
Duty
High output voltage
Low output voltage
Output load
condition (fan out)
Output enable/disable input voltage
Output rise time
Output fall time
Oscillation start up time
Aging
Shock resistance
Symbol
f0
VDD-GND
VDD
TSTG
TOPR
TSOL
∆f/f0
Iop
IOE
IST
tw/t
VOH
VOL
N
CL
VIH
VIL
tTLH
tTHL
tOSC
fa
S.R.
TTL
C-MOS
C-MOS level
TTL level
C-MOS level
TTL level
SG-710PTK
SG-710PHK
SG-710ECK
Specifications
-0.5 V to +7.0 V
5.0
V ±0.5 V
3.3
V ±0.3 V
-55 °C to +125 °C
-10
°C to +70 °C (-40 °C to +85 °C)
Twice at under +260 °C within 10 s
B: ±50 x 10-6 C: ± 100 x 10-6 M: ± 100 x 10-6
24 mA Max.
40 mA Max.
18 mA Max.
12 mA Max.
16 mA Max.
10 µA Max.
45 % to 55 %
40 % to 60 %
45 % to 55 %
40 % to 60 %
2.4 V Min.
VDD -0.5 V Min.
0.9
x VDD Min.
0.4 V Max.
0.5 V Max.
0.1
x VDD Max.
10 TTL Max.
10 TTL Max.
(15 pF Max.)
50 pF Max.
15 pF Max.
2.0 V Min.
2.0 V Min.
0.7 x VDD Min.
0.8 V Max.
0.8 V Max.
0.3 x VDD Max.
5 ns Max.
6 ns Max.
5 ns Max.
5 ns Max.
6 ns Max.
5 ns Max.
10 ms Max.
±5 x 10-6/year Max.
±10 x 10-6 Max.
Remarks
B,C:-10 °C to +70 °C, M:-40 °C to +85 C°
No load condition
OE=GND(PTK, PHK)
ST=GND(ECK)
C-MOS load: 1/2 VDD level
TTL load: 1.4 V level
IOH=-16 mA(PTK,PHK),-2 mA(ECK)
IOL= 16 mA(PTK,PHK), 2 mA(ECK)
OE
terminal(PTK,PHK)
ST
_
terminal(ECK)
C-MOS load: 10
%
90 % VDD
TTL load: 0.4 V
2.4 V
C-MOS load: 90
%
10 % VDD
TTL load: 2.4 V
0.4 V
Time at minimum operating voltage to be 0 s
Ta= +25 °C, VDD = 5.0 V/3.3 V(ECK)
Three drops on a hard board from 750 mm
or excitation test with 29400 m/s2 x 0.3 ms x
1/2sine wave in 3 directions
Max. supply voltage
Operating voltage
Storage temperature
Operating temperature
• Ceramic package with 1.5 mm thickness.
• Excellent shock resistance and environmental capability.
• Low current consumption due to use of C-MOS technology.
• Low current consumption by output enabled function (OE) or
standby function (ST).
1.8000 MHz to
50.0000 MHz
1.8000 MHz to
80.0000 MHz
1.8000 MHz to
67.0000 MHz
SG-710 series
Please contact us on availability of -40
°C to +85 °C


Similar Part No. - SG-710

ManufacturerPart #DatasheetDescription
logo
Epson ToYoCom
SG-710ECK EPSONTOYOCOM-SG-710ECK Datasheet
425Kb / 2P
   Crystal oscillator
SG-710PCW EPSONTOYOCOM-SG-710PCW Datasheet
425Kb / 2P
   Crystal oscillator
SG-710PHK EPSONTOYOCOM-SG-710PHK Datasheet
425Kb / 2P
   Crystal oscillator
SG-710PHW EPSONTOYOCOM-SG-710PHW Datasheet
425Kb / 2P
   Crystal oscillator
SG-710PTK EPSONTOYOCOM-SG-710PTK Datasheet
425Kb / 2P
   Crystal oscillator
More results

Similar Description - SG-710

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SG-636 ETC1-SG-636 Datasheet
68Kb / 2P
   HIGH-FREQUENCY CRYSTAL OSCILLATOR
logo
Epson Company
SG-615 EPSON-SG-615 Datasheet
70Kb / 2P
   SOJ HIGH-FREQUENCY CRYSTAL OSCILLATOR
logo
Cypress Semiconductor
CY25702 CYPRESS-CY25702_09 Datasheet
220Kb / 6P
   Programmable High-Frequency Crystal Oscillator
logo
CRYSTEK CORPORATION
CCO-983 CRYSTEKMICROWAVE-CCO-983 Datasheet
158Kb / 2P
   high frequency sinewave crystal oscillator
logo
List of Unclassifed Man...
SG-8002CA ETC1-SG-8002CA Datasheet
24Kb / 1P
   PROGRAMMABLE HIGH-FREQUENCY CRYSTAL OSCILLATOR
logo
Epson Company
SG-8002DB EPSON-SG-8002DB Datasheet
86Kb / 2P
   PROGRAMMABLE HIGH-FREQUENCY CRYSTAL OSCILLATOR
SG8002DC EPSON-SG8002DC Datasheet
151Kb / 1P
   PROGRAMMABLE HIGH-FREQUENCY CRYSTAL OSCILLATOR
logo
Vectron International, ...
C5255B1 VECTRON-C5255B1 Datasheet
100Kb / 3P
   High Frequency Crystal-based Oscillator
logo
Epson Company
SG-8002JA EPSON-SG-8002JA Datasheet
33Kb / 1P
   PROGRAMMABLE HIGH-FREQUENCY CRYSTAL OSCILLATOR
logo
List of Unclassifed Man...
SG8002CE ETC-SG8002CE Datasheet
104Kb / 1P
   PROGRAMMABLE HIGH-FREQUENCY CRYSTAL OSCILLATOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com