Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SG-3032JC Datasheet(PDF) 2 Page - Epson Company

Part # SG-3032JC
Description  32kHz CRYSTAL OSCILLATOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

SG-3032JC Datasheet(HTML) 2 Page - Epson Company

  SG-3032JC Datasheet HTML 1Page - Epson Company SG-3032JC Datasheet HTML 2Page - Epson Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
THE CRYSTALMASTER
NOTICE
SEIKO EPSON CORP. QUARTZ DEVICE DIVISION acquired ISO9001 and ISO14001 certification
by B.V.Q. I. (Bureau Veritas Quality International) .
ISO9001 in October, 1992.
ISO14001 in November,1997.
No part of this material may be reproduced or duplicated in any form or by any means without the written permission of Seiko
Epson. Seiko Epson reserves the right to make changes to this material without notice. Seiko Epson does not assume any
liability of any kind arising out of any inaccuracies contained in this material or due to its application or use in any product or
circuit and, further, there is no representation that this material is applicable to products requiring high level reliability, such as,
medical products. Moreover, no license to any intellectual property rights is granted by implication or otherwise, and there is no
representation or warranty that anything made in accordance with this material will be free from any patent or copyright
infringement of a third party. This material of portions there may contain technology or the subject relating to strategic products
under the control of the Foreign Exchange and Foreign Trade Control Law of Japan and may require an export license from the
Ministry of International Trade and Industry or other approval from another government agency.
ENERGY SAVING EPSON
Our concept of Energy Saving technology conserves
resources by blending the essence of these three efficiency
technologies. The essence of these technologies is repre-
sented in each of the products that we provide to our cus-
tomers.
In the industrial sector, leading priorities include mea-
sures to counter the greenhouse effect by reducing CO2,
measures to preserve the global environ-
ment, and the development of energy-
efficient products. Environmental
problems are of global concern, and
although the contribution of energy-
saving technology developed by
EPSON may appear insignificant,
we seek to contribute to the develop-
ment of energy-saving products by our
customers through the utilization of our electronic devices.
EPSON is committed to the conservation of energy, both
for the sake of people and of the planet on which we live.
EPSON offers effective savings to its customers through
a wide range of electronic devices, such as semiconductors,
liquid crystal display (LCD) modules, and crystal devices.
These savings are achieved through a sophisticated melding
of three different efficiency technologies.
Power saving technology
provides low power con-
sumption at low voltages.
Space saving technology
provides further reductions
in product size and weight
through super-precise pro-
cessing and high-density
assembly technology.
Time saving technology
shortens the time required
for design and development
on the customer side and
shortens delivery times.
Energy Saving
Power Saving
Space Saving
Time Saving
Resource
Saving


Similar Part No. - SG-3032JC

ManufacturerPart #DatasheetDescription
logo
Epson Company
SG-3030CM EPSON-SG-3030CM Datasheet
401Kb / 2P
   CRYSTAL OSCILLATOR (SPXO)
logo
Epson ToYoCom
SG-3030JC EPSONTOYOCOM-SG-3030JC Datasheet
352Kb / 2P
   CRYSTAL OSCILLATOR
SG-3030JC EPSONTOYOCOM-SG-3030JC Datasheet
215Kb / 1P
   CRYSTAL OSCILLATOR 32.768 kHz
SG-3030JF EPSONTOYOCOM-SG-3030JF Datasheet
352Kb / 2P
   CRYSTAL OSCILLATOR
SG-3030JF EPSONTOYOCOM-SG-3030JF Datasheet
215Kb / 1P
   CRYSTAL OSCILLATOR 32.768 kHz
More results

Similar Description - SG-3032JC

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
5059H NPC-5059H Datasheet
558Kb / 11P
   32kHz output Crystal Oscillator Module ICs
WF5091A NPC-WF5091A Datasheet
412Kb / 13P
   32kHz output Crystal Oscillator IC with Frequency Adjustment Function
logo
Vectron International, ...
PX-340 VECTRON-PX-340_11 Datasheet
254Kb / 4P
   Crystal Oscillator
logo
Epson ToYoCom
SG-771PCD EPSONTOYOCOM-SG-771PCD Datasheet
366Kb / 2P
   CRYSTAL OSCILLATOR
SG-8002JC EPSONTOYOCOM-SG-8002JC Datasheet
533Kb / 4P
   CRYSTAL OSCILLATOR
SG-8002LB EPSONTOYOCOM-SG-8002LB Datasheet
491Kb / 4P
   CRYSTAL OSCILLATOR
TCO-7085X1A EPSONTOYOCOM-TCO-7085X1A Datasheet
359Kb / 2P
   CRYSTAL OSCILLATOR
logo
Vectron International, ...
PX-7000-DAC-D VECTRON-PX-7000-DAC-D Datasheet
449Kb / 6P
   Crystal Oscillator
logo
Epson Company
SG-8002CE EPSON-SG-8002CE Datasheet
576Kb / 6P
   CRYSTAL OSCILLATOR
logo
Motorola, Inc
MC12061 MOTOROLA-MC12061 Datasheet
96Kb / 9P
   Crystal Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com