Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32621-A5683 Datasheet(PDF) 4 Page - EPCOS

Part # B32621-A5683
Description  Metallized Polypropylene Film Capacitors (MKP) Plastic Case
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32621-A5683 Datasheet(HTML) 4 Page - EPCOS

  B32621-A5683 Datasheet HTML 1Page - EPCOS B32621-A5683 Datasheet HTML 2Page - EPCOS B32621-A5683 Datasheet HTML 3Page - EPCOS B32621-A5683 Datasheet HTML 4Page - EPCOS B32621-A5683 Datasheet HTML 5Page - EPCOS B32621-A5683 Datasheet HTML 6Page - EPCOS B32621-A5683 Datasheet HTML 7Page - EPCOS B32621-A5683 Datasheet HTML 8Page - EPCOS B32621-A5683 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
120 12/00
MKP
Capacitance tolerance:
± 20 % =ˆ M, ± 10 % =ˆ K, ± 5 % =ˆ J
1000 Vdc
(500 Vac)
1,5 nF
4,0
× 8,5 × 10,0
B32620-A152-+***
2000
1800
1500
2,2 nF
4,0
× 8,5 × 10,0
B32620-A222-+***
2000
1800
1500
3,3 nF
5,0
× 10,5 × 10,0
B32620-A332-+***
1600
1400
1000
4,7 nF
5,0
× 10,5 × 10,0
B32620-A472-+***
1600
1400
1000
6,8 nF
6,0
× 12,0 × 10,3
B32620-A682-+***
1300
1100
750
1000 Vdc
(600 Vac)
470 pF
4,0
× 8,5 × 10,0
B32620-J471-+***
2000
1800
1500
680 pF
5,0
× 10,5 × 10,0
B32620-J681-+***
1600
1400
1000
1,0 nF
5,0
× 10,5 × 10,0
B32620-J102-+***
1600
1400
1000
1,5 nF
5,0
× 10,5 × 10,0
B32620-J152-+***
1600
1400
1000
2,2 nF
5,0
× 10,5 × 10,0
B32620-J222-+***
1600
1400
1000
3,3 nF
5,0
× 10,5 × 10,0
B32620-J332-+***
1600
1400
1000
4,7 nF
6,0
× 12,0 × 10,3
B32620-J472-+***
1300
1100
750
Ordering codes and packing units, lead spacing 7,5 mm
VR
(Vrms
f
≤ 1 kHz)
CR
Maximum
dimensions
b
× h × l (mm)
Ordering code1)
Packing units (pcs)
Ammo
pack
Reel
Untaped
1) +
Code letter for capacitance tolerance
***
Code number for packing: Ammo pack = 289, reel = 189
The ordering code for untaped components ends after the tolerance code letter.
For capacitors with 3,2 mm lead length, append code number “3” to the tolerance code, e.g.: B32620-A152-K3
B32 620
7,5


Similar Part No. - B32621-A5683

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32621 EPCOS-B32621 Datasheet
525Kb / 30P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32621A0103 EPCOS-B32621A0103 Datasheet
525Kb / 30P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32621A0222 EPCOS-B32621A0222 Datasheet
525Kb / 30P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32621A0332 EPCOS-B32621A0332 Datasheet
525Kb / 30P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32621A0472 EPCOS-B32621A0472 Datasheet
525Kb / 30P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
More results

Similar Description - B32621-A5683

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32651 EPCOS-B32651_11 Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
B32794D2635K EPCOS-B32794D2635K Datasheet
303Kb / 19P
   Metallized Polypropylene Film Capacitors (MKP)
B32621A6223J EPCOS-B32621A6223J Datasheet
525Kb / 30P
   Metallized Polypropylene Film Capacitors (MKP)
logo
TDK Electronics
MKP-B3267P TDK-MKP-B3267P Datasheet
494Kb / 18P
   Metallized Polypropylene Film Capacitors (MKP)
logo
EPCOS
B32778G406K EPCOS-B32778G406K Datasheet
280Kb / 21P
   Metallized Polypropylene Film Capacitors (MKP)
B32652A3334J EPCOS-B32652A3334J Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
B32674 EPCOS-B32674_11 Datasheet
326Kb / 22P
   Metallized Polypropylene Film Capacitors (MKP)
B32654A474J EPCOS-B32654A474J Datasheet
503Kb / 18P
   Metallized Polypropylene Film Capacitors (MKP)
B32676G6106K EPCOS-B32676G6106K Datasheet
308Kb / 22P
   Metallized Polypropylene Film Capacitors (MKP)
B32653A1473J EPCOS-B32653A1473J Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com