Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CR101J11S115QF Datasheet(PDF) 4 Page - ITT Industries

Part # CR101J11S115QF
Description  Round Single Pole Specialty Rocker Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

CR101J11S115QF Datasheet(HTML) 4 Page - ITT Industries

  CR101J11S115QF Datasheet HTML 1Page - ITT Industries CR101J11S115QF Datasheet HTML 2Page - ITT Industries CR101J11S115QF Datasheet HTML 3Page - ITT Industries CR101J11S115QF Datasheet HTML 4Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Dimensions are shown: Inch (mm)
Dimensions subject to change
www.ittcannon.com
11
TERMINATION
C&K CR Series
Round Single Pole Specialty Rocker Switches
CONTACT MATERIAL
LAMP RATING
(NONE) (STD.) NO LAMP
6 LED RATING @ 10 mA V
f=1.85V
OPTION
CODE
CONTACT AND TERMINAL MATERIAL
RATINGS
QF (STD.)
SILVER
POWER
16 AMPS @ 125 VAC; 10 AMPS @ 250 VAC (®C
US
)
10 AMPS @ 125 VAC; 6 AMPS @ 250 VAC (VDE) µ T85
7 125 VAC 33kΩ NEON
8 250 VAC 150kΩ NEON
15 (STD.) .187” QUICK CONNECT
NOTE: Lamp rating for J3 actuator option.
.307
(7,8)
.129
(3,28)
.960 DIA.
(24,4)
.756 DIA.
(19,2)
ACCESSORIES
377C00000 IP65 SPLASH PROOF RUBBER BOOT


Similar Part No. - CR101J11S115QF

ManufacturerPart #DatasheetDescription
logo
ITT Industries
CR101J11S115QF ITT-CR101J11S115QF Datasheet
274Kb / 4P
   Round Single Pole Specialty Rocker Switches
CR101J11S115QF6 ITT-CR101J11S115QF6 Datasheet
274Kb / 4P
   Round Single Pole Specialty Rocker Switches
CR101J11S115QF7 ITT-CR101J11S115QF7 Datasheet
274Kb / 4P
   Round Single Pole Specialty Rocker Switches
CR101J11S115QF8 ITT-CR101J11S115QF8 Datasheet
274Kb / 4P
   Round Single Pole Specialty Rocker Switches
More results

Similar Description - CR101J11S115QF

ManufacturerPart #DatasheetDescription
logo
ITT Industries
C101J12S215QF ITT-C101J12S215QF Datasheet
274Kb / 4P
   Round Single Pole Specialty Rocker Switches
logo
C&K Components
CR101J12S2156 CK-COMPONENTS-CR101J12S2156 Datasheet
880Kb / 4P
   Round Single Pole Specialty Rocker Switches
CR CK-COMPONENTS-CR Datasheet
375Kb / 4P
   Round Single Pole Specialty Rocker Switches
2018
DA101J11S215DQF6 CK-COMPONENTS-DA101J11S215DQF6 Datasheet
286Kb / 4P
   Miniature Single Pole Rocker Switches
logo
ITT Industries
CG101J12S205QF ITT-CG101J12S205QF Datasheet
154Kb / 4P
   Single Pole Power Rocker Switches
logo
C&K Components
DA CK-COMPONENTS-DA Datasheet
505Kb / 4P
   Miniature Single Pole Rocker Switches
15 May 20
logo
ITT Industries
CM101J12S205QA ITT-CM101J12S205QA Datasheet
151Kb / 4P
   Single Pole Power Rocker Switches
logo
C&K Components
CL101J72S205DQA7 CK-COMPONENTS-CL101J72S205DQA7 Datasheet
651Kb / 4P
   Single Pole Power Rocker Switches
CL CK-COMPONENTS-CL Datasheet
381Kb / 4P
   Single Pole Power Rocker Switches
2018
CM101J12S205DQA7 CK-COMPONENTS-CM101J12S205DQA7 Datasheet
563Kb / 4P
   Single Pole Power Rocker Switches
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com