Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA103J12S215QF Datasheet(PDF) 3 Page - ITT Industries

Part # DA103J12S215QF
Description  Miniature Single Pole Rocker Switches
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DA103J12S215QF Datasheet(HTML) 3 Page - ITT Industries

  DA103J12S215QF Datasheet HTML 1Page - ITT Industries DA103J12S215QF Datasheet HTML 2Page - ITT Industries DA103J12S215QF Datasheet HTML 3Page - ITT Industries DA103J12S215QF Datasheet HTML 4Page - ITT Industries DA103J12S215QF Datasheet HTML 5Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Dimensions are shown: Inch (mm)
Dimensions subject to change
www.ittcannon.com
5
ACTUATOR
C&K DA Series
Miniature Single Pole Rocker Switches
ACTUATOR COLOR
OPTION
ACTUATOR
CODE
COLOR
2
(STD.) BLACK
1
WHITE
3
RED
R
RED, ILLUMINATED
A
AMBER, ILLUMINATED
G
GREEN, ILLUMINATED
J4 CIRCLE, ILLUMINATED ROCKER
NOTE: Available with DA102 switch function and
7 & 8 lamp ratings only.
J5 OVAL, ILLUMINATED ROCKER
NOTE: Available with DA102 switch function and
6 lamp rating only.
.389
(9,88)
.142
(3,6)
.389
(9,88)
.142
(3,6)
MOUNTING STYLE/COLOR
S2, S1 & G2 PANEL MOUNTING
PANEL THICKNESS
“X”
“Y”
0.030-0.049 (0,75-1,25)
0.756-.004 (19,2-0,1)
0.512+.004 (13,0+0,1)
0.049-0.079 (1,25-2,0)
0.764-.004 (19,4-0,1)
0.512+.004 (13,0+0,1)
0.079-0.118 (2,0-3,0)
0.779-.004 (19,8-0,1)
0.512+.004 (13,0+0,1)
S2 (STD.) SNAP-IN, BLACK
S1 SNAP-IN, WHITE
B2 RECESSED SNAP-IN BRACKET, BLACK
G2 GUARD, BLACK
NOTE: Available with DA10X switch functions only.
.820
(20,83)
1.200
(30,48)
.080
(2,03)
1.244
(31,60)
.700
(17,78)
.350
(8,89)
1.064
(27,03)
.940
(23,88)
NOTE: Available with DA10X switch functions only.
PANEL THICKNESS
“Y”
0.030-0.049 (0,75-0,25)
1.068 (27,13)
0.049-0.079 (1,25-2,0)
1.076 (27,33)
0.079-0.118 (2,0-3,0)
1.092 (27,74)
B2 PANEL MOUNTING
OPTION
ACTUATOR
CODE
COLOR
TOP
BOTTOM
1
WHITE
RED
2
WHITE
BLACK
3
RED
WHITE
4
BLACK
WHTE
5
BLACK
RED
J2 actuator only


Similar Part No. - DA103J12S215QF

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
DA103JC MURATA-PS-DA103JC Datasheet
121Kb / 3P
   SM Transformers for Digital Audio Data Transmission
DA103JC MURATA-PS-DA103JC Datasheet
329Kb / 4P
   SM Transformers for Digital Audio Data Transmission
2023
More results

Similar Description - DA103J12S215QF

ManufacturerPart #DatasheetDescription
logo
C&K Components
DA101J11S215DQF6 CK-COMPONENTS-DA101J11S215DQF6 Datasheet
286Kb / 4P
   Miniature Single Pole Rocker Switches
DA CK-COMPONENTS-DA Datasheet
505Kb / 4P
   Miniature Single Pole Rocker Switches
15 May 20
logo
ITT Industries
DT12J12S215QA ITT-DT12J12S215QA Datasheet
306Kb / 4P
   Miniature Double Pole Rocker Switches
logo
C&K Components
DM62J12S205PQ CK-COMPONENTS-DM62J12S205PQ Datasheet
253Kb / 4P
   Miniature 2 Pole Power Rocker Switches
DM21J12S205DQ CK-COMPONENTS-DM21J12S205DQ Datasheet
1Mb / 4P
   Miniature 2 Pole Power Rocker Switches
logo
ITT Industries
DM21J12S205Q ITT-DM21J12S205Q Datasheet
349Kb / 4P
   Miniature 2 Pole Power Rocker Switches
logo
C&K Components
DM CK-COMPONENTS-DM Datasheet
851Kb / 8P
   Miniature 2 Pole Power Rocker Switches
15 May 20
logo
List of Unclassifed Man...
H8500VBBB-551W-B ETC2-H8500VBBB-551W-B Datasheet
190Kb / 2P
   8500 Rocker Switches - Miniature 10A 250Vac Single & Double Pole
logo
ITT Industries
CG101J12S205QF ITT-CG101J12S205QF Datasheet
154Kb / 4P
   Single Pole Power Rocker Switches
CM101J12S205QA ITT-CM101J12S205QA Datasheet
151Kb / 4P
   Single Pole Power Rocker Switches
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com