Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC635-16 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BC635-16
Description  NPN medium power transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BC635-16 Datasheet(HTML) 7 Page - NXP Semiconductors

  BC635-16 Datasheet HTML 1Page - NXP Semiconductors BC635-16 Datasheet HTML 2Page - NXP Semiconductors BC635-16 Datasheet HTML 3Page - NXP Semiconductors BC635-16 Datasheet HTML 4Page - NXP Semiconductors BC635-16 Datasheet HTML 5Page - NXP Semiconductors BC635-16 Datasheet HTML 6Page - NXP Semiconductors BC635-16 Datasheet HTML 7Page - NXP Semiconductors BC635-16 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
1999 Apr 23
7
Philips Semiconductors
Product specification
NPN medium power transistors
BC635; BC637; BC639
NOTES


Similar Part No. - BC635-16

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC635-16 NXP-BC635-16 Datasheet
152Kb / 15P
   45 V, 1 A NPN medium power transistors
Rev. 07 - 4 June 2007
BC635-16 NXP-BC635-16 Datasheet
160Kb / 15P
   45 V, 1 A NPN medium power transistors
Rev. 07-4 June 2007
BC635-16 PHILIPS-BC635-16 Datasheet
160Kb / 15P
   45 V, 1 A NPN medium power transistors
Rev. 07-4 June 2007
More results

Similar Description - BC635-16

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BSR40 PHILIPS-BSR40 Datasheet
41Kb / 8P
   NPN medium power transistors
1999 Apr 28
BSX45 PHILIPS-BSX45 Datasheet
53Kb / 8P
   NPN medium power transistors
1997 Apr 23
BC140 PHILIPS-BC140 Datasheet
50Kb / 8P
   NPN medium power transistors
1997 May 12
BCP54 PHILIPS-BCP54 Datasheet
43Kb / 8P
   NPN medium power transistors
1999 Apr 08
logo
STMicroelectronics
STF724 STMICROELECTRONICS-STF724_06 Datasheet
216Kb / 11P
   NPN medium power transistors
logo
Guangdong Kexin Industr...
BCX54 KEXIN-BCX54 Datasheet
53Kb / 2P
   NPN Medium Power Transistors
logo
New Jersey Semi-Conduct...
BC140 NJSEMI-BC140 Datasheet
68Kb / 2P
   NPN medium power transistors
logo
FutureWafer Tech Co.,Lt...
BCX493TA FUTUREWAFER-BCX493TA Datasheet
1Mb / 7P
   NPN Medium Power Transistors
14-DEC-2021 V 2.0
logo
SHIKUES Electronics
2SD1005 SKTECHNOLGY-2SD1005 Datasheet
669Kb / 2P
   NPN Medium Power Transistors
logo
Guangdong Kexin Industr...
BSR40 KEXIN-BSR40 Datasheet
40Kb / 2P
   NPN Medium Power Transistors
logo
STMicroelectronics
STF724 STMICROELECTRONICS-STF724_08 Datasheet
172Kb / 11P
   NPN medium power transistors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com