Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM12J11S207DQA Datasheet(PDF) 3 Page - ITT Industries

Part # CM12J11S207DQA
Description  Single Pole Power Rocker Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

CM12J11S207DQA Datasheet(HTML) 3 Page - ITT Industries

  CM12J11S207DQA Datasheet HTML 1Page - ITT Industries CM12J11S207DQA Datasheet HTML 2Page - ITT Industries CM12J11S207DQA Datasheet HTML 3Page - ITT Industries CM12J11S207DQA Datasheet HTML 4Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Dimensions are shown: Inch (mm)
Dimensions subject to change
www.ittcannon.com
22
ACTUATOR COLOR
C&K CM Series
Single Pole Power Rocker Switches
MOUNTING STYLE/COLOR
OPTION
ACTUATOR
CODE
COLOR
2
(STD.) BLACK
1
WHITE
3
RED
R
RED, ILLUMINATED
A
AMBER, ILLUMINATED
G
GREEN, ILLUMINATED
PANEL
PANEL THICKNESS
“X”
“Y”
0.030-0.049 (0,75-1,25)
1.189-.004 (30,2-0,1)
0.441+.004 (11,2+0,1)
0.049-0.079 (1,25-2,0)
1.197-.004 (30,4-0,1)
0.441+.004 (11,2+0,1)
0.079-0.118 (2,0-3,0)
1.212-.004 (30,8-0,1)
0.441+.004 (11,2+0,1)
S2 (STD.) SNAP-IN, BLACK
S1 SNAP-IN, WHITE
S4 (STD.) SNAP-IN, BLACK (SHORT FRAME)
S3 SNAP-IN, WHITE
TERMINATION
05 (STD.) .250” QUICK CONNECT
07 SOLDER LUG
NOTE: Available with CM101 & CM102 switch functions only.
.709
(18,0)
1.124
(28,55)
.031
(0,8)
.429
(10,9)
1.071
(27,2)
.250
(6,35)
.185
(4,7)
.063 DIA.
(1,6ø)
3
1
2


Similar Part No. - CM12J11S207DQA

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CM12 CML-CM12 Datasheet
227Kb / 1P
   G-3 1/2 Miniature 2 Pin Base
logo
Visual Communications C...
CM12 VCC-CM12 Datasheet
32Kb / 1P
   Base
logo
SICK AG
CM12-08EBP-KC1 SICK-CM12-08EBP-KC1 Datasheet
1Mb / 7P
   CAPACITIVE PROXIMITY SENSORS
CM12-08EBP-KW1 SICK-CM12-08EBP-KW1 Datasheet
1Mb / 7P
   CAPACITIVE PROXIMITY SENSORS
logo
C&K Components
CM12-J11S105DQA-7 CK-COMPONENTS-CM12-J11S105DQA-7 Datasheet
289Kb / 4P
   Single Pole Power Rocker Switches
2018
More results

Similar Description - CM12J11S207DQA

ManufacturerPart #DatasheetDescription
logo
ITT Industries
CG101J12S205QF ITT-CG101J12S205QF Datasheet
154Kb / 4P
   Single Pole Power Rocker Switches
logo
C&K Components
CL101J72S205DQA7 CK-COMPONENTS-CL101J72S205DQA7 Datasheet
651Kb / 4P
   Single Pole Power Rocker Switches
CL CK-COMPONENTS-CL Datasheet
381Kb / 4P
   Single Pole Power Rocker Switches
2018
CM101J12S205DQA7 CK-COMPONENTS-CM101J12S205DQA7 Datasheet
563Kb / 4P
   Single Pole Power Rocker Switches
CG CK-COMPONENTS-CG Datasheet
297Kb / 4P
   Single Pole Power Rocker Switches
2018
CM CK-COMPONENTS-CM Datasheet
289Kb / 4P
   Single Pole Power Rocker Switches
2018
logo
ITT Industries
CL101J72S205QA ITT-CL101J72S205QA Datasheet
144Kb / 4P
   Single Pole Power Rocker Switches
logo
C&K Components
CG101J12S205DQF7 CK-COMPONENTS-CG101J12S205DQF7 Datasheet
761Kb / 4P
   Single Pole Power Rocker Switches
DA101J11S215DQF6 CK-COMPONENTS-DA101J11S215DQF6 Datasheet
286Kb / 4P
   Miniature Single Pole Rocker Switches
DA CK-COMPONENTS-DA Datasheet
505Kb / 4P
   Miniature Single Pole Rocker Switches
15 May 20
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com