Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TISPPBL2P Datasheet(PDF) 11 Page - Bourns Electronic Solutions

Part # TISPPBL2P
Description  DUAL FORWARD-CONDUCTING P-GATE THYRISTORS FOR ERICSSON COMPONENTS SLICS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TISPPBL2P Datasheet(HTML) 11 Page - Bourns Electronic Solutions

Back Button TISPPBL2P Datasheet HTML 7Page - Bourns Electronic Solutions TISPPBL2P Datasheet HTML 8Page - Bourns Electronic Solutions TISPPBL2P Datasheet HTML 9Page - Bourns Electronic Solutions TISPPBL2P Datasheet HTML 10Page - Bourns Electronic Solutions TISPPBL2P Datasheet HTML 11Page - Bourns Electronic Solutions TISPPBL2P Datasheet HTML 12Page - Bourns Electronic Solutions TISPPBL2P Datasheet HTML 13Page - Bourns Electronic Solutions TISPPBL2P Datasheet HTML 14Page - Bourns Electronic Solutions TISPPBL2P Datasheet HTML 15Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
TISPPBL1D, TISPPBL1P, TISPPBL2D, TISPPBL2P
DUAL FORWARD-CONDUCTING P-GATE THYRISTORS
FOR ERICSSON COMPONENTS SLICS
11
PRODUCT
INFORMATION
AUGUST 1997 - REVISED AUGUST 2002
Specifications are subject to change without notice.
PART NUMBER
MAXIMUM VOLTAGE RATINGS
PBL 3762A/2
PBL 3762A/4
PBL 3764A/4
PBL 3764A/6
PBL 3860A/1
PBL 3860A/6
PBL 386 10/2
PBL 386 11/2
PBL 386 14/2
PBL 386 15/2
PBL 386 61/2
PBL 386 65/2
PBL 387 10/1
d.c. VBAT & +2 V, < 10 ms VBAT -20 V & +5 V, < 1 µs VBAT -40 V & +10 V, < 250 ns VBAT -70 V & +15 V
PBL 3766
PBL 3766/6
PBL 3767
PBL 3767/6
d.c. VBAT & +0.5 V, < 10 ms VBAT -20 V & +5 V, < 1 µs VBAT -40 V & +10 V, < 250 ns VBAT -70 V & +15 V
PBL 386 20/2
PBL 386 21/2
PBL 386 30/2
PBL 386 40/2
PBL 386 50/2
d.c. -80 V & +2 V, < 10 ms VBAT -10 V & +5 V, < 1 µs VBAT -25 V & +10 V, < 250 ns VBAT -35 V & +15 V
Figure 15 TIPX AND RINGX RATED VALUES
TIPX or RINGX VOLTAGE RATING vs TIME
(NEGATIVE RATING RELATIVE TO V
Bat )
0
5
10
15
AI6XDBAA
V
Bat - 70
V
Bat - 60
V
Bat - 50
V
Bat - 40
V
Bat - 30
V
Bat - 20
V
Bat - 10
V
Bat
0.25 µs
1 µs
10 ms
Time
TIPX or RINGX VOLTAGE RATING vs TIME
(NEGATIVE RATING RELATIVE TO V
Bat )
0
5
10
15
AI6XDBAB
V
Bat - 70
V
Bat - 60
V
Bat - 50
V
Bat - 40
V
Bat - 30
V
Bat - 20
V
Bat - 10
V
Bat
0.25 µs
1 µs
10 ms
Time
TIPX or RINGX VOLTAGE RATING vs TIME
(NEGATIVE IMPULSE RATING RELATIVE TO V
Bat )
0
5
10
15
AI6XDBAC
V
Bat - 40
V
Bat - 30
V
Bat - 20
V
Bat - 10
V
Bat
0.25 µs
1 µs
10 ms
Time
- 80 V


Similar Part No. - TISPPBL2P

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISPPBL2P POINN-TISPPBL2P Datasheet
364Kb / 19P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS FOR ERICSSON COMPONENTS SLICS?
More results

Similar Description - TISPPBL2P

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISPPBL1D POINN-TISPPBL1D Datasheet
364Kb / 19P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS FOR ERICSSON COMPONENTS SLICS?
logo
Bourns Electronic Solut...
TISPPBL3 BOURNS-TISPPBL3 Datasheet
349Kb / 14P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS FOR ERICSSON MICROELECTRONICS SUBSCRIBER LINE INTERFACE CIRCUITS (SLIC)
logo
Power Innovations Ltd
TISP61060D POINN-TISP61060D Datasheet
286Kb / 14P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61089A POINN-TISP61089A Datasheet
319Kb / 17P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61511D POINN-TISP61511D Datasheet
210Kb / 11P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61089S POINN-TISP61089S Datasheet
284Kb / 16P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
logo
Bourns Electronic Solut...
TISP61511D BOURNS-TISP61511D_08 Datasheet
653Kb / 9P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61089 BOURNS-TISP61089 Datasheet
182Kb / 12P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61521 BOURNS-TISP61521 Datasheet
253Kb / 11P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
logo
Power Innovations Ltd
TISP61089 POINN-TISP61089 Datasheet
425Kb / 17P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com