Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

100AWDP1T1B2M1QE Datasheet(PDF) 3 Page - E-SWITCH

Part # 100AWDP1T1B2M1QE
Description  PROCESS SEALED MINIATURE TOGGLE SWITCHES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

100AWDP1T1B2M1QE Datasheet(HTML) 3 Page - E-SWITCH

  100AWDP1T1B2M1QE Datasheet HTML 1Page - E-SWITCH 100AWDP1T1B2M1QE Datasheet HTML 2Page - E-SWITCH 100AWDP1T1B2M1QE Datasheet HTML 3Page - E-SWITCH 100AWDP1T1B2M1QE Datasheet HTML 4Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
M6
M7
M7
M6
SERIES 100A SWITCHES
13
PROCESS SEALED MINIATURE TOGGLE SWITCHES
Phone: 763-504-3525
Fax: 763-531-8235
www.e-switch.com info@e-switch.com
6.90 [.272]
12.70 [.500]
SWITCH
SUPPORT
.40MM THK.
5.30
[.209]
12.70 [.500]
5.08
[.200]
1.27
[.050] (2 PL)
2.69
[.106]
POS. 3
1
2
POS. 1
POS. 2
3
12.9
[.508]
EPOXY
SEAL
4.70
[.185] TYP
6.17
[.243]
3.17
[.125]
3X 0.76
[.030]
2.92
[.115]
HOLE
4.70
[.185] TYP
1.85
[.073]
(3 PL)
11.50 [.453]
12.70 [.500]
3.81 [.150]
2.92 [.115]
0.76 [.030]
(3 PL)
3.17
[.125]
2.69
[.106]
6.17
[.243]
12.9
[.508]
1.27
[.050]
(2 PL)
5.08
[.200]
4.70
[.185] TYP
EPOXY
SEAL
5.30 [.209]
1
POS. 2
POS. 1
POS. 3
12.70[.50
SWITCH
SUPPORT
.40MM THK.
12.80
[.504]
11.50 [.453]
3.81
[.150] TYP.
4.50
[.177] TYP.
1.52
4.83 [.190]
(6 PL)
EPOXY
SEAL
5.08 [.200]
25°
2.69 TYP.
2
2.67
[.105]
SWITCH SUPPORT
.40MM THK.
12.70 [.500]
6.18
[.243]
10.42 [.410]
5.30 [.209]
7.62 [.300]
6.03
[.237]
1.27 X 0.76 THK.
[.050 X .030 ]
(6 PL)
1.27 [.050]
(2 PL)
5
4
6
6
3
POS. 2
2
POS. 1 POS. 3
P
3.17
[.125]
4.50 [.177] TYP.
1.27 X 0.76 THK.
[.050 X .030 ]
(3 PL)
1.52
EPOXY
SEAL
5.08
[.200]
25°
3.81
[.150] TYP.
2.69 TYP.
2.67 [.105]
SWITCH
SUPPORT
.40MM THK.
12.70
[.500]
6.18
[.243]
10.42
0
[.410]
5.30
[.209]
7.62
[.300]
6.03
[.237]
1.27 [.050]
(2 PL)
POS. 2
POS. 1 POS. 3
3
2
1
3
5.08
[.200]
1.85 [.073] (5 PL)
3.81
[.150] TYP
12.70
[.500]
HOLE
P.C. MOUNTING
P.C. MOUNTING
P.C. MOUNTING
P.C. MOUNTING
SPDT
DPDT
SPDT
DPDT
12.70
[.500]
4.70
[.185]
TYP.
1.85 [.073] (8 PL)
5.08
[.200]
3.81
[.150]
4.83 [.190]
12.70
[.500]
3.81
[.150] TYP
1.85 [.073] (8 PL)
5.08 [.200]
HOLE
PP 01-24 Toggle.qxd
5/6/02
1:51 PM
Page 13


Similar Part No. - 100AWDP1T1B2M1QE

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
100AWDP1T1B2M1QEH E-SWITCH-100AWDP1T1B2M1QEH Datasheet
612Kb / 5P
   TOGGLE SWITCHES - MINIATURE
More results

Similar Description - 100AWDP1T1B2M1QE

ManufacturerPart #DatasheetDescription
logo
C&K Components
E101MD1ABE CK-COMPONENTS-E101MD1ABE Datasheet
539Kb / 8P
   Sealed Miniature Toggle Switches
logo
ITT Industries
E101MD1ABE ITT-E101MD1ABE Datasheet
1Mb / 8P
   Sealed Miniature Toggle Switches
logo
Grayhill, Inc
34BWSP12B4M2RT GRAYHILL-34BWSP12B4M2RT Datasheet
185Kb / 4P
   Sealed Miniature Toggle Switches
logo
C&K Components
E107MD1AV2BE CK-COMPONENTS-E107MD1AV2BE Datasheet
621Kb / 8P
   Sealed Miniature Toggle Switches
E105SD1CBE CK-COMPONENTS-E105SD1CBE Datasheet
610Kb / 8P
   Sealed Miniature Toggle Switches
logo
GREATECS
TK21 GREATECS-TK21 Datasheet
231Kb / 4P
   Sealed Miniature SPDT Toggle Switches
logo
Grayhill, Inc
34DWMSP12B4M2RT GRAYHILL-34DWMSP12B4M2RT Datasheet
134Kb / 3P
   Sealed Sub-Miniature Toggle Switches
logo
DB Lectro Inc
ES40-T DBLECTRO-ES40-T Datasheet
466Kb / 5P
   Sealed Sub-Miniature Toggle Switches
logo
GREATECS
STS1A2B1MTAGER GREATECS-STS1A2B1MTAGER Datasheet
175Kb / 1P
   Sub-Miniature Sealed SMT Toggle Switches
TK41 GREATECS-TK41 Datasheet
176Kb / 3P
   Sealed Sub-Miniature SPDT Toggle Switches
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com