Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CR0603-JX8252E Datasheet(PDF) 5 Page - Bourns Electronic Solutions

Part # CR0603-JX8252E
Description  Chip Resistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CR0603-JX8252E Datasheet(HTML) 5 Page - Bourns Electronic Solutions

  CR0603-JX8252E Datasheet HTML 1Page - Bourns Electronic Solutions CR0603-JX8252E Datasheet HTML 2Page - Bourns Electronic Solutions CR0603-JX8252E Datasheet HTML 3Page - Bourns Electronic Solutions CR0603-JX8252E Datasheet HTML 4Page - Bourns Electronic Solutions CR0603-JX8252E Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
CR0603/CR0805/CR1206 - Chip Resistors
How To Order
CR 1206 - F X - 8252 E __
Model
(CR = Chip Resistor)
Size
• 0603
• 0805
• 1206
Resistance Tolerance
F = ±1 % ..............Used with “X” TCR code only for values from 10 ohms through 1 megohm.
J = ±5 % ..............Used with “W” TCR code for values from 10 ohms through 10 megohms. Used with “/” TCR code for zero ohm (jumper)
and for values from 1 ohm through 9.1 ohms.
TCR (ppm/°C)
X = ±100 ..............Used with “F” Resistance Tolerance code only for values from 10 ohms through 1 megohm.
W = ±200 ..............Used with “J” Resistance Tolerance code for values from 10 ohms through 10 megohms.
/ = -250 to +500 ..Used with “J” Resistance Tolerance code only for zero ohm (jumper), and for values from 1 ohm through 9.1 ohms.
Resistance Value
For 1 % Tolerance:
<100 ohms..............“R” represents decimal point (example: 24R3 = 24.3 ohms)
≥100 ohms ..............First three digits are significant, fourth digit represents number of zeros to follow (example: 8252 = 82.5k ohms).
For 5 % Tolerance:
<10 ohms................“R” represents decimal point (example: 4R7 = 4.7 ohms)
≥10 ohms ................First two digits are significant, third digit represents number of zeros to follow (example: 474 = 470k ohms; 000 = Jumper).
Packaging
E = Paper Tape (5,000 pcs.) on 7 ” Plastic Reel
Termination
LF = Tin-plated (lead free)
__ = Solder-plated
REV. 04/06


Similar Part No. - CR0603-JX8252E

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CR0603-JX-1003ELF BOURNS-CR0603-JX-1003ELF Datasheet
251Kb / 9P
   CR Series - Thick Film Chip Resistors
REV. 03/21
CR0603-JX-1003EPF BOURNS-CR0603-JX-1003EPF Datasheet
223Kb / 7P
   CR-PF Series Ultra-Low Lead Content Thick Film Resistor
REV. 07/20
CR0603-JX-1003GLF BOURNS-CR0603-JX-1003GLF Datasheet
251Kb / 9P
   CR Series - Thick Film Chip Resistors
REV. 03/21
CR0603-JX-1003GPF BOURNS-CR0603-JX-1003GPF Datasheet
223Kb / 7P
   CR-PF Series Ultra-Low Lead Content Thick Film Resistor
REV. 07/20
CR0603-JX-8252EAS BOURNS-CR0603-JX-8252EAS Datasheet
260Kb / 5P
   Chip Resistors
More results

Similar Description - CR0603-JX8252E

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CR2512-LF BOURNS-CR2512-LF Datasheet
287Kb / 2P
   Chip resistors
CR2010 BOURNS-CR2010 Datasheet
196Kb / 2P
   Chip Resistors
CHPREZTR BOURNS-CHPREZTR_14 Datasheet
260Kb / 5P
   Chip Resistors
CRM0805-FX-R100ELF BOURNS-CRM0805-FX-R100ELF Datasheet
300Kb / 3P
   Chip Resistors
CRL0603 BOURNS-CRL0603 Datasheet
124Kb / 1P
   Chip Resistors
CR2010 BOURNS-CR2010_08 Datasheet
230Kb / 2P
   Chip Resistors
CR0805 BOURNS-CR0805 Datasheet
287Kb / 2P
   Chip Resistors
CR0201-LF BOURNS-CR0201-LF Datasheet
294Kb / 2P
   Chip Resistors
CR1206-FX-3301ELF BOURNS-CR1206-FX-3301ELF Datasheet
218Kb / 5P
   Chip Resistors
CRL2010 BOURNS-CRL2010 Datasheet
124Kb / 1P
   Chip resistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com