Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC856BF Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BC856BF
Description  PNP general purpose transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BC856BF Datasheet(HTML) 4 Page - NXP Semiconductors

  BC856BF Datasheet HTML 1Page - NXP Semiconductors BC856BF Datasheet HTML 2Page - NXP Semiconductors BC856BF Datasheet HTML 3Page - NXP Semiconductors BC856BF Datasheet HTML 4Page - NXP Semiconductors BC856BF Datasheet HTML 5Page - NXP Semiconductors BC856BF Datasheet HTML 6Page - NXP Semiconductors BC856BF Datasheet HTML 7Page - NXP Semiconductors BC856BF Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
1999 May 21
4
Philips Semiconductors
Preliminary specification
PNP general purpose transistors
BC856F; BC857F; BC858F series
THERMAL CHARACTERISTICS
Note
1. Transistor mounted on an FR4 printed-circuit board.
CHARACTERISTICS
Tamb =25 °C unless otherwise specified.
Note
1. Pulse test: tp ≤ 300 µs; δ≤ 0.02.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
in free air; note 1
500
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
ICBO
collector cut-off current
IE = 0; VCB = −30 V
−−15
nA
IE = 0; VCB = −30 V; Tj = 150 °C
−−5
µA
IEBO
emitter cut-off current
IC = 0; VEB = −5V
−−100
nA
hFE
DC current gain
IC = −2 mA; VCE = −5V
BC856AF; BC857AF; BC858AF
125
250
BC856BF; BC857BF; BC858BF
220
475
BC857CF; BC858CF
420
800
VCEsat
collector-emitter saturation voltage
IC = −10 mA; IB = −0.5 mA
−−200
mV
IC = −100 mA; IB = −5 mA; note 1
−−400
mV
VBE
base-emitter voltage
IC = −2 mA; VCE = −5V
−600
−750
mV
IC = −10 mA; VCE = −5V
−−820
mV
Cc
collector capacitance
IE =ie = 0; VCB = −10 V; f = 1 MHz
2.5
pF
fT
transition frequency
IC = −10 mA; VCE = −5 V; f = 100 MHz
100
MHz
F
noise figure
IC = −200 µA; VCE = −5 V; RS =2kΩ;
f = 1 kHz; B = 220 Hz
10
dB


Similar Part No. - BC856BF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC856B PHILIPS-BC856B Datasheet
47Kb / 8P
   PNP general purpose transistors
1999 Apr 12
logo
GUANGDONG HOTTECH INDUS...
BC856B HOTTECH-BC856B Datasheet
498Kb / 3P
   Plastic-Encapsulate Transistors
logo
Taiwan Semiconductor Co...
BC856B TSC-BC856B Datasheet
88Kb / 3P
   0.2 Watts PNP Plastic-Encapsulate Transistors
logo
Rectron Semiconductor
BC856B RECTRON-BC856B Datasheet
518Kb / 6P
   Ideally suited for automatic insertion
logo
Infineon Technologies A...
BC856B INFINEON-BC856B Datasheet
887Kb / 14P
   PNP Silicon AF Transistor
2008-04-29
More results

Similar Description - BC856BF

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
SS8550LT1 WEITRON-SS8550LT1 Datasheet
404Kb / 4P
   PNP General Purpose Transistors
S9012 WEITRON-S9012 Datasheet
1Mb / 4P
   PNP General Purpose Transistors
logo
NXP Semiconductors
BCX71 PHILIPS-BCX71 Datasheet
43Kb / 8P
   PNP general purpose transistors
1999 Apr 20
BC859 PHILIPS-BC859 Datasheet
46Kb / 8P
   PNP general purpose transistors
1999 May 28
BCX17 PHILIPS-BCX17 Datasheet
42Kb / 8P
   PNP general purpose transistors
1999 May 31
logo
Weitron Technology
A1015 WEITRON-A1015 Datasheet
720Kb / 4P
   PNP General Purpose Transistors
2SA1036K WEITRON-2SA1036K Datasheet
209Kb / 4P
   PNP General Purpose Transistors
logo
NXP Semiconductors
BC857BW115 NXP-BC857BW115 Datasheet
163Kb / 10P
   PNP general purpose transistors
2002 Feb 04
BCW69 PHILIPS-BCW69_15 Datasheet
119Kb / 6P
   PNP general purpose transistors
2004 Feb 06
logo
First Components Intern...
2N3905 FCI-2N3905_6 Datasheet
77Kb / 2P
   PNP General Purpose Transistors
logo
Weitron Technology
KTA1505 WEITRON-KTA1505 Datasheet
411Kb / 3P
   PNP General Purpose Transistors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com