Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8397ARZ-REEL Datasheet(PDF) 10 Page - Analog Devices

Part # AD8397ARZ-REEL
Description  Rail-to-Rail, High Output Current Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8397ARZ-REEL Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8397ARZ-REEL Datasheet HTML 6Page - Analog Devices AD8397ARZ-REEL Datasheet HTML 7Page - Analog Devices AD8397ARZ-REEL Datasheet HTML 8Page - Analog Devices AD8397ARZ-REEL Datasheet HTML 9Page - Analog Devices AD8397ARZ-REEL Datasheet HTML 10Page - Analog Devices AD8397ARZ-REEL Datasheet HTML 11Page - Analog Devices AD8397ARZ-REEL Datasheet HTML 12Page - Analog Devices AD8397ARZ-REEL Datasheet HTML 13Page - Analog Devices AD8397ARZ-REEL Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AD8397
Rev. 0 | Page 10 of 16
0
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0.01
10
1
0.1
FREQUENCY (MHz)
SECOND
HARMONIC
THIRD
HARMONIC
Figure 17. Distortion vs. Frequency
(VS = ±5 V, VO = 2 V p-p, G = +2, RL = 25 Ω)
–40
–120
–110
–100
–90
–80
–70
–60
–50
0
0.25 0.50 0.75 1.00 1.25 1.50 1.75 2.00 2.25 2.50 2.75
OUTPUT VOLTAGE (V p-p)
SECOND
HARMONIC
THIRD
HARMONIC
Figure 18. Distortion vs. Output Voltage @ 100 kHz,
(VS = ±1.5 V, G = +2, RL = 25 Ω)
–40
–120
–110
–100
–90
–80
–70
–60
–50
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
OUTPUT VOLTAGE (V p-p)
SECOND
HARMONIC
THIRD
HARMONIC
Figure 19. Distortion vs. Output Voltage @ 100 kHz,
(VS = ±2.5 V, G = +2, RL = 25 Ω)
–40
–120
–110
–100
–90
–80
–70
–60
–50
012
345
678
9
10
OUTPUT VOLTAGE (V p-p)
SECOND
HARMONIC
THIRD
HARMONIC
Figure 20. Distortion vs. Output Voltage @ 100 kHz,
(VS = ±5 V, G = +2, RL = 25 Ω)
–40
–120
–110
–100
–90
–80
–70
–60
–50
0
2
4
6
8
10
12
14
16
18
20
22
24
OUTPUT VOLTAGE (V p-p)
SECOND
HARMONIC
THIRD
HARMONIC
Figure 21. Distortion vs. Output Voltage @ 100 kHz,
(VS = ±12 V, G = +5, RL = 50 Ω)


Similar Part No. - AD8397ARZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8397 AD-AD8397_15 Datasheet
246Kb / 16P
   Rail-to-Rail, High Output Current Amplifier
REV. A
More results

Similar Description - AD8397ARZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8397 AD-AD8397_15 Datasheet
246Kb / 16P
   Rail-to-Rail, High Output Current Amplifier
REV. A
logo
STMicroelectronics
TS924 STMICROELECTRONICS-TS924 Datasheet
131Kb / 11P
   RAIL TO RAIL HIGH OUTPUT CURRENT QUAD OPERATIONAL AMPLIFIER
TS924 STMICROELECTRONICS-TS924_08 Datasheet
322Kb / 14P
   Rail-to-rail high output current quad operational amplifier
TS921 STMICROELECTRONICS-TS921_05 Datasheet
371Kb / 14P
   Rail-to-Rail High Output Current Single Operational Amplifier
TS921 STMICROELECTRONICS-TS921 Datasheet
115Kb / 11P
   RAIL TO RAIL HIGH OUTPUT CURRENT SINGLE OPERATIONAL AMPLIFIER
March 1999
TS922 STMICROELECTRONICS-TS922 Datasheet
117Kb / 11P
   RAIL TO RAIL HIGH OUTPUT CURRENT DUAL OPERATIONAL AMPLIFIER
March 1999
TS922H STMICROELECTRONICS-TS922H Datasheet
46Kb / 6P
   RAIL TO RAIL HIGH OUTPUT CURRENT DUAL OPERATIONAL AMPLIFIER
TS922AIDT STMICROELECTRONICS-TS922AIDT Datasheet
1Mb / 24P
   Rail-to-rail, high output current dual operational amplifier
TS922 STMICROELECTRONICS-TS922_07 Datasheet
480Kb / 21P
   Rail-to-rail high output current dual operational amplifier
TS924 STMICROELECTRONICS-TS924_05 Datasheet
385Kb / 14P
   Rail-to-rail High Output Current Quad Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com