Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC1210 Datasheet(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # AMC1210
Description  Quad Digital Filter for 2nd-Order Delta-Sigma Modulator
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

AMC1210 Datasheet(HTML) 6 Page - Burr-Brown (TI)

Back Button AMC1210 Datasheet HTML 2Page - Burr-Brown (TI) AMC1210 Datasheet HTML 3Page - Burr-Brown (TI) AMC1210 Datasheet HTML 4Page - Burr-Brown (TI) AMC1210 Datasheet HTML 5Page - Burr-Brown (TI) AMC1210 Datasheet HTML 6Page - Burr-Brown (TI) AMC1210 Datasheet HTML 7Page - Burr-Brown (TI) AMC1210 Datasheet HTML 8Page - Burr-Brown (TI) AMC1210 Datasheet HTML 9Page - Burr-Brown (TI) AMC1210 Datasheet HTML 10Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 47 page
background image
www.ti.com
MODULATOR INPUT MODES
TIMING CHARACTERISTICS
Mode0
CLKx
INx
t
su1
t
h1
t
w1
t
w2
CLKx
INx
Mode1
t
su2
t
su2
t
h2
t
h2
t
w3
t
w4
Modulatorinternalclock
Modulatorinternaldata
Mode2
(Manchester-encodedbitstream)
1
0
1
1
0
0
1
1
1
t
w6
t
w5
INx
CLKx
INx
Mode3
(CLKxisdrivenexternally)
t
w7
t
w8
t
su3
t
h3
CLKx
INx
CLK
t
w11
Mode3
(CLKxisgeneratedbyAMC1210)
t
d11
t
w12
t
d2
t
w10
t
w9
t
su4
t
h4
AMC1210
SBAS372A – APRIL 2006 – REVISED OCTOBER 2006
Over recommended operating free-air temperature range at –40°C to +125°C, DVDD = +5V, CVDD = +5V, BVDD = +2.7V, unless otherwise
noted.
PARAMETER
MIN
MAX
UNIT
tw1
Mode 0 clock period CLKx
45
1/64th of CLK period
ns
tw2
Mode 0 clock high time CLKx
10
tw1 –10
ns
tsu1
Setup time from data valid to CLKx high
5
ns
th1
Hold time from CLKx high to data invalid
5
ns
tw3
Mode 1 clock period CLKx
90
1/128th of CLK period
ns
tw4
Mode 1 clock high time CLKx
20
tw3 –10
ns
tsu2
Setup time from data valid to CLKx high or low
5
ns
th2
Hold time from CLKx high or low to data invalid
5
ns
tw5
Mode 2 data width INx
45
ns
tw6
Mode 2 data pulse width INx
22
ns
tw7
Mode 3 clock period CLKx
22
1/32nd of CLK period
ns
tw8
Mode 3 clock high time CLKx
5
tw7 –5
ns
tsu3
Setup time from data valid to any CLKx high
5
ns
th3
Hold time from any CLKx high to data invalid
5
ns
tw9
System clock period CLK
11
ns
106
tw10
System clock high time CLK
3
tw9 –3
ns
tw11
Mode 3 generated clock period CLKx
tw9
tw9 x MD control bits
ns
tw12
Mode 3 generated high time CLKx
tw10 - 2
tw10 +2
ns
td1
Delay from system clock CLK high to generated CLKx high
0
3
ns
td2
Delay from system clock CLK low to generated CLKx low
0
3
ns
tsu4
Setup time from data valid to any CLKx high
5
ns
th4
Hold time from any CLKx high to data invalid
5
ns
Figure 1. Modulator Input Mode Timing
6
Submit Documentation Feedback


Similar Part No. - AMC1210

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1210 TI1-AMC1210 Datasheet
117Kb / 9P
[Old version datasheet]   Full-featured evaluation module
AMC1210 TI1-AMC1210 Datasheet
1Mb / 54P
[Old version datasheet]   Quad Digital Filter for 2nd-Order Delta-Sigma Modulator
logo
Ohmite Mfg. Co.
AMC1210 OHMITE-AMC1210 Datasheet
550Kb / 3P
   Thick Film Automotive Grade Chips
logo
Texas Instruments
AMC1210 TI1-AMC1210_14 Datasheet
1Mb / 54P
[Old version datasheet]   Quad Digital Filter for 2nd-Order Delta-Sigma Modulator
More results

Similar Description - AMC1210

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1210 TI1-AMC1210_14 Datasheet
1Mb / 54P
[Old version datasheet]   Quad Digital Filter for 2nd-Order Delta-Sigma Modulator
ADS1208 TI1-ADS1208_14 Datasheet
426Kb / 25P
[Old version datasheet]   2nd-Order Delta-Sigma Modulator with Excitation for Hall Elements
ADS1208 TI1-ADS1208 Datasheet
309Kb / 23P
[Old version datasheet]   2nd-Order Delta-Sigma Modulator with Excitation for Hall Elements
logo
Burr-Brown (TI)
ADS1208 BURR-BROWN-ADS1208 Datasheet
381Kb / 22P
   2nd-Order Delta-Sigma Modulator with Excitation for Hall Elements
logo
Texas Instruments
AMC1203 TI-AMC1203_15 Datasheet
990Kb / 29P
[Old version datasheet]   1-Bit, 10MHz, 2nd-Order, Isolated Delta-Sigma Modulator
AMC1203 TI-AMC1203 Datasheet
695Kb / 23P
[Old version datasheet]   1-Bit, 10MHz, 2nd-Order, Isolated Delta-Sigma Modulator
logo
Burr-Brown (TI)
ADS1202 BURR-BROWN-ADS1202 Datasheet
311Kb / 21P
   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
logo
Texas Instruments
ADS1202 TI1-ADS1202_14 Datasheet
890Kb / 26P
[Old version datasheet]   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
ADS1202 TI1-ADS1202 Datasheet
502Kb / 24P
[Old version datasheet]   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
ADS1202IPWRG4 TI-ADS1202IPWRG4 Datasheet
875Kb / 25P
[Old version datasheet]   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com