Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC1210IRHATG4 Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # AMC1210IRHATG4
Description  Quad Digital Filter for 2nd-Order Delta-Sigma Modulator
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

AMC1210IRHATG4 Datasheet(HTML) 5 Page - Burr-Brown (TI)

  AMC1210IRHATG4 Datasheet HTML 1Page - Burr-Brown (TI) AMC1210IRHATG4 Datasheet HTML 2Page - Burr-Brown (TI) AMC1210IRHATG4 Datasheet HTML 3Page - Burr-Brown (TI) AMC1210IRHATG4 Datasheet HTML 4Page - Burr-Brown (TI) AMC1210IRHATG4 Datasheet HTML 5Page - Burr-Brown (TI) AMC1210IRHATG4 Datasheet HTML 6Page - Burr-Brown (TI) AMC1210IRHATG4 Datasheet HTML 7Page - Burr-Brown (TI) AMC1210IRHATG4 Datasheet HTML 8Page - Burr-Brown (TI) AMC1210IRHATG4 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 47 page
background image
www.ti.com
AMC1210
SBAS372A – APRIL 2006 – REVISED OCTOBER 2006
DEVICE INFORMATION (continued)
Table 1. TERMINAL FUNCTIONS
TERMINAL
NO.
NAME
I/O
DESCRIPTION
1
CVDD
Modulator side supply(1)
2
IN1
Input
Data input from Modulator 1
3
CLK1
Bidirectional
Clock from/to Modulator 1
4
IN2
Input
Data input from Modulator 2
5
CLK2
Bidirectional
Clock from/to Modulator 2
6
IN3
Input
Data input from Modulator 3
7
CLK3
Bidirectional
Clock from/to Modulator 3
8
IN4
Input
Data input from Modulator 4
9
CLK4
Bidirectional
Clock from/to Modulator 4
10
AVDD
Signal generator supply
11
PWM1
Output
Signal generator output
12
PWM2
Output
Signal generator output (inverted)
13
AGND
Signal generator ground
14
DVDD
Core supply
15
GND
Ground
16
CLK
Input
System clock
17
SH1
Input
First asynchronous sample-and-hold
18
SH2
Input
Second asynchronous sample-and-hold
19
ACK
Output
Acknowledge signal
20
INT
Output
Interrupt signal
21
AD7
Bidirectional
Data bus bit 7 (most significant bit)
22
AD6
Bidirectional
Data bus bit 6
23
AD5
Bidirectional
Data bus bit 5
24
AD4
Bidirectional
Data bus bit 4
25
AD3
Bidirectional
Data bus bit 3
26
AD2
Bidirectional
Data bus bit 2
27
AD1
Bidirectional
Data bus bit 1
28
AD0
Bidirectional
Data bus bit 0 (least significant bit)(2)
29
GND
Ground
30
BVDD
Controller side supply(3)
31
WR
Input
Write signal(2)
32
RD
Input
Read signal(2)
33
CS
Input
Chip select signal(2)
34
ALE
Input
Address latch enable (2)
35
M0
Input
First mode pin
36
M1
Input
Second mode pin
37
RST
Input
Active-low asynchronous reset
38
TE
Input
For factory test only; must be tied to ground
39
DVDD
Core supply
40
GND
Ground
(1)
The pins for the modulator side are 1 to 9.
(2)
Functionality is dependent on device setup. To see a list of pin functions/names in each mode, see Table 3.
(3)
The pins for the controller side are 16 to 38.
5
Submit Documentation Feedback


Similar Part No. - AMC1210IRHATG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1210 TI1-AMC1210 Datasheet
117Kb / 9P
[Old version datasheet]   Full-featured evaluation module
AMC1210 TI1-AMC1210 Datasheet
1Mb / 54P
[Old version datasheet]   Quad Digital Filter for 2nd-Order Delta-Sigma Modulator
logo
Ohmite Mfg. Co.
AMC1210 OHMITE-AMC1210 Datasheet
550Kb / 3P
   Thick Film Automotive Grade Chips
logo
Texas Instruments
AMC1210 TI1-AMC1210_14 Datasheet
1Mb / 54P
[Old version datasheet]   Quad Digital Filter for 2nd-Order Delta-Sigma Modulator
More results

Similar Description - AMC1210IRHATG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1210 TI1-AMC1210_14 Datasheet
1Mb / 54P
[Old version datasheet]   Quad Digital Filter for 2nd-Order Delta-Sigma Modulator
ADS1208 TI1-ADS1208_14 Datasheet
426Kb / 25P
[Old version datasheet]   2nd-Order Delta-Sigma Modulator with Excitation for Hall Elements
ADS1208 TI1-ADS1208 Datasheet
309Kb / 23P
[Old version datasheet]   2nd-Order Delta-Sigma Modulator with Excitation for Hall Elements
logo
Burr-Brown (TI)
ADS1208 BURR-BROWN-ADS1208 Datasheet
381Kb / 22P
   2nd-Order Delta-Sigma Modulator with Excitation for Hall Elements
logo
Texas Instruments
AMC1203 TI-AMC1203_15 Datasheet
990Kb / 29P
[Old version datasheet]   1-Bit, 10MHz, 2nd-Order, Isolated Delta-Sigma Modulator
AMC1203 TI-AMC1203 Datasheet
695Kb / 23P
[Old version datasheet]   1-Bit, 10MHz, 2nd-Order, Isolated Delta-Sigma Modulator
logo
Burr-Brown (TI)
ADS1202 BURR-BROWN-ADS1202 Datasheet
311Kb / 21P
   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
logo
Texas Instruments
ADS1202 TI1-ADS1202_14 Datasheet
890Kb / 26P
[Old version datasheet]   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
ADS1202 TI1-ADS1202 Datasheet
502Kb / 24P
[Old version datasheet]   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
ADS1202IPWRG4 TI-ADS1202IPWRG4 Datasheet
875Kb / 25P
[Old version datasheet]   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com